Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP512SQ18T1G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP512SQ18T1G
Description  80 mA CMOS Low Iq Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP512SQ18T1G Datasheet(HTML) 8 Page - ON Semiconductor

  NCP512SQ18T1G Datasheet HTML 1Page - ON Semiconductor NCP512SQ18T1G Datasheet HTML 2Page - ON Semiconductor NCP512SQ18T1G Datasheet HTML 3Page - ON Semiconductor NCP512SQ18T1G Datasheet HTML 4Page - ON Semiconductor NCP512SQ18T1G Datasheet HTML 5Page - ON Semiconductor NCP512SQ18T1G Datasheet HTML 6Page - ON Semiconductor NCP512SQ18T1G Datasheet HTML 7Page - ON Semiconductor NCP512SQ18T1G Datasheet HTML 8Page - ON Semiconductor NCP512SQ18T1G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NCP512
http://onsemi.com
8
ORDERING INFORMATION
Device
Nominal
Output Voltage*
Marking
Package
Shipping
NCP512SQ13T1G
1.3
LIW
SC−88A (SOT−353)
(Pb−Free)
3000 Units/
7″ Tape & Reel
NCP512SQ13T2G
NCP512SQ15T1G
1.5
LCK
NCP512SQ15T2G
NCP512SQ18T1G
1.8
LCL
NCP512SQ18T2G
NCP512SQ22T1G
2.2
LIA
NCP512SQ22T2G
NCP512SQ25T1G
2.5
LCM
NCP512SQ25T2G
NCP512SQ27T1G
2.7
LCN
NCP512SQ27T2G
NCP512SQ28T1G
2.8
LCO
NCP512SQ28T2G
NCP512SQ30T1G
3.0
LCP
NCP512SQ30T2G
NCP512SQ31T1G
3.1
LFO
NCP512SQ31T2G
NCP512SQ33T1G
3.3
LCQ
NCP512SQ33T2G
NCP512SQ50T1G
5.0
LCR
NCP512SQ50T2G
*Additional voltages in 100 mV steps are available upon request by contacting your ON Semiconductor representative.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.


Similar Part No. - NCP512SQ18T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP512SQ18T1G ONSEMI-NCP512SQ18T1G Datasheet
142Kb / 9P
   CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
More results

Similar Description - NCP512SQ18T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP553SQ18T1G ONSEMI-NCP553SQ18T1G Datasheet
134Kb / 8P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
June, 2013 ??Rev. 3
NCP552 ONSEMI-NCP552 Datasheet
66Kb / 10P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
September, 2004 ??Rev. 5
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP563 ONSEMI-NCP563 Datasheet
62Kb / 10P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2004 ??Rev. 6
NCP565 ONSEMI-NCP565_16 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_16 Datasheet
99Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
December, 2016 ??Rev. 21
NCP502 ONSEMI-NCP502_07 Datasheet
92Kb / 11P
   80 mA CMOS Low Iq, Low?묭ropout Voltage Regulator
February, 2007 ??Rev. 12
NCP502 ONSEMI-NCP502 Datasheet
114Kb / 10P
   80 mA CMOS Low Iq Voltage Regulator in an SC70??
January, 2005 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com