Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT706RVI-GT3 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT706RVI-GT3
Description  uP Supervisory Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT706RVI-GT3 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT706RVI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT706RVI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT706RVI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT706RVI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT706RVI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT706RVI-GT3 Datasheet HTML 9Page - ON Semiconductor CAT706RVI-GT3 Datasheet HTML 10Page - ON Semiconductor CAT706RVI-GT3 Datasheet HTML 11Page - ON Semiconductor CAT706RVI-GT3 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CAT705, CAT706, CAT813
http://onsemi.com
9
APPLICATION NOTES
mP’s with Bidirectional Reset Pins
The RESET output can be pulled low by processors like
the 68HC11 allowing for a system reset issued by the
processor. The maximum pullup current that can be sourced
by the CAT705 & CAT706 1.5 mA (and by the CAT706
T/R/S is 800
mA) allowing the processor to pull the output
low even when the CAT70x is pulling it high.
Power Transients
Generally short duration negative−going transients of less
than 2
ms on the power supply at VRST minimum will not
cause a reset condition. However the lower the voltage of the
transient the shorter the required time to cause a reset output.
These issues can usually be remedied by the proper location
of bypass capacitance on the circuit board.
Output Valid Conditions
The RESET output uses a push−pull output which can
maintain a valid output down to a VCC of 1.0 volts. To sink
current below 0.8 V a resistor can be connected from
RESET to Ground (see Figure 11.) This arrangement will
maintain a valid value on the RESET output during both
power up and down but will draw current when the RESET
output is in the high state. A resistor value of about 100 k
W
should be adequate in most situations to maintain a low
condition valid output down to VCC equal to 1.0 V.
mC
WDI
GND
PFI
CAT705
CAT706
CAT813
100 kW
Figure 11. RESET Valid for VCC < 1.0 V
RESET/RESET
RESET/RESET
PFO
WDO
VCC
MR
mC
I/O LINE
INTERRUPT
NMI
VCC
Push Switch
5 V
WDI
GND
PFI
CAT705
CAT706
CAT813
UNREGULATED DC
Figure 12. Typical Operating Circuit
VCC
MR
PFO
WDO
RESET/RESET
RESET/RESET


Similar Part No. - CAT706RVI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT706RVI-G CATALYST-CAT706RVI-G Datasheet
229Kb / 14P
   關P Supervisory Circuits
logo
ON Semiconductor
CAT706RVI-G ONSEMI-CAT706RVI-G Datasheet
128Kb / 14P
   關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com