Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5686G Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N5686G
Description  High-Current Complementary Silicon Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5686G Datasheet(HTML) 4 Page - ON Semiconductor

  2N5686G Datasheet HTML 1Page - ON Semiconductor 2N5686G Datasheet HTML 2Page - ON Semiconductor 2N5686G Datasheet HTML 3Page - ON Semiconductor 2N5686G Datasheet HTML 4Page - ON Semiconductor 2N5686G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2N5684 (PNP), 2N5686 (NPN)
http://onsemi.com
4
500
0.5
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
5.0
0.7 1.0
2.0
5.0 7.0
10
20
50
70
30
20
10
100
50
TJ = +150°C
+25
°C
-55
°C
7.0
200
300
VCE = 2.0 V
VCE = 10 V
3.0
30
PNP
2N5684
IC, COLLECTOR CURRENT (AMP)
TJ = +150°C
+25
°C
-55
°C
VCE = 2.0 V
VCE = 10 V
NPN
2N5686
Figure 9. Collector Saturation Region
2.0
0.1
IB, BASE CURRENT (AMP)
0
0.2
1.0
2.0
5.0
10
0.8
0.4
IC = 10 A
TJ = 25°C
25 A
1.2
1.6
0.5
3.0
40 A
0.1
IB, BASE CURRENT (AMP)
0.2
1.0
2.0
5.0
10
IC = 10 A
TJ = 25°C
25 A
0.5
3.0
40 A
0.3
2.5
0.5
IC, COLLECTOR CURRENT (AMP)
0.7
1.0
2.0
3.0
5.0
10
20
50
2.0
1.5
1.0
0.5
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
Figure 10. “On” Voltages
30
VBE @ VCE = 2.0 V
7.0
2.0
0.5
IC, COLLECTOR CURRENT (AMP)
0.7
1.0
2.0
3.0
5.0
10
20
50
1.6
1.2
0.8
0.4
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
30
VBE @ VCE = 2.0 V
500
0.5
5.0
0.7 1.0
2.0
5.0 7.0
10
20
50
70
30
20
10
100
50
7.0
200
300
3.0
30
2.0
0
0.8
0.4
1.2
1.6


Similar Part No. - 2N5686G

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5686 MOSPEC-2N5686 Datasheet
185Kb / 4P
   POWER TRANSISTORS(50A,300W)
logo
ON Semiconductor
2N5686 ONSEMI-2N5686 Datasheet
133Kb / 8P
   High-Current Complementary Silicon Power Transistors
May, 2001 ??Rev. 10
logo
Microsemi Corporation
2N5686 MICROSEMI-2N5686 Datasheet
58Kb / 2P
   NPN POWER SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N5686 ETC-2N5686 Datasheet
347Kb / 8P
   Power Transistors
logo
ON Semiconductor
2N5686 ONSEMI-2N5686 Datasheet
151Kb / 7P
   High?묬urrent Complementary Silicon Power Transistors
March, 2006 ??Rev. 11
More results

Similar Description - 2N5686G

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N5684 NJSEMI-2N5684 Datasheet
206Kb / 2P
   HIGH-CURRENT COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
MJ11028 ONSEMI-MJ11028_08 Datasheet
121Kb / 4P
   High-Current Complementary Silicon Power Transistors
September, 2008 ??Rev. 6
logo
New Jersey Semi-Conduct...
MJ11028 NJSEMI-MJ11028 Datasheet
84Kb / 2P
   High-Current Complementary Silicon Power Transistors
logo
ON Semiconductor
2N5684 ONSEMI-2N5684 Datasheet
133Kb / 8P
   High-Current Complementary Silicon Power Transistors
May, 2001 ??Rev. 10
logo
New Jersey Semi-Conduct...
MJ14001 NJSEMI-MJ14001 Datasheet
121Kb / 2P
   High-Current Complementary Silicon Power Transistors
logo
ON Semiconductor
MJ11015 ONSEMI-MJ11015_08 Datasheet
121Kb / 4P
   High-Current Complementary Silicon Transistors
September, 2008 ??Rev. 5
MJ11012 ONSEMI-MJ11012_01 Datasheet
68Kb / 4P
   High-Current Complementary Silicon Transistors
May, 2001 ??Rev. 4
logo
NTE Electronics
NTE29 NTE-NTE29 Datasheet
24Kb / 2P
   Silicon Complementary Transistors High Power, High Current Switch
NTE2534 NTE-NTE2534 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2513 NTE-NTE2513 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com