Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

51296-4094 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 51296-4094
Description  0.5 FPC CONN ZIF E/0 HSG ASSY (HGT=1.3)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

51296-4094 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  51296-4094 Datasheet HTML 1Page - Molex Electronics Ltd. 51296-4094 Datasheet HTML 2Page - Molex Electronics Ltd. 51296-4094 Datasheet HTML 3Page - Molex Electronics Ltd. 51296-4094 Datasheet HTML 4Page - Molex Electronics Ltd. 51296-4094 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image


Similar Part No. - 51296-4094

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
51296 MOLEX-51296 Datasheet
2Mb / 2P
   0.30 and 0.50mm Pitch Ultra-low Profile SMT FFC/FPC Connectors
More results

Similar Description - 51296-4094

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0526891687 MOLEX11-0526891687 Datasheet
629Kb / 6P
   0.5 FPC CONN NON ZIF HSG ASSY FOR SMT
0548092175 MOLEX11-0548092175 Datasheet
551Kb / 7P
   0.3 FPC CONN E/0 HSG ASSY GOLD PLT H=1.3 -LEAD FREE-
155200 MOLEX11-155200 Datasheet
487Kb / 6P
   0.5 FPC CONN ZIF HSG ASSY FOR SMT RA BTM CONT
54104-3292 MOLEX11-54104-3292 Datasheet
605Kb / 6P
   0.5 FPC Conn Zif Hsg Assy for SMT RA Upr Cont
5020785162_SD MOLEX-5020785162_SD Datasheet
1Mb / 5P
   0.25MM PITCH FPC CONN HGT =1.0 HSG ASSY EMBOSSED TAPE PACKAGE
2017/01/27
0545481070 MOLEX11-0545481070 Datasheet
487Kb / 6P
   0.5 FPC CONN ZIF HSG ASSY FOR SMT RA BTM CONT -LEAD FREE-
0512964093 MOLEX11-0512964093 Datasheet
426Kb / 5P
   0.5 FPC CONN EASY ON HGT= 1.3MM ASSY -LEAD FREE-
0512966094 MOLEX11-0512966094 Datasheet
483Kb / 5P
   0.5 FPC CONN EASY ON HGT= 1.3MM ASSY -LEAD FREE-
0545500594 MOLEX11-0545500594 Datasheet
524Kb / 6P
   0.5 FPC CONN ZIF HSG ASSY FOR SMT RA UPPER CONT -LEAD FREE-
0512965494 MOLEX11-0512965494 Datasheet
483Kb / 5P
   0.5 FPC CONN EASY ON HGT= 1.3MM ASSY -LEAD FREE-
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com