Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRFR4620TRR Datasheet(PDF) 4 Page - International Rectifier

Part # AUIRFR4620TRR
Description  Specifically designed for Automotive applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRFR4620TRR Datasheet(HTML) 4 Page - International Rectifier

  AUIRFR4620TRR Datasheet HTML 1Page - International Rectifier AUIRFR4620TRR Datasheet HTML 2Page - International Rectifier AUIRFR4620TRR Datasheet HTML 3Page - International Rectifier AUIRFR4620TRR Datasheet HTML 4Page - International Rectifier AUIRFR4620TRR Datasheet HTML 5Page - International Rectifier AUIRFR4620TRR Datasheet HTML 6Page - International Rectifier AUIRFR4620TRR Datasheet HTML 7Page - International Rectifier AUIRFR4620TRR Datasheet HTML 8Page - International Rectifier AUIRFR4620TRR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AUIRFR4620
4
www.irf.com
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance vs. Temperature
Fig 2. Typical Output Characteristics
Fig 6. Typical Gate Charge vs. Gate-to-Source Voltage
Fig 5. Typical Capacitance vs. Drain-to-Source Voltage
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
VGS
TOP
15V
12V
10V
8.0V
7.0V
6.0V
5.5V
BOTTOM
5.0V
≤60μs PULSE WIDTH
Tj = 25°C
5.0V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
VGS
TOP
15V
12V
10V
8.0V
7.0V
6.0V
5.5V
BOTTOM
5.0V
≤60μs PULSE WIDTH
Tj = 175°C
5.0V
2
4
6
8
10
12
14
16
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VDS = 50V
≤60μs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
ID = 15A
VGS = 10V
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
5
10
15
20
25
30
35
QG, Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= 160V
VDS= 100V
VDS= 40V
ID= 15A


Similar Part No. - AUIRFR4620TRR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRFR4620TRL INFINEON-AUIRFR4620TRL Datasheet
632Kb / 10P
   AUTOMOTIVE GRADE
2015-12-1
More results

Similar Description - AUIRFR4620TRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFS3207Z IRF-AUIRFS3207Z Datasheet
266Kb / 13P
   Specifically designed for Automotive applications
AUIRFP4004 IRF-AUIRFP4004 Datasheet
281Kb / 11P
   Specifically designed for Automotive applications
AUIRLR2905Z IRF-AUIRLR2905Z Datasheet
278Kb / 13P
   Specifically designed for Automotive applications
IRLR3705Z IRF-IRLR3705Z Datasheet
286Kb / 11P
   Specifically designed for Automotive applications,this HEXFET Power MOSFET
logo
TE Connectivity Ltd
U7100 TEC-U7100 Datasheet
321Kb / 7P
   Designed specifically for high volume applications
logo
Raltron Electronics Cor...
VC8825A RALTRON-VC8825A Datasheet
84Kb / 2P
   Specifically designed for OC192
logo
ADTech
MAGIC9 ADTECH-MAGIC9 Datasheet
166Kb / 8P
   specifically designed for LED lighting applications for AC power system
MAGIC6 ADTECH-MAGIC6 Datasheet
101Kb / 10P
   specifically designed for LED lighting and decorative LED lighting applications
logo
Infineon Technologies A...
BGS15AN16BOARD INFINEON-BGS15AN16BOARD Datasheet
80Kb / 3P
   BGS15AN16 RF MOS switch is specifically designed for WCDMA diversity applications.
logo
Mitsubishi Electric Sem...
RD06HVF1 MITSUBISHI-RD06HVF1 Datasheet
381Kb / 8P
   MOS FET type transistor specifically designed for VHF RF power amplifiers applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com