Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT809STBI-GT3 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT809STBI-GT3
Description  3-Pin Microprocessor Power Supply Supervisors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT809STBI-GT3 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT809STBI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT809STBI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT809STBI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT809STBI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT809STBI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT809STBI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT809STBI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT809STBI-GT3 Datasheet HTML 9Page - ON Semiconductor CAT809STBI-GT3 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CAT803, CAT809, CAT810
http://onsemi.com
6
Detailed Descriptions
Reset Timing
The reset signal is asserted LOW for the CAT803/CAT809 and HIGH for the CAT810 when the power supply voltage falls below
the threshold trip voltage and remains asserted for at least 140 ms after the power supply voltage has risen above the threshold.
0 V
CAT803, CAT809
5 V
0 V
5 V
RESET
(140 ms
minimum)
Reset Timeout Period
CAT810
0 V
5 V
Figure 6. Reset Timing Diagram
TR
TD
VTH
VCC
RESET
VCC Transient Response
The CAT803/CAT809/CAT810 protect
mPs against
brownout failure. Short duration transients of 4
msec or less
and 100 mV amplitude typically do not cause a false RESET.
Figure 7 shows the maximum pulse duration of negative−
going VCC transients that do not cause a reset condition.
As the amplitude of the transient goes further below the
threshold (increasing VTH − VCC), the maximum pulse
duration decreases. In this test, the VCC starts from an initial
voltage of 0.5 V above the threshold and drops below it by
the amplitude of the overdrive voltage (VTH − VCC).
Figure 7. Maximum Transient Duration without
Causing a Reset Pulse vs. Reset Comparator
Overdrive
RESET OVERDRIVE VTH − VCC (mV)
1000
100
10
1
0
5
10
15
20
25
30
CAT809M
CAT809Z
TAMB = 25°C


Similar Part No. - CAT809STBI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT809STBI-GT3 CATALYST-CAT809STBI-GT3 Datasheet
790Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT809STBI-GT3 ONSEMI-CAT809STBI-GT3 Datasheet
583Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
Doc. No. MD-3004, Rev. AA
CAT809STBI-GT3 ONSEMI-CAT809STBI-GT3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809STBI-GT3 ONSEMI-CAT809STBI-GT3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809STBI-GT3 ONSEMI-CAT809STBI-GT3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results

Similar Description - CAT809STBI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803TTBI ONSEMI-CAT803TTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT853TTBI-T3 ONSEMI-CAT853TTBI-T3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT803 ONSEMI-CAT803_14 Datasheet
106Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
August, 2014 ??Rev. 34
logo
Catalyst Semiconductor
CAT803 CATALYST-CAT803 Datasheet
790Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT810SEUR-T ONSEMI-CAT810SEUR-T Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI ONSEMI-CAT809LTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
logo
Catalyst Semiconductor
CAT853 CATALYST-CAT853 Datasheet
536Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com