Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXT514124 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AXT514124
Description  Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXT514124 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AXT514124 Datasheet HTML 1Page - Panasonic Semiconductor AXT514124 Datasheet HTML 2Page - Panasonic Semiconductor AXT514124 Datasheet HTML 3Page - Panasonic Semiconductor AXT514124 Datasheet HTML 4Page - Panasonic Semiconductor AXT514124 Datasheet HTML 5Page - Panasonic Semiconductor AXT514124 Datasheet HTML 6Page - Panasonic Semiconductor AXT514124 Datasheet HTML 7Page - Panasonic Semiconductor AXT514124 Datasheet HTML 8Page - Panasonic Semiconductor AXT514124 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXT5, 6
ACCTB29E 201303-T
SPECIFICATIONS
1. Characteristics
2. Material and surface treatment
Item
Specifications
Conditions
Electrical
characteristics
Rated current
0.3A/pin contact (Max. 5 A at total pin contacts)
Rated voltage
60V AC/DC
Breakdown voltage
150V AC for 1 min.
No short-circuiting or damage at a detection current of 1 mA
when the specified voltage is applied for one minute.
Insulation resistance
Min. 1,000M
Ω (initial)
Using 250V DC megger (applied for 1 min.)
Contact resistance
Max. 90m
Based on the contact resistance measurement method
specified by JIS C 5402.
Mechanical
characteristics
Composite insertion force
Max. 0.981N/pin contacts
× pin contacts (initial)
Composite removal force
Min. 0.165N/pin contacts
× pin contacts
Contact holding force
(Socket contact)
Min. 0.49N/pin contacts
Measuring the maximum force.
As the contact is axially pull out.
Environmental
characteristics
Ambient temperature
–55
°C to +85°C
No freezing at low temperatures. No dew condensation.
Soldering heat resistance
Peak temperature: 260
°C or less (on the surface of
the PC board around the connector terminals)
Infrared reflow soldering
300
°C within 5 sec. 350°C within 3 sec.
Soldering iron
Storage temperature
–55
°C to +85°C (product only)
–40
°C to +50°C (emboss packing)
No freezing at low temperatures. No dew condensation.
Thermal shock resistance
(header and socket mated)
5 cycles,
insulation resistance min. 100M
Ω,
contact resistance max. 90m
Conformed to MIL-STD-202F, method 107G
Humidity resistance
(header and socket mated)
120 hours,
insulation resistance min. 100M
Ω,
contact resistance max. 90m
Bath temperature 40
±2°C,
humidity 90 to 95% R.H.
Saltwater spray resistance
(header and socket mated)
24 hours,
insulation resistance min. 100M
Ω,
contact resistance max. 90m
Bath temperature 35
±2°C,
saltwater concentration 5
±1%
H2S resistance
(header and socket mated)
48 hours,
contact resistance max. 90m
Bath temperature 40
±2°C, gas concentration 3±1 ppm,
humidity 75 to 80% R.H.
Lifetime
characteristics
Insertion and removal life
50 times
Repeated insertion and removal speed of max. 200 times/
hours
Unit weight
20 pin contact type: Socket: 0.03 g Header: 0.01 g
Part name
Material
Surface treatment
Molded
portion
LCP resin
(UL94V-0)
Contact and
Post
Copper alloy
Contact portion: Base: Ni plating Surface: Au plating
Terminal portion: Base: Ni plating Surface: Au plating (except the terminal tips)
The socket terminals close to the portion to be soldered have nickel barriers (exposed nickel portions).
Soldering terminals: Sockets: Base: Ni plating Surface: Pd+Au flash plating (except the terminal tips)
Headers: Base: Ni plating Surface: Au plating (except the terminal tips)
Order Temperature (
°C)
Time (minutes)
1
2
3
4
–55
85
–55
0
−3
30
Max. 5
30
Max. 5
+3
0
0
−3


Similar Part No. - AXT514124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXT514124 PANASONIC-AXT514124 Datasheet
363Kb / 7P
   NARROW-PITCH, THIN AND SLIM CONNECTOR FOR BOARD-TO-FPC CONNECTION
AXT514124 PANASONIC-AXT514124 Datasheet
483Kb / 13P
   Automation Controls Catalog
More results

Similar Description - AXT514124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
logo
Hirose Electric
GX60-18P HIROSE-GX60-18P Datasheet
294Kb / 5P
   0.4 mm Pitch, Space-saving Interface Connectors
logo
Panasonic Semiconductor
AXT310124 PANASONIC-AXT310124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
logo
Hirose Electric
FH29 HIROSE-FH29 Datasheet
291Kb / 1P
   0.2mm Pitch 1.2 mm Height Space Saving FPC Connectors
logo
Panasonic Semiconductor
AXK7L10223G PANASONIC-AXK7L10223G Datasheet
239Kb / 8P
   Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
AXK714147G PANASONIC-AXK714147G Datasheet
403Kb / 12P
   Narrow pitch connectors (0.4mm pitch) Construction makes designing devices easier.
logo
Murata Manufacturing Co...
PTGL07AS121M0N51A0 MURATA-PTGL07AS121M0N51A0 Datasheet
202Kb / 3P
   space-saving
logo
Panasonic Semiconductor
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com