Electronic Components Datasheet Search |
|
CRCW0603562RF0EF Datasheet(PDF) 7 Page - Vishay Siliconix |
|
CRCW0603562RF0EF Datasheet(HTML) 7 Page - Vishay Siliconix |
7 / 9 page Document Number: 20035 For technical questions, contact: thickfilmchip@vishay.com www.vishay.com Revision: 04-Jun-12 131 D/CRCW e3 Standard Thick Film Chip Resistors Vishay THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 All tests are carried out in accordance with the following specifications: EN 60115-1, generic specification EN 140400, sectional specification EN 140401-802, detail specification IEC 60068-2-x, environmental test procedures Packaging of components is done in paper or blister tapes according to IEC 60286-3. 4.18.2 58 (Td) Resistance to soldering heat Solder bath method (260 ± 5) C; (10 ± 1) s ± (0.25 % R + 0.05 ) ± (0.5 % R + 0.05 ) 4.35 - Flamability, needle flame test IEC 60695-11-5; 10 s No burning after 30 s 4.24 78 (Cab) Damp heat, steady state (40 ± 2) °C; (93 ± 3) % RH; 56 days ± (1 % R + 0.05 ) 4.25.3 - Endurance at upper category temperature 155 °C, 1000 h ± (1 % R + 0.05 )± (2 % R + 0.1 ) 4.40 - Electrostatic discharge (human body model) IEC 61340-3-1; 3 pos. + 3 neg. discharges; ESD voltage acc. to size ± (1 % R + 0.05 ) 4.29 45 (XA) Component solvent resistance Isopropyl alcohol; 50 °C; method 2 No visible damage 4.30 45 (XA) Solvent resistance of marking Isopropyl alcohol; 50 °C; method 1, toothbrush Marking legible, no visible damage 4.22 6 (Fc) Vibration, endurance by sweeping f = 10 Hz to 2000 Hz; x, y, z 1.5 mm; A 200 m/s2; 10 sweeps per axis ± (0.25 % R + 0.05 ) ± (0.5 % R + 0.05 ) 4.37 - Periodic electric overload U = 2 x U max.; 0.1 s on; 2.5 s off; 1000 cycles ± (1 % R + 0.05 ) 4.27 - Single pulse high voltage overload, 10 µs/700 µs Û = 10 x 2 x U max.; 10 pulses ± (1 % R + 0.05 ) TEST PROCEDURES AND REQUIREMENTS EN 60115-1 CLAUSE IEC 60068-2 TEST METHOD TEST PROCEDURE REQUIREMENTS PERMISSIBLE CHANGE ( R) SIZE 0402 to 2512 STABILITY CLASS 1 OR BETTER STABILITY CLASS 2 OR BETTER Stability for product types: D/CRCW e3 1 to 10 M 15 x P 70 x R P 70 x R |
Similar Part No. - CRCW0603562RF0EF |
|
Similar Description - CRCW0603562RF0EF |