Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM21BB750SN1 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # BLM21BB750SN1
Description  SMD/BLOCK Type EMI Suppression Filters
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM21BB750SN1 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  BLM21BB750SN1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM21BB750SN1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM21BB750SN1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM21BB750SN1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLM21BB750SN1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BLM21BB750SN1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. BLM21BB750SN1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BLM21BB750SN1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. BLM21BB750SN1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 89 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
16
Chip Ferrite Bead
(Part Number)
eDimensions (LgW)
Code
0.4g0.2mm
0.6g0.3mm
1.0g0.5mm
1.6g0.8mm
2.0g1.0mm
2.0g1.25mm
3.2g1.6mm
4.5g1.6mm
Dimensions (LgW)
01005
0201
0402
0603
0804
0805
1206
1806
EIA
02
03
15
18
2A
21
31
41
qProduct ID
BL
Chip Ferrite Beads
Product ID
wType
A
M
Array Type
Ferrite Bead Single Type
Code
Type
rCharacteristics/Applications
Code *1
for General Use
Characteristics/Applications
tImpedance
Expressed by three figures. The unit is in ohm (
Ω) at 100MHz. The
first and second figures are significant digits, and the third figure
expresses the number of zeros which follow the two figures.
yElectrode
Expressed by a letter.
uCategory
N
Standard Type
Code
Category
S/T
A
Sn Plating
Au Plating
Code
Electrode
iNumber of Circuits
1
4
1 Circuit
4 Circuits
Code
Number of Circuits
oPackaging
K
L
B
J
D
AG
BLM02/03/15/18/21, BLA2A/31
AX
BLM03/15
TG
BLM18
for High-speed Signal Lines
for Power Supplies
for Digital Interface
BA
BLM15/18
BB
BLM03/15/18/21, BLA2A
BC
BLM03/15
BD
BLM03/15/18/21, BLA2A/31
PG
RK
BLM03/15/18/21/31/41
PX
BLM15
KG
BLM18
PD
BLM15
for Power Supplies (Low DC Resistance Type)
SG
BLM15/18
BLM03/15/18
BLM18
BLM18/21
for GHz Band General Use (Low DC Resistance Type)
for GHz Band General Use
HG
EG
BLM03/15/18
BLM15/18
for GHz Band High-speed Signal Lines
HD
HE
HB
for GHz Band Digital Interface
HK
BLM15
BLM15/18
BLM18
for High-GHz Band High-speed Signal Lines
GA
for High-GHz Band General Use
GG
BLM21 *1/31/41
All Series
BLM03/15/18 *3/21 *2, BLA2A/31
BLM02/03/15/18/21 *2, BLA2A/31
Embossed Taping (ø330mm Reel)
Embossed Taping (ø180mm Reel)
Bulk
Paper Taping (ø330mm Reel)
Paper Taping (ø180mm Reel)
Code
Packaging
Series
Series
*1 Frequency characteristics vary with each code.
*1 BLM21BD222SN1/BLM21BD272SN1 only.
*2 Except BLM21BD222SN1/BLM21BD272SN1
*3 Except BLM18T
Ex.)
Part Numbering
BLp
ty
102
q
BL
u
S
r
AG
e
18
1
o
D
w
M
i
N


Similar Part No. - BLM21BB750SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21BB750SN1 MURATA-BLM21BB750SN1 Datasheet
290Kb / 18P
   On-Board Type (DC) EMI Suppression Filters
BLM21BB750SN1 MURATA-BLM21BB750SN1 Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
BLM21BB750SN1 MURATA1-BLM21BB750SN1 Datasheet
120Kb / 8P
   BLM21 Series (2012 Size)
BLM21BB750SN1 MURATA1-BLM21BB750SN1 Datasheet
322Kb / 4P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/11/2022
logo
Murata Manufacturing Co...
BLM21BB750SN1B MURATA-BLM21BB750SN1B Datasheet
306Kb / 6P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM21B Series (0805 Size)
More results

Similar Description - BLM21BB750SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
DLM11GN601SD2D MURATA-DLM11GN601SD2D Datasheet
1Mb / 39P
   smd/block type emi suppression filters
BLM15BD601SH1D MURATA-BLM15BD601SH1D Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM41AF800SN1L MURATA-BLM41AF800SN1L Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
DLW21SN371SQ2L MURATA-DLW21SN371SQ2L Datasheet
1Mb / 39P
   SMD/BLOCK TYPE EMI Suppression Filters
NFM55PC155F1H4L MURATA-NFM55PC155F1H4L Datasheet
1Mb / 48P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com