Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DE2F3KH102JB3A Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # DE2F3KH102JB3A
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE2F3KH102JB3A Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button DE2F3KH102JB3A Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DE2F3KH102JB3A Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DE2F3KH102JB3A Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DE2F3KH102JB3A Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DE2F3KH102JB3A Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DE2F3KH102JB3A Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DE2F3KH102JB3A Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. DE2F3KH102JB3A Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. DE2F3KH102JB3A Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 83 page
background image
C85E.pdf
Jul.13,2011
6
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
Lead Spacing F=7.5mm
Part Number
AC Rated
Voltage
(Vac)
Temp.
Char.
Capacitance
(pF)
Body
Dia. D
(mm)
Lead
Spacing F
(mm)
Body
Thickness T
(mm)
Lead
Package
Long Bulk
Lead
Package
Short Bulk
Lead
Package
Taping (1)
DE21XKY100JpppM02
250
SL
10
±5%
8 max.
7.5
5.0 max.
A3B
B3B
N3A
DE21XKY150JpppM02
250
SL
15
±5%
8 max.
7.5
5.0 max.
A3B
B3B
N3A
DE21XKY220JpppM02
250
SL
22
±5%
8 max.
7.5
5.0 max.
A3B
B3B
N3A
DE21XKY330JpppM02
250
SL
33
±5%
8 max.
7.5
5.0 max.
A3B
B3B
N3A
DE21XKY470JpppM02
250
SL
47
±5%
8 max.
7.5
5.0 max.
A3B
B3B
N3A
DE21XKY680JpppM02
250
SL
68
±5%
8 max.
7.5
5.0 max.
A3B
B3B
N3A
DE2B3KY101KpppM02
250
B
100
±10%
7 max.
7.5
5.0 max.
A3B
B3B
N3A
DE2B3KY151KpppM02
250
B
150
±10%
7 max.
7.5
5.0 max.
A3B
B3B
N3A
DE2B3KY221KpppM02
250
B
220
±10%
7 max.
7.5
5.0 max.
A3B
B3B
N3A
DE2B3KY331KpppM02
250
B
330
±10%
7 max.
7.5
5.0 max.
A3B
B3B
N3A
DE2B3KY471KpppM02
250
B
470
±10%
7 max.
7.5
5.0 max.
A3B
B3B
N3A
DE2B3KY681KpppM02
250
B
680
±10%
8 max.
7.5
5.0 max.
A3B
B3B
N3A
DE2E3KY102MpppM02
250
E
1000
±20%
7 max.
7.5
5.0 max.
A3B
B3B
N3A
DE2E3KY152MpppM02
250
E
1500
±20%
7 max.
7.5
5.0 max.
A3B
B3B
N3A
DE2E3KY222MpppM02
250
E
2200
±20%
8 max.
7.5
5.0 max.
A3B
B3B
N3A
DE2E3KY332MpppM02
250
E
3300
±20%
9 max.
7.5
5.0 max.
A3B
B3B
N3A
DE2E3KY472MpppM02
250
E
4700
±20%
10 max.
7.5
5.0 max.
A3B
B3B
N3A
DE2F3KY103MpppM02
250
F
10000
±20%
14 max.
7.5
5.0 max.
A3B
B3B
N3A
Three blank columns are filled with the lead and packaging codes. Please refer to the 3 columns on the right for the appropriate code.
Individual specification code "M02" expresses "simplicity marking and guarantee of dielectric strength between lead wires: AC2600V."
Murata part numbers might be changed depending on lead code or any other changes. Therefore, please specify only the type name (KY) and capacitance of products
in the parts list when it is required for applying safety standard of electric equipment.
Lead Spacing F=5mm
Part Number
AC Rated
Voltage
(Vac)
Temp.
Char.
Capacitance
(pF)
Body
Dia. D
(mm)
Lead
Spacing F
(mm)
Body
Thickness T
(mm)
Lead
Package
Long Bulk
Lead
Package
Short Bulk
Lead
Package
Taping (1)
DE21XKY100JpppM01
250
SL
10
±5%
8 max.
5.0
5.0 max.
A2B
B2B
N2A
DE21XKY150JpppM01
250
SL
15
±5%
8 max.
5.0
5.0 max.
A2B
B2B
N2A
DE21XKY220JpppM01
250
SL
22
±5%
8 max.
5.0
5.0 max.
A2B
B2B
N2A
DE21XKY330JpppM01
250
SL
33
±5%
8 max.
5.0
5.0 max.
A2B
B2B
N2A
DE21XKY470JpppM01
250
SL
47
±5%
8 max.
5.0
5.0 max.
A2B
B2B
N2A
DE21XKY680JpppM01
250
SL
68
±5%
8 max.
5.0
5.0 max.
A2B
B2B
N2A
DE2B3KY101KpppM01
250
B
100
±10%
7 max.
5.0
5.0 max.
A2B
B2B
N2A
DE2B3KY151KpppM01
250
B
150
±10%
7 max.
5.0
5.0 max.
A2B
B2B
N2A
DE2B3KY221KpppM01
250
B
220
±10%
7 max.
5.0
5.0 max.
A2B
B2B
N2A
DE2B3KY331KpppM01
250
B
330
±10%
7 max.
5.0
5.0 max.
A2B
B2B
N2A
DE2B3KY471KpppM01
250
B
470
±10%
7 max.
5.0
5.0 max.
A2B
B2B
N2A
DE2B3KY681KpppM01
250
B
680
±10%
8 max.
5.0
5.0 max.
A2B
B2B
N2A
DE2E3KY102MpppM01
250
E
1000
±20%
7 max.
5.0
5.0 max.
A2B
B2B
N2A
DE2E3KY152MpppM01
250
E
1500
±20%
7 max.
5.0
5.0 max.
A2B
B2B
N2A
DE2E3KY222MpppM01
250
E
2200
±20%
8 max.
5.0
5.0 max.
A2B
B2B
N2A
DE2E3KY332MpppM01
250
E
3300
±20%
9 max.
5.0
5.0 max.
A2B
B2B
N2A
DE2E3KY472MpppM01
250
E
4700
±20%
10 max.
5.0
5.0 max.
A2B
B2B
N2A
Three blank columns are filled with the lead and packaging codes. Please refer to the 3 columns on the right for the appropriate code.
Individual specification code "M01" expresses "simplicity marking and guarantee of dielectric strength between lead wires: AC2000V."
Murata part numbers might be changed depending on lead code or any other changes. Therefore, please specify only the type name (KY) and capacitance of products
in the parts list when it is required for applying safety standard of electric equipment.


Similar Part No. - DE2F3KH102JB3A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE2F3KH102JA2A MURATA-DE2F3KH102JA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
More results

Similar Description - DE2F3KH102JB3A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com