Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POE61S-4AF-R Datasheet(PDF) 3 Page - Phihong USA Inc.

Part # POE61S-4AF-R
Description  5 Port PoE Switch Powered by ULTRA PoE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE61S-4AF-R Datasheet(HTML) 3 Page - Phihong USA Inc.

  POE61S-4AF-R Datasheet HTML 1Page - Phihong USA Inc. POE61S-4AF-R Datasheet HTML 2Page - Phihong USA Inc. POE61S-4AF-R Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
POE61S Dimension Diagram unit:mm
WWW.PHIHONG.COM
Single Cable Gland - PGLAND750 Dimension Diagram unit:mm
Double Cable Gland - PGLAND750-2 Dimension Diagram unit:mm


Similar Part No. - POE61S-4AF-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE61U-560D PHIHONG-POE61U-560D Datasheet
290Kb / 3P
   60W Passive Power over Ethernet Adapter
POE61U-560DG PHIHONG-POE61U-560DG Datasheet
290Kb / 3P
   60W Passive Power over Ethernet Adapter
POE61W-560D PHIHONG-POE61W-560D Datasheet
290Kb / 3P
   60W Passive Power over Ethernet Adapter
POE61W-560DG PHIHONG-POE61W-560DG Datasheet
290Kb / 3P
   60W Passive Power over Ethernet Adapter
More results

Similar Description - POE61S-4AF-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE60S-4AF PHIHONG-POE60S-4AF Datasheet
87Kb / 2P
   5 Port PoE Switch Powered by ULTRA PoE
POE30S-1ATG PHIHONG-POE30S-1ATG Datasheet
102Kb / 3P
   Single Port PoE Gigabit Switch Powered by Ultra PoE
POE16S-1AFG PHIHONG-POE16S-1AFG Datasheet
104Kb / 3P
   Single Port PoE Gigabit Switch Powered by IEEE802.3at
logo
Advantech Co., Ltd.
EKI-2526PI ADVANTECH-EKI-2526PI Datasheet
560Kb / 1P
   5-port Industrial PoE Switch
EKI-2525P ADVANTECH-EKI-2525P Datasheet
336Kb / 2P
   5-port Industrial PoE Switch
23-Aug-2016
EKI-2525P-BE ADVANTECH-EKI-2525P-BE Datasheet
335Kb / 2P
   5-port Industrial PoE Switch
logo
ORing Industrial Networ...
TXPS-141XT-M12 ORING-TXPS-141XT-M12 Datasheet
385Kb / 5P
   5-port unmanaged PoE Ethernet switch
TPS-141TX-M12 ORING-TPS-141TX-M12 Datasheet
3Mb / 4P
   5-port unmanaged PoE Ethernet switch
logo
Level One
GEP-0522 LVL1-GEP-0522 Datasheet
195Kb / 3P
   5-Port Gigabit PoE Switch, 65W, 802.3at PoEplus, 4 PoE Outputs
logo
ORing Industrial Networ...
TGXPS-141GX-M12 ORING-TGXPS-141GX-M12 Datasheet
383Kb / 5P
   5-port unmanaged Gigabit PoE Ethernet switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com