Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR30CM-8LB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # BCR30CM-8LB
Description  400V-30A-Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR30CM-8LB Datasheet(HTML) 1 Page - Renesas Technology Corp

  BCR30CM-8LB Datasheet HTML 1Page - Renesas Technology Corp BCR30CM-8LB Datasheet HTML 2Page - Renesas Technology Corp BCR30CM-8LB Datasheet HTML 3Page - Renesas Technology Corp BCR30CM-8LB Datasheet HTML 4Page - Renesas Technology Corp BCR30CM-8LB Datasheet HTML 5Page - Renesas Technology Corp BCR30CM-8LB Datasheet HTML 6Page - Renesas Technology Corp BCR30CM-8LB Datasheet HTML 7Page - Renesas Technology Corp BCR30CM-8LB Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R07DS1105EJ0100 Rev.1.00
Page 1 of 7
Aug 08, 2013
Preliminary Datasheet
BCR30CM-8LB
400V-30A-Triac
Medium Power Use
Features
• I
T (RMS) : 30 A
• V
DRM : 400 V
• I
FGT I, IRGT I, IRGT III : 30 mA
• Tj: 150 °C
• Planar Passivation Type
• Non-Insulated Type
Outline
4
1
2
3
RENESAS Package code: PRSS0004AG-A
(Package name: TO-220AB)
2, 4
1
3
1. T1 Terminal
2. T2 Terminal
3. Gate Terminal
4. T2 Terminal
Applications
Vacuum cleaner, electric heater, light dimmer, copying machine, and other general controlling devices
Maximum Ratings
Parameter
Symbol
Voltage class
Unit
8
Repetitive peak off-state voltage
Note1
VDRM
400
V
Non-repetitive peak off-state voltage
Note1
VDSM
500
V
Parameter
Symbol
Ratings
Unit
Conditions
RMS on-state current
IT(RMS)
30
A
Commercial frequency, sine full wave
360° conduction, Tc = 107°C
Note3
Surge on-state current
ITSM
300
A
60Hz sinewave 1 full cycle, peak value,
non-repetitive
I
2t for fusing
I
2t
450
A
2s
Value corresponding to 1 cycle of half
wave 60Hz, surge on-state current
Peak gate power dissipation
PGM
5
W
Average gate power dissipation
PG(AV)
0.5
W
Peak gate voltage
VGM
10
V
Peak gate current
IGM
2
A
Junction temperature
Tj
– 40 to +150
°C
Storage temperature
Tstg
– 40 to +150
°C
Mass
2.1
g
Typical value
R07DS1105EJ0100
Rev.1.00
Aug 08, 2013


Similar Part No. - BCR30CM-8LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR30CM-8LB RENESAS-BCR30CM-8LB_15 Datasheet
307Kb / 8P
   400V-30A-Triac Medium Power Use
More results

Similar Description - BCR30CM-8LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR30FM-8LB RENESAS-BCR30FM-8LB_15 Datasheet
62Kb / 4P
   400V - 30A - Triac Medium Power Use
BCR30FR-8LB RENESAS-BCR30FR-8LB Datasheet
499Kb / 8P
   400V - 30A - Triac Medium Power Use
Oct. 10, 2019
BCR30FM-8LB RENESAS-BCR30FM-8LB Datasheet
62Kb / 4P
   400V - 30A - Triac Medium Power Use
BCR30CM-8LB RENESAS-BCR30CM-8LB_15 Datasheet
307Kb / 8P
   400V-30A-Triac Medium Power Use
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com