Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESE20C Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ESE20C
Description  ESE20C/20D Momentary Push Switches User-friendly tactile feedback when operated
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ESE20C Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ESE20C Datasheet HTML 1Page - Panasonic Semiconductor ESE20C Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Push Switches/ESE20C/20D
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
ES
E
2
0
Product Code
Type
C: For automotive use
D: For consumer products
Design No.
123456789
Specifications
Rating
0.01 A 5 Vdc to 0.1 A 14 Vdc (Resistive load)
Full Travel
2.5 mm
Mounting Height
8.9 mm
Poles and Throws
1-pole 1-throw
Operating Mode
Non-lock
Operating Force
2.0 N±1.0 N, 4.0 N±1.5 N
Minimum Quantity/Packing Unit
60 pcs. Polyethylene Bag (Bulk)
Quantity/Carton
1200 pcs.
ESE20C/20D Momentary Push Switches
Type:
ESE20C/ESE20D
(H=8.9 mm)
Explanation of Part Numbers
Features
User-friendly tactile feedback when operated
Long over-travel
Recommended Applications
Operation switches for automobiles (switches for heater
controls, overdrive, steering, etc.)
Full Travel
Operating
Force
Lever
Height
Terminal Shape
Straight
Formed
2.5 mm
2.0 N±1.0 N
12.5 mm
ESE20
✽323
ESE20
✽321
17.5 mm
ESE20
✽423
ESE20
✽421
4.0 N±1.5 N
12.5 mm
ESE20
✽343
ESE20
✽341
17.5 mm
ESE20
✽443
ESE20
✽441
Standard Products
✽···C : For automotive use D : For consumer products
Oct. 2012
00


Similar Part No. - ESE20C

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ESE227M025AG3AA KEMET-ESE227M025AG3AA Datasheet
76Kb / 1P
   ESE, Aluminum Electrolytic, 105C, 220 uF, 20%, 25 V, -40/105C, Lead Spacing = 3.5mm
logo
Panasonic Semiconductor
ESE24MH1T PANASONIC-ESE24MH1T Datasheet
130Kb / 3P
   2W Detector Switches
More results

Similar Description - ESE20C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16806EVCMAXQU MAXIM-MAX16806EVCMAXQU Datasheet
446Kb / 12P
   Tactile Momentary Switch
Rev 3; 11/08
logo
Littelfuse
9023 LITTELFUSE-9023 Datasheet
402Kb / 1P
   LIGHT DUTY MOMENTARY PUSH BUTTON SWITCHES
2019 Rev: 121219
logo
SHINMEI ELECTRIC CO., L...
TSW-20 SHINMEI-TSW-20 Datasheet
94Kb / 2P
   Side Push Double Action Tactile Switches
TSW-26 SHINMEI-TSW-26 Datasheet
148Kb / 3P
   Wheel Tactile Switches (Encoder 5 diredtion push)
logo
HOKURIKU ELECTRIC INDUS...
KSHC612AT HOKURIKU-KSHC612AT Datasheet
165Kb / 1P
   Tactile Switches 6mm횞5.3mm Radial Taped Top Push
logo
Omron Electronics LLC
A7D OMRON-A7D Datasheet
298Kb / 5P
   Ultra-small, Low-cost, Push-operated Switches
A7D106 OMRON-A7D106 Datasheet
495Kb / 5P
   Ultra-small, Low-cost, Push-operated Switches
A7D-2M-1 OMRON-A7D-2M-1 Datasheet
495Kb / 5P
   Ultra-small, Low-cost, Push-operated Switches
logo
HOKURIKU ELECTRIC INDUS...
KSHS636ATS HOKURIKU-KSHS636ATS Datasheet
73Kb / 1P
   Tactile Switches
logo
Grayhill, Inc
95C05B3GWRTRT GRAYHILL-95C05B3GWRTRT Datasheet
228Kb / 1P
   Excellent Tactile Feedback
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com