Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXT634124 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AXT634124
Description  Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXT634124 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AXT634124 Datasheet HTML 1Page - Panasonic Semiconductor AXT634124 Datasheet HTML 2Page - Panasonic Semiconductor AXT634124 Datasheet HTML 3Page - Panasonic Semiconductor AXT634124 Datasheet HTML 4Page - Panasonic Semiconductor AXT634124 Datasheet HTML 5Page - Panasonic Semiconductor AXT634124 Datasheet HTML 6Page - Panasonic Semiconductor AXT634124 Datasheet HTML 7Page - Panasonic Semiconductor AXT634124 Datasheet HTML 8Page - Panasonic Semiconductor AXT634124 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXT5, 6
ACCTB29E 201303-T
ORDERING INFORMATION
For board-to-FPC
F4S Series
Narrow pitch connectors
(0.4mm pitch)
FEATURES
1. Space-saving (3.6 mm widthwise)
Smaller compared to F4 series (40 pin
contacts):
Socket — 27% smaller,
Header — 38% smaller
2. Strong resistance to adverse
environments! Utilizes
“” construction
for high contact reliability.
3. Simple lock structure provides
tactile feedback to ensure excellent
mating/unmating operation feel.
4. Gull-wing-shaped terminals to
facilitate visual inspections.
5. Connectors for inspection available
APPLICATIONS
Mobile devices, such as cellular
phones, digital still cameras and
digital video cameras.
Socket
Header
RoHS compliant
Soldering terminals
at each corner
Soldering terminals
at each corner
Pickup width: 0.8mm
10.50
(40
pin
contacts)
9.80
(40
pin
contacts)
3.60
2.60
Header
Socket
Simple lock structure
Surface treatment (Contact portion / Terminal portion)
<Socket>
4: Base: Ni plating Surface: Au plating (for Ni barrier available)
<Header>
4: Base: Ni plating Surface: Au plating
5: Narrow Pitch Connector F4S (0.4 mm pitch) Socket
6: Narrow Pitch Connector F4S (0.4 mm pitch) Header
Mated height
<Socket>
1: For mated height 1.0 mm
2: For mated height 1.2 mm
<Header>
1: For mated height 1.0 mm
2: For mated height 1.2 mm
AXT
4
2
Number of pins (2 digits)
Functions
<Socket, Header>
2: Without positioning bosses
Note: Please note that models with a mated height of 1.0 mm (7th digit of part number is “1”) and 1.2 mm (7th digit of part number is “2”) are not compatible.


Similar Part No. - AXT634124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXT634124 PANASONIC-AXT634124 Datasheet
483Kb / 13P
   Automation Controls Catalog
More results

Similar Description - AXT634124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
logo
Hirose Electric
GX60-18P HIROSE-GX60-18P Datasheet
294Kb / 5P
   0.4 mm Pitch, Space-saving Interface Connectors
logo
Panasonic Semiconductor
AXT310124 PANASONIC-AXT310124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
logo
Hirose Electric
FH29 HIROSE-FH29 Datasheet
291Kb / 1P
   0.2mm Pitch 1.2 mm Height Space Saving FPC Connectors
logo
Panasonic Semiconductor
AXK7L10223G PANASONIC-AXK7L10223G Datasheet
239Kb / 8P
   Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
AXK714147G PANASONIC-AXK714147G Datasheet
403Kb / 12P
   Narrow pitch connectors (0.4mm pitch) Construction makes designing devices easier.
logo
Murata Manufacturing Co...
PTGL07AS121M0N51A0 MURATA-PTGL07AS121M0N51A0 Datasheet
202Kb / 3P
   space-saving
logo
Panasonic Semiconductor
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com