Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXT660124 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AXT660124
Description  Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXT660124 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button AXT660124 Datasheet HTML 3Page - Panasonic Semiconductor AXT660124 Datasheet HTML 4Page - Panasonic Semiconductor AXT660124 Datasheet HTML 5Page - Panasonic Semiconductor AXT660124 Datasheet HTML 6Page - Panasonic Semiconductor AXT660124 Datasheet HTML 7Page - Panasonic Semiconductor AXT660124 Datasheet HTML 8Page - Panasonic Semiconductor AXT660124 Datasheet HTML 9Page - Panasonic Semiconductor AXT660124 Datasheet HTML 10Page - Panasonic Semiconductor AXT660124 Datasheet HTML 11Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXT5, 6
ACCTB29E 201303-T
NOTES
1. For high resistance to drop impact
the F4 series is recommended.
2. Recommended PC board and metal
mask patterns
Connectors are mounted with high pitch
density, intervals of 0.35 mm, 0.4 mm or
0.5 mm.
In order to reduce solder and flux rise,
solder bridges and other issues make
sure the proper levels of solder is used.
The figures to the right are recommended
metal mask patterns. Please use them as
a reference.
• Socket (Mated height: 1.0 mm)
Recommended PC board pattern (TOP VIEW)
Recommended metal mask pattern
Metal mask thickness: When 150
µm
(Terminal opening ratio: 48%)
(Metal-part opening ratio: 100%)
Recommended metal mask pattern
Metal mask thickness: When 120
µm
(Terminal opening ratio: 60%)
(Metal-part opening ratio: 100%)
• Header (Mated height: 1.0 mm)
Recommended PC board pattern (TOP VIEW)
Recommended metal mask pattern
Metal mask thickness: When 150
µm
(Terminal opening ratio: 48%)
(Metal-part opening ratio: 100%)
Recommended metal mask pattern
Metal mask thickness: When 120
µm
(Terminal opening ratio: 60%)
(Metal-part opening ratio: 100%)
: Insulation area
0.90
±0.03
0.70
±0.03
0.23
±0.03
0.40
±0.03
0.90
±0.01
0.70
±0.01
0.20
±0.01
0.40
±0.01
0.20
±0.01
0.90
±0.01
0.70
±0.01
0.40
±0.01
Please note that this inspection
connector cannot be connected to
standard models with a stacking
height of 1.2 mm (AXT5
∗∗224 and
AXT6
∗∗224).
Please contact our sales office for a
type connectable to models with a
stacking height of 1.2 mm.
Please refer to the latest product
specifications when designing your
product.
0.80
±0.03
0.45
±0.03
0.23
±0.03
0.40
±0.03
: Insulation area
0.80
±0.01
0.45
±0.01
0.20
±0.01
0.40
±0.01
0.20
±0.01
0.80
±0.01
0.45
±0.01
0.40
±0.01


Similar Part No. - AXT660124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXT660124 PANASONIC-AXT660124 Datasheet
483Kb / 13P
   Automation Controls Catalog
More results

Similar Description - AXT660124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
logo
Hirose Electric
GX60-18P HIROSE-GX60-18P Datasheet
294Kb / 5P
   0.4 mm Pitch, Space-saving Interface Connectors
logo
Panasonic Semiconductor
AXT310124 PANASONIC-AXT310124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
logo
Hirose Electric
FH29 HIROSE-FH29 Datasheet
291Kb / 1P
   0.2mm Pitch 1.2 mm Height Space Saving FPC Connectors
logo
Panasonic Semiconductor
AXK7L10223G PANASONIC-AXK7L10223G Datasheet
239Kb / 8P
   Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
AXK714147G PANASONIC-AXK714147G Datasheet
403Kb / 12P
   Narrow pitch connectors (0.4mm pitch) Construction makes designing devices easier.
logo
Murata Manufacturing Co...
PTGL07AS121M0N51A0 MURATA-PTGL07AS121M0N51A0 Datasheet
202Kb / 3P
   space-saving
logo
Panasonic Semiconductor
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com