Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1EV24004ASAS0I Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R1EV24004ASAS0I
Description  Two-wire serial interface 4k EEPROM Clock frequency
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EV24004ASAS0I Datasheet(HTML) 3 Page - Renesas Technology Corp

  R1EV24004ASAS0I Datasheet HTML 1Page - Renesas Technology Corp R1EV24004ASAS0I Datasheet HTML 2Page - Renesas Technology Corp R1EV24004ASAS0I Datasheet HTML 3Page - Renesas Technology Corp R1EV24004ASAS0I Datasheet HTML 4Page - Renesas Technology Corp R1EV24004ASAS0I Datasheet HTML 5Page - Renesas Technology Corp R1EV24004ASAS0I Datasheet HTML 6Page - Renesas Technology Corp R1EV24004ASAS0I Datasheet HTML 7Page - Renesas Technology Corp R1EV24004ASAS0I Datasheet HTML 8Page - Renesas Technology Corp R1EV24004ASAS0I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
R1EV24004ASAS0I
R10DS0123EJ0100 Rev.1.00
Page 3 of 15
Apr. 08, 2013
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Supply voltage relative to VSS
VCC
0.6 to +7.0
V
Input voltage relative to VSS
Vin
0.5*2 to +7.0
V
Operating temperature range*
1
Topr
40 to +85
C
Storage temperature range
Tstg
55 to +125
C
Notes: 1. Including electrical characteristics and data retention.
2. Vin (min):
3.0 V for pulse width  50 ns.
DC Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
VCC
2.5

5.5
V
Supply voltage
VSS
0
0
0
V
Input high voltage
VIH
VCC  0.7
VCC + 0.5
V
Input low voltage
VIL
0.3*1
VCC  0.3
V
Operating temperature
Topr
40
+85
C
Note:
1. VIL (min): 1.0 V for pulse width  50 ns.
DC Characteristics
(Ta =
40 to +85C, V
CC = 2.5 V to 5.5 V)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input leakage current
ILI
2.0
A
VCC = 5.5 V, Vin = 0 to 5.5 V
Output leakage current
ILO
2.0
A
VCC = 5.5 V, Vout = 0 to 5.5 V
Standby VCC current
ISB
2.0
A
VCC = 5.5 V, Vin = VSS or VCC

0.5
A
VCC = 3.3 V, Vin = VSS or VCC, Ta=25C
Read VCC current
ICC1
1.0
mA
VCC = 5.5 V, Read at 400 kHz

0.2
mA
VCC = 3.3 V, Read at 400 kHz, Ta=25C
Write VCC current
ICC2
2.5
mA
VCC = 5.5 V, Write at 400 kHz

1.0
mA
VCC = 3.3 V, Write at 400 kHz, Ta=25C
Output low voltage
VOL
0.4
V
IOL = 3.0 mA
Capacitance
(Ta = +25
C, f = 1 MHz)
Parameter
Symbol
Min
Typ
Max
Unit
Test
conditions
Input capacitance (A0 to A2, SCL, WP)
Cin*
1
6.0
pF
Vin = 0 V
Output capacitance (SDA)
CI/O*
1
6.0
pF
Vout = 0 V
Note:
1. Not 100
 tested.
Memory Cell Characteristics
(VCC = 2.5 V to 5.5 V)
Ta=25
C
Ta=85
C
Notes
Endurance
1,000k Cycles min.
100k Cycles min
1
Data retention
100 Years min.
10 Years min.
1
Note:
1. Not 100
 tested.
Data of shipped sample
All bits of EEPROM are logical “1” (FF Hex) at shipment.


Similar Part No. - R1EV24004ASAS0I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EV24004ASAS0I RENESAS-R1EV24004ASAS0I_15 Datasheet
413Kb / 17P
   Two-wire serial interface 4k EEPROM (512-word ??8-bit)
More results

Similar Description - R1EV24004ASAS0I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24004ASAS0G RENESAS-R1EX24004ASAS0G Datasheet
498Kb / 18P
   Two-wire serial interface 4k EEPROM Clock frequency
logo
Sanyo Semicon Device
LE24C042M SANYO-LE24C042M Datasheet
123Kb / 11P
   Two Wire Serial Interface EEPROM (4k EEPROM)
LE24L043CB SANYO-LE24L043CB Datasheet
182Kb / 11P
   Two Wire Serial Interface EEPROM (4k EEPROM)
LE24L042CS-B SANYO-LE24L042CS-B Datasheet
855Kb / 11P
   Two Wire Serial Interface EEPROM(4k EEPROM)
LE24C043 SANYO-LE24C043_10 Datasheet
172Kb / 12P
   Two Wire Serial Interface EEPROM (4k EEPROM)
LE24L042CS SANYO-LE24L042CS_10 Datasheet
201Kb / 10P
   Two Wire Serial Interface EEPROM (4k EEPROM)
logo
Renesas Technology Corp
R1EV24064ASAS0I RENESAS-R1EV24064ASAS0I Datasheet
546Kb / 17P
   Two-wire serial interface 64k EEPROM Clock frequency
R1EX24002ASAS0G RENESAS-R1EX24002ASAS0G Datasheet
505Kb / 18P
   Two-wire serial interface 2k EEPROM Clock frequency
logo
Sanyo Semicon Device
LE24C043 SANYO-LE24C043 Datasheet
219Kb / 12P
   CMOS IC Two Wire Serial Interface EEPROM (4k EEPROM)
logo
Renesas Technology Corp
R1EV24002ASAS0A RENESAS-R1EV24002ASAS0A Datasheet
134Kb / 17P
   Two-wire serial interface 2k EEPROM Two-wire serial interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com