Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXT680224 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AXT680224
Description  Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXT680224 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AXT680224 Datasheet HTML 1Page - Panasonic Semiconductor AXT680224 Datasheet HTML 2Page - Panasonic Semiconductor AXT680224 Datasheet HTML 3Page - Panasonic Semiconductor AXT680224 Datasheet HTML 4Page - Panasonic Semiconductor AXT680224 Datasheet HTML 5Page - Panasonic Semiconductor AXT680224 Datasheet HTML 6Page - Panasonic Semiconductor AXT680224 Datasheet HTML 7Page - Panasonic Semiconductor AXT680224 Datasheet HTML 8Page - Panasonic Semiconductor AXT680224 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXT5, 6
ACCTB29E 201303-T
PRODUCT TYPES
Notes: 1. Order unit: For volume production: 1-inner-box (1-reel) units
Samples for mounting check: 50-connector units. Please contact our sales office.
Samples: Small lot orders are possible. Please contact our sales office.
Mated height
Number of pins
Part number
Packing
Socket
Header
Inner carton
Outer carton
1.0mm
10
AXT510124
AXT610124
3,000 pieces
6,000 pieces
12
AXT512124
AXT612124
14
AXT514124
AXT614124
16
AXT516124
AXT616124
20
AXT520124
AXT620124
22
AXT522124
AXT622124
24
AXT524124
AXT624124
26
AXT526124
AXT626124
28
AXT528124
AXT628124
30
AXT530124
AXT630124
32
AXT532124
AXT632124
34
AXT534124
AXT634124
36
AXT536124
AXT636124
40
AXT540124
AXT640124
42
AXT542124
AXT642124
44
AXT544124
AXT644124
48
AXT548124
AXT648124
50
AXT550124
AXT650124
54
AXT554124
AXT654124
60
AXT560124
AXT660124
64
AXT564124
AXT664124
70
AXT570124
AXT670124
80
AXT580124
AXT680124
1.2mm
10
AXT510224
AXT610224
30
AXT530224
AXT630224
40
AXT540224
AXT640224
50
AXT550224
AXT650224
70
AXT570224
AXT670224
80
AXT580224
AXT680224


Similar Part No. - AXT680224

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXT680224 PANASONIC-AXT680224 Datasheet
483Kb / 13P
   Automation Controls Catalog
More results

Similar Description - AXT680224

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
logo
Hirose Electric
GX60-18P HIROSE-GX60-18P Datasheet
294Kb / 5P
   0.4 mm Pitch, Space-saving Interface Connectors
logo
Panasonic Semiconductor
AXT310124 PANASONIC-AXT310124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
logo
Hirose Electric
FH29 HIROSE-FH29 Datasheet
291Kb / 1P
   0.2mm Pitch 1.2 mm Height Space Saving FPC Connectors
logo
Panasonic Semiconductor
AXK7L10223G PANASONIC-AXK7L10223G Datasheet
239Kb / 8P
   Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
AXK714147G PANASONIC-AXK714147G Datasheet
403Kb / 12P
   Narrow pitch connectors (0.4mm pitch) Construction makes designing devices easier.
logo
Murata Manufacturing Co...
PTGL07AS121M0N51A0 MURATA-PTGL07AS121M0N51A0 Datasheet
202Kb / 3P
   space-saving
logo
Panasonic Semiconductor
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com