Electronic Components Datasheet Search |
|
BLM18PG600SN1 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd. |
|
BLM18PG600SN1 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd. |
11 / 89 page !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. C31E.pdf Mar.28,2011 22 High Spec Ferrite Bead Ultra low dc resistance and wide impedance line up. Fit for both power lines and signal lines. BLM03AXSeries (0201 Size) BLM Series Universal Type [Power Lines/Signal Lines] Type Chip Ferrite Bead s Dimensions s Equivalent Circuit s Packaging s Impedance-Frequency Characteristics (Main Items) s Rated Value (p: packaging code) Continued on the following page. s Impedance-Frequency Characteristics BLM03AX100SN1 BLM03AX800SN1 BLM03AX121SN1 Refer to pages from p.91 to p.94 for mounting information. BLM03AX Number of Circuits: 1 Code Packaging Minimum Quantity D 180mm Reel Paper Tape 15000 J 330mm Reel Paper Tape 50000 B Bulk(Bag) 1000 Part Number Impedance (at 100MHz/20 °C) Rated Current DC Resistance Operating Temperature Range BLM03AX100SN1p 10ohm(Typ.) 1000mA 0.05ohm max. -55 °C to +125°C BLM03AX800SN1p 80ohm ±25% 500mA 0.18ohm max. -55 °C to +125°C BLM03AX121SN1p 120ohm ±25% 450mA 0.23ohm max. -55 °C to +125°C BLM03AX241SN1p 240ohm ±25% 350mA 0.38ohm max. -55 °C to +125°C BLM03AX601SN1p 600ohm ±25% 250mA 0.85ohm max. -55 °C to +125°C BLM03AX102SN1p 1000ohm ±25% 200mA 1.25ohm max. -55 °C to +125°C 0.6 ±0.03 0.3 ±0.03 0.15 ±0.05 (in mm) : Electrode Frequency (MHz) 1 10 100 1000 3000 1500 1250 1000 750 500 250 0 BLM03AX241SN1 BLM03AX100SN1 BLM03AX800SN1 BLM03AX121SN1 BLM03AX102SN1 BLM03AX601SN1 1 10 100 1000 3000 Frequency (MHz) 0 4 8 12 16 X R Z 1 10 100 1000 3000 Frequency (MHz) 0 50 100 150 Z R X 1 10 100 1000 3000 Frequency (MHz) 0 60 120 240 180 Z R X (Resistance element becomes dominant at high frequencies.) |
Similar Part No. - BLM18PG600SN1 |
|
Similar Description - BLM18PG600SN1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |