Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG411DYZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # DG411DYZ
Description  Monolithic Quad SPST, CMOS Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG411DYZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button DG411DYZ Datasheet HTML 5Page - Intersil Corporation DG411DYZ Datasheet HTML 6Page - Intersil Corporation DG411DYZ Datasheet HTML 7Page - Intersil Corporation DG411DYZ Datasheet HTML 8Page - Intersil Corporation DG411DYZ Datasheet HTML 9Page - Intersil Corporation DG411DYZ Datasheet HTML 10Page - Intersil Corporation DG411DYZ Datasheet HTML 11Page - Intersil Corporation DG411DYZ Datasheet HTML 12Page - Intersil Corporation DG411DYZ Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN3282.13
June 20, 2007
Typical Performance Curves
FIGURE 8. ON RESISTANCE vs VD AND POWER SUPPLY
VOLTAGE
FIGURE 9. SWITCHING TIME vs TEMPERATURE
FIGURE 10. LEAKAGE CURRENTS vs ANALOG VOLTAGE
FIGURE 11. SUPPLY CURRENT vs INPUT SWITCHING
FREQUENCY
FIGURE 12. CHARGE INJECTION vs SOURCE VOLTAGE
FIGURE 13. CHARGE INJECTION vs DRAIN VOLTAGE
TA = +25°C
50
A: ±5V
B: ±8V
C: ±10V
D: ±12V
E: ±15V
F: ±20V
45
40
35
30
25
20
15
10
5
0
-20
-15
-10
-5
0
5
20
10
15
A
B
C
D
E
F
DRAIN VOLTAGE (V)
V+ = 15V, V- = -15V
VL = 5V, VS = 10V
tON
tOFF
-55
-15
5
25
45
65
125
85
105
TEMPERATURE (°C)
-35
0
240
210
180
150
120
90
60
30
V+ = 15V, V- = -15V
VL = 5V, TA = +25°C
-15
-5
0
5
10
15
VS, VD (V)
-10
-60
20
10
0
-10
-20
-30
-40
-50
IS(OFF)
ID(OFF)
30
40
ID(ON) + IS(ON)
100mA
1mA
100
μA
10
μA
1
μA
100nA
10nA
10mA
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
IL
I+, I-
1SW
1SW
4SW
4SW
V+ = 15V, V- = -15V
VL = 5V
CL = 10nF
CL = 1nF
-15
-5
0
5
10
15
VS (V)
-10
-60
60
40
20
0
-20
-40
80
100
V+ = 15V, V- = -15V
VL = 5V
CL = 10nF
CL = 1nF
-15
-5
0
5
10
15
VD (V)
-10
-60
60
40
20
0
-20
-40
100
140
120
80
V+ = 15V, V- = -15V
VL = 5V
DG411, DG412, DG413


Similar Part No. - DG411DYZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG411DYZ INTERSIL-DG411DYZ Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG411DYZ INTERSIL-DG411DYZ Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
More results

Similar Description - DG411DYZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
logo
Vishay Siliconix
DG308A VISHAY-DG308A_11 Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
logo
Intersil Corporation
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
   Monolithic Quad SPST CMOS Analog Switches
Rev. G, 21-Feb-00
DG308A VISHAY-DG308A_V01 Datasheet
214Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com