Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL1532IRZ-T13 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL1532IRZ-T13
Description  Dual Channel Differential DSL Line Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1532IRZ-T13 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL1532IRZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL1532IRZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL1532IRZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL1532IRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL1532IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL1532IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL1532IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL1532IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL1532IRZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
FN6173.3
December 4, 2006
OUTPUT CHARACTERISTICS
VOUT
Loaded Output Swing
(RL Single-ended to GND)
RL = 100Ω
±11.1
V
RL = 50Ω (+)
+10.5
+10.95
V
RL = 50Ω (-)
-10.95
-10.5
V
RL = 25Ω (+)
+10.0
+10.7
V
RL = 25Ω (-)
-10.5
-9.6
V
IOL
Linear Output Current
AV = 5, RL = 10Ω, f = 100kHz, THD = -60dBc
(10
Ω single-ended)
450
mA
IOUT
Output Current
VOUT = 1V, RL = 1Ω
1A
DYNAMIC PERFORMANCE
BW
-3dB Bandwidth
AV = +5, RL-DIFF = 100Ω
50
MHz
HD2
2nd Harmonic Distortion
fC = 1MHz, RF = 5kΩ, AV = 10,
RL-DIFF = 100Ω, VOUT = 2VPP-DIFF
-90
dBc
fC = 1MHz, RF = 5kΩ, AV = 10, RL-DIFF = 50Ω,
VOUT = 2VPP-DIFF
-85
dBc
HD3
3rd Harmonic Distortion
fC = 1MHz, RF = 5kΩ, AV = 10,
RL-DIFF = 100Ω, VOUT = 2VPP-DIFF
-80
dBc
fC = 1MHz, RF = 5kΩ, AV = 10, RL-DIFF = 50Ω,
VOUT = 2VPP-DIFF
-65
dBc
MTPR
Multi-Tone Power Ratio
26kHz to 1.1MHz, RLINE = 100Ω,
PLINE = 20.4dBM
-70
dBc
SR
Slew rate (single-ended)
VOUT from -8V to +8V measured at ±4V
200
400
V/µs
Electrical Specifications
VS = ±12V, RF = 3kΩ, RL= 65Ω, IADJ = C0 = C1 = 0V, TA = +25°C. Amplifiers tested separately. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Pin Descriptions
20 Ld HTSSOP
24 Ld QFN
PIN NAME
FUNCTION
CIRCUIT
1
23
C0AB (Note 1)
DSL Channel 1 current control pin
CIRCUIT 1
2
24
C1AB (Note 1)
DSL Channel 1 current control pin
(Reference Circuit 1)
5, 11, 12, 21
NC
Not connected
3
1
VINA+
Amplifier A non-inverting input
CIRCUIT 2
4
2
VINB+
Amplifier B non-inverting input
(Reference Circuit 2)
VS+
IADJ
20k
COAB
VS+
VS-
50k
2.6V
VS+
VS-
7.5k
ISL1532


Similar Part No. - ISL1532IRZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL1532IRZ-T13 RENESAS-ISL1532IRZ-T13 Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
More results

Similar Description - ISL1532IRZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
   Dual Channel Differential DSL Line Driver
May 9, 2014
ISL1533 INTERSIL-ISL1533 Datasheet
43Kb / 2P
   Dual Channel Differential DSL Line Driver
logo
Renesas Technology Corp
ISL1533A RENESAS-ISL1533A Datasheet
1Mb / 16P
   Dual Channel Differential DSL Line Driver
Jan 31, 2019
ISL1532 RENESAS-ISL1532 Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
logo
Intersil Corporation
EL1528 INTERSIL-EL1528 Datasheet
130Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533 INTERSIL-ISL1533 Datasheet
106Kb / 2P
   Dual Channel Differential DSL Line Driver
October 12, 2015
ISL1540 INTERSIL-ISL1540 Datasheet
60Kb / 2P
   -52V Dual Channel Differential DSL Line Driver
ISL1541 INTERSIL-ISL1541_06 Datasheet
59Kb / 2P
   -52V Dual Channel Differential DSL Line Driver
ISL1534IRZ INTERSIL-ISL1534IRZ Datasheet
94Kb / 1P
   Dual Channel Fixed Gain Differential DSL Line Driver
October 12, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com