Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8700AIBZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL8700AIBZ
Description  Adjustable Quad Sequencer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8700AIBZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL8700AIBZ Datasheet HTML 3Page - Intersil Corporation ISL8700AIBZ Datasheet HTML 4Page - Intersil Corporation ISL8700AIBZ Datasheet HTML 5Page - Intersil Corporation ISL8700AIBZ Datasheet HTML 6Page - Intersil Corporation ISL8700AIBZ Datasheet HTML 7Page - Intersil Corporation ISL8700AIBZ Datasheet HTML 8Page - Intersil Corporation ISL8700AIBZ Datasheet HTML 9Page - Intersil Corporation ISL8700AIBZ Datasheet HTML 10Page - Intersil Corporation ISL8700AIBZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FN6381.0
October 12, 2006
Applications Usage
Using the ISL870XAEVAL1 Platform
The ISL870XAEVAL1 platform is the primary evaluation
board for this family of sequencers. See Figure 16 for
photograph and schematic.The evaluation board is shipped
with an ISL8702A mounted in the left position and with the
other device variants loose packed. In the following
discussion, test points names are bold on initial occurrence
for identification.
The VIN test point is the chip bias and can be biased from
3.3V to 24V. The VHI test point is for the ENABLE and
FAULT pull-up voltage which are limited to a maximum of
24V independent of VIN. The UV/OV resistor divider is set so
that a nominal 12V on the VMONITOR test point is compliant
and with a rising OV set at 13.2V and a falling UV set at
10.7V. These three test points (VIN,VHI and VMONITOR)
are brought out separately for maximum flexibility in
evaluation.
VMONITOR ramping up and down through the UV and OV
levels will result in the FAULT output signaling the out of
bound conditions by being released to pull high to the VHI
voltage as shown in Figures 6 and 7.
Once the voltage monitoring FAULT is resolved and where
applicable, the SEQ_EN(#) is satisfied, sequencing of the
ENABLE_X(#) outputs begins. When sequence enabled the
ENABLE_A, ENABLE_B, ENABLE_C and lastly
ENABLE_D are asserted in that order and when SEQ_EN is
disabled the order is reversed. See Figures 8 and 9
demonstrating the sequenced enabling and disabling of the
ENABLE outputs. The timing between ENABLE outputs is
set by the resistor values on the TB, TC, TD pins as shown.
Figure 10 illustrates the timing from either SEQ_EN and/or
VMONITOR being valid to ENABLE_A being asserted with a
10nF TIME capacitor. Figure 11 shows that ENABLE_X
outputs are pulled low even before VIN = 1V. This is critical
to ensure that a false enable is not signaled. Figure 12
illustrates the SEQ_EN# input disabling and enabling the
ISL8705A ENABLE# outputs. Notice the reversal in order
and delay timing from ENABLE_X# to ENABLE_X#.
Figure 13 shows the time from SEQ_EN transition with the
voltage ramping across the TIME capacitor to TIME Vth
being met. This results in the immediate pull down of the
TIME pin and simultaneous ENABLE_A enabling.
FIGURE 3. ISL8702A, ISL8703A, ISL8704A, ISL8705A FAULT OPERATIONAL DIAGRAM
UNDERVOLTAGE
OVERVOLTAGE
MONITORED VOLTAGE
FAULT OUTPUT
tFLTH
LIMIT
LIMIT
RAMPING UP AND DOWN
tFLTH
tFLTL
tFLTL
<tFLTH
Typical Performance Curves
FIGURE 4. UV/OV RISING THRESHOLD
FIGURE 5. VIN CURRENT
1.198
1.199
1.200
1.201
1.202
1.203
1.204
1.205
1.206
1.207
1.208
-40
-10
0
25
60
85
100
TEMP (°C)
VIN = 2.5V
VIN = 12V
VIN = 24V
150
170
190
210
230
250
270
290
310
-40
-10
0
25
60
85
100
TEMP (°C)
VIN = 12V
VIN = 24V
VIN = 2.5V
ISL8700A, ISL8701A, ISL8702A, ISL8703A, ISL8704A, ISL8705A


Similar Part No. - ISL8700AIBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8700AIBZ RENESAS-ISL8700AIBZ Datasheet
607Kb / 12P
   Adjustable Delay to Subsequent Enable Signal
logo
Intersil Corporation
ISL8700AIBZ INTERSIL-ISL8700AIBZ Datasheet
287Kb / 12P
   Adjustable Quad Sequencer
October 12, 2006
More results

Similar Description - ISL8700AIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8702IBZ-T INTERSIL-ISL8702IBZ-T Datasheet
295Kb / 13P
   Adjustable Quad Sequencer
ISL8700 INTERSIL-ISL8700 Datasheet
295Kb / 13P
   Adjustable Quad Sequencer
logo
Altera Corporation
ES1022SI ALTERA-ES1022SI Datasheet
1,000Kb / 14P
   Adjustable Quad Sequencer
logo
Renesas Technology Corp
ISL8700 RENESAS-ISL8700 Datasheet
656Kb / 13P
   Adjustable Quad Sequencer
logo
Intersil Corporation
ISL8700A INTERSIL-ISL8700A Datasheet
287Kb / 12P
   Adjustable Quad Sequencer
October 12, 2006
logo
Linear Technology
LTC2924 LINER-LTC2924_15 Datasheet
365Kb / 22P
   Quad Power Supply Sequencer
LTC2924 LINER-LTC2924 Datasheet
531Kb / 20P
   Quad Power Supply Sequencer
logo
Analog Devices
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. 0
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com