Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2596T-12 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM2596T-12
Description  SIMPLE SWITCHER Power Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2596T-12 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2596T-12 Datasheet HTML 5Page - Texas Instruments LM2596T-12 Datasheet HTML 6Page - Texas Instruments LM2596T-12 Datasheet HTML 7Page - Texas Instruments LM2596T-12 Datasheet HTML 8Page - Texas Instruments LM2596T-12 Datasheet HTML 9Page - Texas Instruments LM2596T-12 Datasheet HTML 10Page - Texas Instruments LM2596T-12 Datasheet HTML 11Page - Texas Instruments LM2596T-12 Datasheet HTML 12Page - Texas Instruments LM2596T-12 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Typical Performance Characteristics
Continuous Mode Switching Waveforms
V
IN = 20V, VOUT = 5V, ILOAD =2A
L = 32 µH, C
OUT = 220 µF, COUT ESR=50 mΩ
Discontinuous Mode Switching Waveforms
V
IN = 20V, VOUT = 5V, ILOAD = 500 mA
L = 10 µH, C
OUT = 330 µF, COUT ESR=45 mΩ
01258317
Horizontal Time Base: 2 µs/div.
A: Output Pin Voltage, 10V/div.
B: Inductor Current 1A/div.
C: Output Ripple Voltage, 50 mV/div.
01258318
Horizontal Time Base: 2 µs/div.
A: Output Pin Voltage, 10V/div.
B: Inductor Current 0.5A/div.
C: Output Ripple Voltage, 100 mV/div.
Load Transient Response for Continuous Mode
V
IN = 20V, VOUT = 5V, ILOAD = 500 mA to 2A
L = 32 µH, C
OUT = 220 µF, COUT ESR=50 mΩ
Load Transient Response for Discontinuous Mode
V
IN = 20V, VOUT = 5V, ILOAD = 500 mA to 2A
L = 10 µH, C
OUT = 330 µF, COUT ESR=45 mΩ
01258319
Horizontal Time Base: 100 µs/div.
A: Output Voltage, 100 mV/div. (AC)
B: 500 mA to 2A Load Pulse
01258320
Horizontal Time Base: 200 µs/div.
A: Output Voltage, 100 mV/div. (AC)
B: 500 mA to 2A Load Pulse
Test Circuit and Layout Guidelines
Fixed Output Voltage Versions
01258322
CIN
— 470 µF, 50V, Aluminum Electrolytic Nichicon “PL Series”
COUT
— 220 µF, 25V Aluminum Electrolytic, Nichicon “PL Series”
D1
— 5A, 40V Schottky Rectifier, 1N5825
L1
— 68 µH, L38
www.national.com
8


Similar Part No. - LM2596T-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2596T-12 NSC-LM2596T-12 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
LM2596T-12 ETC1-LM2596T-12 Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
logo
Texas Instruments
LM2596T-12 TI1-LM2596T-12 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2596T-12 UMW-LM2596T-12 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596T-12/LF03 TI1-LM2596T-12/LF03 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
More results

Similar Description - LM2596T-12

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
logo
Texas Instruments
LM2590HV TI1-LM2590HV_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
logo
List of Unclassifed Man...
AE2596 ETC-AE2596 Datasheet
449Kb / 13P
   SIMPLE SWITCHER POWER CONVERTER
logo
National Semiconductor ...
LM2672M NSC-LM2672M Datasheet
647Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A
logo
Texas Instruments
LMR16030 TI1-LMR16030 Datasheet
161Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Converter
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LM2591HV TI1-LM2591HV Datasheet
3Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
logo
Pulse A Technitrol Comp...
P0841NL PULSE-P0841NL Datasheet
173Kb / 2P
   Simple Switcher
logo
Texas Instruments
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com