Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM18BB121SN1 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # BLM18BB121SN1
Description  SMD/BLOCK Type EMI Suppression Filters
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM18BB121SN1 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button BLM18BB121SN1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. BLM18BB121SN1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BLM18BB121SN1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. BLM18BB121SN1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. BLM18BB121SN1 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. BLM18BB121SN1 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. BLM18BB121SN1 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. BLM18BB121SN1 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. BLM18BB121SN1 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 89 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
21
Part Number
Impedance
Rated
Current
at 100MHz/20
°C
at 1GHz/20
°C
BLA31AG300SN4
30ohm
±25%
200mA
-
-
-
-
-
-
-
-
-
-
-
BLA31AG600SN4
60ohm
±25%
200mA
BLA31AG121SN4
120ohm
±25%
150mA
BLA31AG221SN4
220ohm
±25%
150mA
BLA31AG601SN4
600ohm
±25%
100mA
BLA31AG102SN4
1000ohm
±25%
50mA
BLA31BD121SN4
120ohm
±25%
150mA
BLA31BD221SN4
220ohm
±25%
150mA
BLA31BD471SN4
470ohm
±25%
100mA
BLA31BD601SN4
600ohm
±25%
100mA
BLA31BD102SN4
1000ohm
±25%
50mA
1206
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
For General Signal Lines
For High Speed Signal Lines
p88
p88
Type
Size
Code
(Inch)
Thickness
(mm)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
BLM21PG220SN1
22ohm
±25%
6000mA
BLM21PG300SN1
30ohm(Typ.)
3000mA
BLM21PG600SN1
60ohm
±25%
3000mA
-
120ohm
±25%
3000mA
BLM21PG121SN1
BLM21PG221SN1
220ohm
±25%
2000mA
BLM21PG331SN1
330ohm
±25%
1500mA
BLM31PG330SN1
33ohm
±25%
6000mA
BLM31PG500SN1
50ohm(Typ.)
3000mA
BLM31PG121SN1
120ohm
±25%
3000mA
BLM31PG391SN1
390ohm
±25%
2000mA
BLM31PG601SN1
600ohm
±25%
1500mA
BLM41PG600SN1
60ohm(Typ.)
6000mA
BLM41PG750SN1
75ohm(Typ.)
3000mA
BLM41PG181SN1
180ohm
±25%
3000mA
BLM41PG471SN1
470ohm
±25%
2000mA
BLM41PG102SN1
1000ohm
±25%
1500mA
BLA2AAG121SN4
120ohm
±25%
100mA
BLA2AAG221SN4
220ohm
±25%
50mA
BLA2AAG601SN4
600ohm
±25%
50mA
BLA2AAG102SN4
1000ohm
±25%
50mA
BLA2ABB100SN4
10ohm
±25%
200mA
BLA2ABB220SN4
22ohm
±25%
200mA
BLA2ABB470SN4
47ohm
±25%
200mA
BLA2ABB121SN4
120ohm
±25%
50mA
BLA2ABB221SN4
220ohm
±25%
50mA
BLA2ABD750SN4
75ohm
±25%
200mA
BLA2ABD121SN4
120ohm
±25%
200mA
BLA2ABD221SN4
220ohm
±25%
100mA
BLA2ABD471SN4
470ohm
±25%
100mA
BLA2ABD601SN4
600ohm
±25%
100mA
BLA2ABD102SN4
1000ohm
±25%
50mA
0805
0.85
0.85
0.85
0.85
0.85
0.85
1.1
1.1
1.1
1.1
1.1
1.6
1.6
1.6
1.6
1.6
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
For Power Lines
1206
For Power Lines
1806
For Power Lines
0804
For General Signal Lines
For High Speed Signal Lines
p36
p38
p40
p85
p85
BLp Chip Ferrite Bead Series Line Up


Similar Part No. - BLM18BB121SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18BB121SN1 MURATA-BLM18BB121SN1 Datasheet
290Kb / 18P
   On-Board Type (DC) EMI Suppression Filters
BLM18BB121SN1 MURATA-BLM18BB121SN1 Datasheet
2Mb / 88P
   EMI Suppression Filters
BLM18BB121SN1 MURATA-BLM18BB121SN1 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
BLM18BB121SN1 MURATA-BLM18BB121SN1 Datasheet
253Kb / 8P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18BB121SN1 MURATA-BLM18BB121SN1 Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
More results

Similar Description - BLM18BB121SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
DLM11GN601SD2D MURATA-DLM11GN601SD2D Datasheet
1Mb / 39P
   smd/block type emi suppression filters
BLM15BD601SH1D MURATA-BLM15BD601SH1D Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM41AF800SN1L MURATA-BLM41AF800SN1L Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
DLW21SN371SQ2L MURATA-DLW21SN371SQ2L Datasheet
1Mb / 39P
   SMD/BLOCK TYPE EMI Suppression Filters
NFM55PC155F1H4L MURATA-NFM55PC155F1H4L Datasheet
1Mb / 48P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com