Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2596S-12 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2596S-12
Description  SIMPLE SWITCHER Power Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2596S-12 Datasheet(HTML) 3 Page - Texas Instruments

  LM2596S-12 Datasheet HTML 1Page - Texas Instruments LM2596S-12 Datasheet HTML 2Page - Texas Instruments LM2596S-12 Datasheet HTML 3Page - Texas Instruments LM2596S-12 Datasheet HTML 4Page - Texas Instruments LM2596S-12 Datasheet HTML 5Page - Texas Instruments LM2596S-12 Datasheet HTML 6Page - Texas Instruments LM2596S-12 Datasheet HTML 7Page - Texas Instruments LM2596S-12 Datasheet HTML 8Page - Texas Instruments LM2596S-12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Connection Diagrams and Ordering Information
Bent and Staggered Leads, Through Hole
Package
5-Lead TO-220 (T)
Surface Mount Package
5-Lead TO-263 (S)
01258302
Order Number LM2596T-3.3, LM2596T-5.0,
LM2596T-12 or LM2596T-ADJ
See NS Package Number T05D
01258303
Order Number LM2596S-3.3, LM2596S-5.0,
LM2596S-12 or LM2596S-ADJ
See NS Package Number TS5B
www.national.com
2


Similar Part No. - LM2596S-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2596S-12 NSC-LM2596S-12 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596S-12 TI1-LM2596S-12 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2596S-12 UMW-LM2596S-12 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596S-12/NOPB TI1-LM2596S-12/NOPB Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
More results

Similar Description - LM2596S-12

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
logo
Texas Instruments
LM2590HV TI1-LM2590HV_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
logo
List of Unclassifed Man...
AE2596 ETC-AE2596 Datasheet
449Kb / 13P
   SIMPLE SWITCHER POWER CONVERTER
logo
National Semiconductor ...
LM2672M NSC-LM2672M Datasheet
647Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A
logo
Texas Instruments
LMR16030 TI1-LMR16030 Datasheet
161Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Converter
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LM2591HV TI1-LM2591HV Datasheet
3Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
logo
Pulse A Technitrol Comp...
P0841NL PULSE-P0841NL Datasheet
173Kb / 2P
   Simple Switcher
logo
Texas Instruments
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com