Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1EX24016ASAS0G Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R1EX24016ASAS0G
Description  Two-wire serial interface 16k EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX24016ASAS0G Datasheet(HTML) 4 Page - Renesas Technology Corp

  R1EX24016ASAS0G Datasheet HTML 1Page - Renesas Technology Corp R1EX24016ASAS0G Datasheet HTML 2Page - Renesas Technology Corp R1EX24016ASAS0G Datasheet HTML 3Page - Renesas Technology Corp R1EX24016ASAS0G Datasheet HTML 4Page - Renesas Technology Corp R1EX24016ASAS0G Datasheet HTML 5Page - Renesas Technology Corp R1EX24016ASAS0G Datasheet HTML 6Page - Renesas Technology Corp R1EX24016ASAS0G Datasheet HTML 7Page - Renesas Technology Corp R1EX24016ASAS0G Datasheet HTML 8Page - Renesas Technology Corp R1EX24016ASAS0G Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
R1EX24016ASAS0G/R1EX24016ATAS0G
R10DS0032EJ0200 Rev.2.00
Page 4 of 16
Feb. 13, 2013
AC Characteristics
Test Conditions
 Input pules levels:
 VIL = 0.2  VCC
 VIH = 0.8  VCC
 Input rise and fall time:  20 ns
 Input and output timing reference levels: 0.5  VCC
 Output load: TTL Gate + 100 pF
(Ta =
40 to +105C, VCC = 1.8 to 5.5 V)
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Clock frequency
fSCL
400
kHz
Clock pulse width low
tLOW
1200
ns
Clock pulse width high
tHIGH
600
ns
Noise suppression time
tI
50
ns
1
Access time
tAA
100
900
ns
Bus free time for next mode
tBUF
1200
ns
Start hold time
tHD.STA
600
ns
Start setup time
tSU.STA
600
ns
Data in hold time
tHD.DAT
0
ns
Data in setup time
tSU.DAT
100
ns
Input rise time
tR
300
ns
1
Input fall time
tF
300
ns
1
Stop setup time
tSU.STO
600
ns
Data out hold time
tDH
50
ns
Write protect hold time
tHD.WP
1200
ns
Write protect setup time
tSU.WP
0
ns
Write cycle time
tWC
5
ms
2
Notes: 1. Not 100
 tested.
2. tWC is the time from a stop condition to the end of internally controlled write cycle.


Similar Part No. - R1EX24016ASAS0G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24016ASAS0G RENESAS-R1EX24016ASAS0G Datasheet
501Kb / 18P
   Two-wire serial interface 16k EEPROM (2-kword ??8-bit)
R1EX24016ASAS0G RENESAS-R1EX24016ASAS0G_15 Datasheet
501Kb / 18P
   Two-wire serial interface 16k EEPROM (2-kword ??8-bit)
More results

Similar Description - R1EX24016ASAS0G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE24LA162CB SANYO-LE24LA162CB Datasheet
121Kb / 10P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE24162LBXA SANYO-LE24162LBXA Datasheet
811Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE2416RLBXA SANYO-LE2416RLBXA Datasheet
872Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE24C162M SANYO-LE24C162M Datasheet
126Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
logo
Renesas Technology Corp
R1EX24016ASAS0I RENESAS-R1EX24016ASAS0I_12 Datasheet
154Kb / 19P
   Two-wire serial interface 16k EEPROM
logo
Sanyo Semicon Device
LE24L162 SANYO-LE24L162 Datasheet
194Kb / 11P
   CMOS IC Two Wire Serial Interface EEPROM (16k EEPROM)
logo
Renesas Technology Corp
R1EV24002ASAS0A RENESAS-R1EV24002ASAS0A Datasheet
134Kb / 17P
   Two-wire serial interface 2k EEPROM Two-wire serial interface
R1EX24016ASAS0G RENESAS-R1EX24016ASAS0G_15 Datasheet
501Kb / 18P
   Two-wire serial interface 16k EEPROM (2-kword ??8-bit)
logo
Sanyo Semicon Device
LE24L042CS SANYO-LE24L042CS Datasheet
200Kb / 10P
   Two Wire Serial Interface EEPROM
LE24LA322CS SANYO-LE24LA322CS Datasheet
217Kb / 11P
   Two Wire Serial Interface EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com