Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP5N95K3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP5N95K3
Description  N-channel 950 V, 3 ohm typ, 4 A Zener-protected SuperMESH3
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP5N95K3 Datasheet(HTML) 5 Page - STMicroelectronics

  STP5N95K3 Datasheet HTML 1Page - STMicroelectronics STP5N95K3 Datasheet HTML 2Page - STMicroelectronics STP5N95K3 Datasheet HTML 3Page - STMicroelectronics STP5N95K3 Datasheet HTML 4Page - STMicroelectronics STP5N95K3 Datasheet HTML 5Page - STMicroelectronics STP5N95K3 Datasheet HTML 6Page - STMicroelectronics STP5N95K3 Datasheet HTML 7Page - STMicroelectronics STP5N95K3 Datasheet HTML 8Page - STMicroelectronics STP5N95K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
DocID15696 Rev 3
5/23
STD5N95K3, STF5N95K3, STP5N95K3, STU5N95K3
Electrical characteristics
The built-in back-to-back Zener diodes have specifically been designed to enhance not only
the device’s ESD capability, but also to make them safely absorb possible voltage transients
that may occasionally be applied from gate to source. In this respect the Zener voltage is
appropriate to achieve an efficient and cost-effective intervention to protect the device’s
integrity. These integrated Zener diodes thus avoid the usage of external components.
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
td(on)
Turn-on delay time
VDD = 475 V, ID = 2 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 19)
-17
-
ns
tr
Rise time
-
7
-
ns
td(off)
Turn-off-delay time
-
32
-
ns
tf
Fall time
-
18
-
ns
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
ISD
Source-drain current
-
4
A
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
-
16
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 4 A, VGS = 0
-
1.6
V
trr
Reverse recovery time
ISD = 4 A, di/dt = 100 A/µs
VDD= 60 V
(see Figure 21)
-410
ns
Qrr
Reverse recovery charge
-
3.5
µC
IRRM
Reverse recovery current
-
17
A
trr
Reverse recovery time
ISD = 4 A, di/dt = 100 A/µs
VDD= 60 V TJ = 150 °C
(see Figure 21)
-516
ns
Qrr
Reverse recovery charge
-
4.1
µC
IRRM
Reverse recovery current
-
16
A
Table 8. Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
V(BR)GSO
Gate-source breakdown
voltage
IGS= ± 1 mA, ID=0
30
-
-
V


Similar Part No. - STP5N95K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP5N95K5 STMICROELECTRONICS-STP5N95K5 Datasheet
1Mb / 26P
   Ultra-low gate charge
January 2017 Rev 4
More results

Similar Description - STP5N95K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF13N95K3 STMICROELECTRONICS-STF13N95K3 Datasheet
861Kb / 19P
   N-channel 950 V, 0.68 Ohm typ., 10 A Zener-protected SuperMESH3
STFI5N95K3 STMICROELECTRONICS-STFI5N95K3 Datasheet
747Kb / 13P
   N-channel 950 V, 3 廓 typ., 4 A Zener-protected SuperMESH3?? Power MOSFET in I2PAKFP package
May 2013 Rev 1
STF7N95K3 STMICROELECTRONICS-STF7N95K3 Datasheet
943Kb / 15P
   N-channel 950 V, 1.1 Ohm, 7.2 A, TO-220, TO-220FP, TO-247 Zener-protected SuperMESH3 Power MOSFET
logo
STATEK CORPORATION
STU3N45K3 STATEK-STU3N45K3 Datasheet
838Kb / 14P
   N-channel 450 V - 3.3 廓 typ., 1.8 A Zener-protected SuperMESH3??Power MOSFET in a IPAK package
logo
STMicroelectronics
STF10N65K3 STMICROELECTRONICS-STF10N65K3 Datasheet
958Kb / 17P
   N-channel 650 V, 0.75 Ohm typ., 10 A Zener-protected SuperMESH3 Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
STU2N62K3 STMICROELECTRONICS-STU2N62K3 Datasheet
1Mb / 25P
   N-channel 620 V, 3 ohm, 2.2 A SuperMESH3 Power MOSFET
STF10N62K3 STMICROELECTRONICS-STF10N62K3 Datasheet
954Kb / 17P
   N-channel 620 V, 0.68 廓 typ., 8.4 A SuperMESH3?
STF4N62K3 STMICROELECTRONICS-STF4N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 1.7 廓 typ., 3.8 A SuperMESH3 Power MOSFET
STB11N52K3 STMICROELECTRONICS-STB11N52K3 Datasheet
1Mb / 20P
   N-channel 525 V, 0.41 ohm, 10 A SuperMESH3 Power MOSFET
STB5N62K3 STMICROELECTRONICS-STB5N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 1.28 ohm, 4.2 A SuperMESH3 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com