Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1EX25032ATA00G Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R1EX25032ATA00G
Description  Serial Peripheral Interface 32k EEPROM 64k EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX25032ATA00G Datasheet(HTML) 3 Page - Renesas Technology Corp

  R1EX25032ATA00G Datasheet HTML 1Page - Renesas Technology Corp R1EX25032ATA00G Datasheet HTML 2Page - Renesas Technology Corp R1EX25032ATA00G Datasheet HTML 3Page - Renesas Technology Corp R1EX25032ATA00G Datasheet HTML 4Page - Renesas Technology Corp R1EX25032ATA00G Datasheet HTML 5Page - Renesas Technology Corp R1EX25032ATA00G Datasheet HTML 6Page - Renesas Technology Corp R1EX25032ATA00G Datasheet HTML 7Page - Renesas Technology Corp R1EX25032ATA00G Datasheet HTML 8Page - Renesas Technology Corp R1EX25032ATA00G Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
R1EX25032ASA00G/R1EX25064ASA00G/R1EX25032ATA00G/R1EX25064ATA00G
R10DS0030EJ0100 Rev.1.00
Page 3 of 20
Mar. 08, 2013
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Supply voltage relative to VSS
VCC
0.6 to + 7.0
V
Input voltage relative to VSS
Vin
0.5*2 to +7.0
V
Operating temperature range*
1
Topr
40 to +105
C
Storage temperature range
Tstg
55 to +125
C
Notes: 1. Including electrical characteristics and data retention.
2. Vin (min):
3.0 V for pulse width  50 ns.
DC Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
1.8
5.5
V
VSS
0
0
0
V
Input voltage
VIH
VCC  0.7
VCC  0.5*
2
V
VIL
0.3*1
VCC  0.3
V
Operating temperature range
Topr
40
105
C
Notes: 1. VIL (min): 1.0 V for pulse width  50 ns.
2. VIH (max): VCC + 1.0 V for pulse width  50 ns.
Capacitance
(Ta = +25
C, f = 1 MHz)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input capacitance (D,C,
S, W ,HOLD)
Cin*
1
6.0
pF
Vin = 0 V
Output capacitance (Q)
CI/O*
1
8.0
pF
Vout = 0 V
Note: 1.Not 100
 tested.
Memory cell characteristics
(VCC = 1.8 V to 5.5 V)
Ta=85
C
Ta=105
C
Notes
Endurance
1,000k Cycles min.
200k Cycles min.
1
Data retention
20 Years min.
20 Years min.
1
Note: 1. Not 100
 tested.


Similar Part No. - R1EX25032ATA00G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25032ATA00A RENESAS-R1EX25032ATA00A Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25032ATA00I RENESAS-R1EX25032ATA00I Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25032ATA00I#S0 RENESAS-R1EX25032ATA00I#S0 Datasheet
274Kb / 22P
   Serial Peripheral Interface 32k EEPROM (4-kword 횞 8-bit) 64k EEPROM (8-kword 횞 8-bit)
More results

Similar Description - R1EX25032ATA00G

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S524LB0X91 SAMSUNG-S524LB0X91 Datasheet
145Kb / 20P
   32K/64K-bit Serial EEPROM
logo
Sanyo Semicon Device
LE24L322M SANYO-LE24L322M Datasheet
141Kb / 13P
   Two Wire Serial Interface EEPROM (32k EEPROM)
logo
Renesas Technology Corp
R1EX25002ASA00G RENESAS-R1EX25002ASA00G Datasheet
573Kb / 22P
   Serial Peripheral Interface 2k EEPROM 4k EEPROM
R1EX25008ASA00G RENESAS-R1EX25008ASA00G Datasheet
587Kb / 22P
   Serial Peripheral Interface 8k EEPROM 16k EEPROM
logo
Sanyo Semicon Device
LE24CB642MC SANYO-LE24CB642MC Datasheet
989Kb / 14P
   Two Wire Serial Interface EEPROM(64k EEPROM)
LE24LB642M SANYO-LE24LB642M_10 Datasheet
129Kb / 12P
   Two Wire Serial Interface EEPROM (64k EEPROM)
LE24CB642 SANYO-LE24CB642_10 Datasheet
134Kb / 12P
   Two Wire Serial Interface EEPROM (64k EEPROM)
LE24LB642CS SANYO-LE24LB642CS_12 Datasheet
224Kb / 11P
   Two Wire Serial Interface EEPROM (64k EEPROM)
LE24L322CS SANYO-LE24L322CS Datasheet
255Kb / 11P
   Two Wire Serial Interface EEPROM (32k EEPROM)
LE24C322M SANYO-LE24C322M Datasheet
133Kb / 12P
   Two Wire Serial Interface EEPROM (32k EEPROM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com