Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10JBCGFP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F10JBCGFP
Description  Integrated USB Controller, True Low Power Platform
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10JBCGFP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F10JBCGFP Datasheet HTML 2Page - Renesas Technology Corp R5F10JBCGFP Datasheet HTML 3Page - Renesas Technology Corp R5F10JBCGFP Datasheet HTML 4Page - Renesas Technology Corp R5F10JBCGFP Datasheet HTML 5Page - Renesas Technology Corp R5F10JBCGFP Datasheet HTML 6Page - Renesas Technology Corp R5F10JBCGFP Datasheet HTML 7Page - Renesas Technology Corp R5F10JBCGFP Datasheet HTML 8Page - Renesas Technology Corp R5F10JBCGFP Datasheet HTML 9Page - Renesas Technology Corp R5F10JBCGFP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 138 page
background image
RL78/G1C
1.
OUTLINE
Page 6 of 135
R01DS0348EJ0100
Rev.1.00
Aug 08, 2013
• 32-pin plastic LQFP (7 × 7 mm, 0.8 mm pitch)
(1) USB function: Host/Function controller (R5F10JBC)
16
15
14
13
12
11
10
9
25
26
27
28
29
30
31
32
24 23 22 21 20 19 18 17
1 2 3 4 5 6 7 8
P24/ANI4
P23/ANI3
P22/ANI2
P21/ANI1/AVREFM
P20/ANI0/AVREFP
P01/ANI16/TO00/INTP9/SCK01/SCL01/(SCLA0)
P00/ANI17/TI00/INTP8/SI01/SDA01/(SDAA0)
P120/ANI19/SO01/(PCLBUZ1)
P51/INTP2/SO00/TxD0/TOOLTxD/(TI01)/(TO01)
P50/INTP1/SI00/RxD0/TOOLRxD/SDA00/(TI02)/(TO02)
P30/INTP3/SCK00/SCL00/(TI03)/(TO03)/(PCLBUZ0)
P70/PCLBUZ1/UOVRCUR0
P31/TI03/TO03/INTP4/PCLBUZ0/UVBUSEN0
P62
P61/SDAA0
P60/SCLA0
INDEX MARK
Caution
Connect the REGC pin to Vss via a capacitor (0.47 to 1
μF).
Remarks 1. For pin identification, see 1.4 Pin Identification.
2. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O
redirection register (PIOR). Refer to Figure 4-8. Format of Peripheral I/O Redirection Register
(PIOR) in the RL78/G1C User’s Manual: Hardware.
<R>


Similar Part No. - R5F10JBCGFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F10JBCG RENESAS-R5F10JBCG Datasheet
1Mb / 137P
   Integrated USB Controller
More results

Similar Description - R5F10JBCGFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-G14 RENESAS-RL78-G14 Datasheet
2Mb / 213P
   True Low Power Platform
RL78-G11 RENESAS-RL78-G11 Datasheet
1Mb / 139P
   True Low Power Platform
RL78-G13 RENESAS-RL78-G13 Datasheet
1Mb / 202P
   True Low Power Platform
R5F1076CGSP RENESAS-R5F1076CGSP Datasheet
1Mb / 107P
   True Low Power Platform Ultra-Low Power Technology
RL78-G1C RENESAS-RL78-G1C Datasheet
1Mb / 137P
   Integrated USB Controller
logo
STMicroelectronics
STCC2540 STMICROELECTRONICS-STCC2540 Datasheet
951Kb / 32P
   USB charging controller with integrated power switch
February 2014 Rev 6
logo
Altmustech
AU123 ALTMUSTECH-AU123 Datasheet
513Kb / 3P
   Integrated USB MIDI Controller IC
logo
Torex Semiconductor
AU123 TOREX-AU123 Datasheet
513Kb / 3P
   Integrated USB MIDI Controller IC
logo
Renesas Technology Corp
ZSPM2000 RENESAS-ZSPM2000 Datasheet
669Kb / 43P
   True Digital PWM Controller with Integrated MOSFET Driver
January 27, 2016
logo
Feeling Technology Corp...
FM8PU86LV FEELING-FM8PU86LV Datasheet
1Mb / 40P
   Low Power Full-Speed USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com