Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10KBCAFP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F10KBCAFP
Description  Integrated USB Controller, True Low Power Platform
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10KBCAFP Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F10KBCAFP Datasheet HTML 1Page - Renesas Technology Corp R5F10KBCAFP Datasheet HTML 2Page - Renesas Technology Corp R5F10KBCAFP Datasheet HTML 3Page - Renesas Technology Corp R5F10KBCAFP Datasheet HTML 4Page - Renesas Technology Corp R5F10KBCAFP Datasheet HTML 5Page - Renesas Technology Corp R5F10KBCAFP Datasheet HTML 6Page - Renesas Technology Corp R5F10KBCAFP Datasheet HTML 7Page - Renesas Technology Corp R5F10KBCAFP Datasheet HTML 8Page - Renesas Technology Corp R5F10KBCAFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 138 page
background image
RL78/G1C
1.
OUTLINE
Page 2 of 135
R01DS0348EJ0100
Rev.1.00
Aug 08, 2013
 ROM, RAM capacities
RL78/G1C
Flash ROM
Data flash
RAM
32-pin
48-pin
32 KB
2 KB
5.5 KB
Note
R5F10JBC, R5F10KBC
R5F10JGC, R5F10KGC
Note
This is about 4.5 KB when the self-programming function is used. (For details, see CHAPTER 3 CPU
ARCHITECTURE in the RL78/G1C User’s Manual: Hardware.)
Remark
The functions mounted depend on the product. See 1.6 Outline of Functions.
1.2
List of Part Numbers
Pin count
Package
USB Function
Fields of
Application
Note
Part Number
A
R5F10JBCANA#U0, R5F10JBCANA#W0
Host/Function controller
G
R5F10JBCGNA#U0, R5F10JBCGNA#W0
A
R5F10KBCANA#U0, R5F10KBCANA#W0
32-pin plastic HWQFN
(5 × 5, 0.5 mm pitch)
Function controller only
G
R5F10KBCGNA#U0, R5F10KBCGNA#W0
A
R5F10JBCAFP#V0, R5F10JBCAFP#X0
Host/Function controller
G
R5F10JBCGFP#V0, R5F10JBCGFP#X0
A
R5F10KBCAFP#V0, R5F10KBCAFP#X0
32 pins
32-pin plastic LQFP
(7 × 7, 0.8 mm pitch)
Function controller only
G
R5F10KBCGFP#V0, R5F10KBCGFP#X0
A
R5F10JGCAFB#V0, R5F10JGCAFB#X0
Host/Function controller
G
R5F10JGCGFB#V0, R5F10JGCGFB#X0
A
R5F10KGCAFB#V0, R5F10KGCAFB#X0s
48-pin plastic LFQFP
(7 × 7, 0.5 mm pitch)
Function controller only
G
R5F10JGCANA#U0, R5F10JGCANA#W0
A
R5F10JGCANA#U0, R5F10JGCANA#W0
Host/Function controller
G
R5F10JGCGNA#U0, R5F10JGCGNA#W0
A
R5F10KGCANA#U0, R5F10KGCANA#W0
48 pins
48-pin plastic HWQFN
(7 × 7, 0.5 mm pitch)
Function controller only
G
R5F10KGCGNA#U0, R5F10KGCGNA#W0
Note
For the fields of application, refer to Figure 1-1 Part Number, Memory Size, and Package of RL78/G1C.
Caution The part number above is valid as of when this manual was issued. For the latest part number,
see the web page of the target product on the Renesas Electronics website.
<R>


Similar Part No. - R5F10KBCAFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F10KBCA RENESAS-R5F10KBCA Datasheet
1Mb / 137P
   Integrated USB Controller
More results

Similar Description - R5F10KBCAFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-G14 RENESAS-RL78-G14 Datasheet
2Mb / 213P
   True Low Power Platform
RL78-G11 RENESAS-RL78-G11 Datasheet
1Mb / 139P
   True Low Power Platform
RL78-G13 RENESAS-RL78-G13 Datasheet
1Mb / 202P
   True Low Power Platform
R5F1076CGSP RENESAS-R5F1076CGSP Datasheet
1Mb / 107P
   True Low Power Platform Ultra-Low Power Technology
RL78-G1C RENESAS-RL78-G1C Datasheet
1Mb / 137P
   Integrated USB Controller
logo
STMicroelectronics
STCC2540 STMICROELECTRONICS-STCC2540 Datasheet
951Kb / 32P
   USB charging controller with integrated power switch
February 2014 Rev 6
logo
Altmustech
AU123 ALTMUSTECH-AU123 Datasheet
513Kb / 3P
   Integrated USB MIDI Controller IC
logo
Torex Semiconductor
AU123 TOREX-AU123 Datasheet
513Kb / 3P
   Integrated USB MIDI Controller IC
logo
Renesas Technology Corp
ZSPM2000 RENESAS-ZSPM2000 Datasheet
669Kb / 43P
   True Digital PWM Controller with Integrated MOSFET Driver
January 27, 2016
logo
Feeling Technology Corp...
FM8PU86LV FEELING-FM8PU86LV Datasheet
1Mb / 40P
   Low Power Full-Speed USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com