Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A20169NP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R2A20169NP
Description  8-bit 12ch D/A Converter with Buffer Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20169NP Datasheet(HTML) 5 Page - Renesas Technology Corp

  R2A20169NP Datasheet HTML 1Page - Renesas Technology Corp R2A20169NP Datasheet HTML 2Page - Renesas Technology Corp R2A20169NP Datasheet HTML 3Page - Renesas Technology Corp R2A20169NP Datasheet HTML 4Page - Renesas Technology Corp R2A20169NP Datasheet HTML 5Page - Renesas Technology Corp R2A20169NP Datasheet HTML 6Page - Renesas Technology Corp R2A20169NP Datasheet HTML 7Page - Renesas Technology Corp R2A20169NP Datasheet HTML 8Page - Renesas Technology Corp R2A20169NP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Datasheet
R2A20169NP/SA/SP
Page 5 of 9
R03DS0020EJ0300 Rev.3.00
Jul 25, 2013
Item
Symbol
Test conditions
Limits
Unit
Min
Typ
Max
Clock frequency
fCLK
-
1.0
10
MHz
Clock low pulse width
tCKL
40
-
-
ns
Clock high pulse width
tCKH
40
-
-
ns
Clock rise time
tCR
-
-
200
ns
Clock fall time
tCF
-
-
200
ns
Data setup time
tDCH
4
-
-
ns
Data hold time
tCHD
30
-
-
ns
LD setup time
tCHL
40
-
-
ns
LD hold time
tLDC
40
-
-
ns
LD high pulse width
tLDH
40
-
-
ns
Data output delay time
tDO
CL < 100 pF
-10
-
50
ns
D/A output settling time
tLDD
Ta=25deg, CL<100pF, VAO: 0.5
¨4.5V,
The time until the output becomes the final
value of 1/2 LSB.
-
-
150
µs
AC Characteristics
Timing Chart
CLK
tCR
tCF
tCKH
tCKL
tDCH
tCHD
tCHL
tLDH
tLDC
tLDD
DI
LD
D/A
output
tDo
Do
output
( Vcc, VrefU = +5V +/-10%, Vcc >VrefU, GND=VrefL = 0V, Ta = -30 to +85deg, unless otherwise noted )
(Note) Timing chart above is a schematic representation of the timing of each signal type.
CLK signal input is High or Low regardless, LD signal High input is enabled.


Similar Part No. - R2A20169NP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20169NP RENESAS-R2A20169NP Datasheet
394Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
R2A20169NPSASP RENESAS-R2A20169NPSASP_15 Datasheet
299Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
More results

Similar Description - R2A20169NP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62352P MITSUBISHI-M62352P Datasheet
55Kb / 6P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62352P RENESAS-M62352P Datasheet
140Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62358P RENESAS-M62358P Datasheet
2Mb / 7P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Mitsubishi Electric Sem...
M62358P MITSUBISHI-M62358P Datasheet
62Kb / 6P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
R2A20169NPSASP RENESAS-R2A20169NPSASP_15 Datasheet
299Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62352P RENESAS-M62352P_15 Datasheet
296Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62352AGP RENESAS-M62352AGP Datasheet
136Kb / 9P
   8-bit 12ch D/A Converter with Buffer Amplifiers
R2A20169NP RENESAS-R2A20169NP Datasheet
394Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62366GP MITSUBISHI-M62366GP Datasheet
50Kb / 5P
   3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62398P RENESAS-M62398P Datasheet
2Mb / 8P
   8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com