Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK0631JPE Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJK0631JPE
Description  Silicon N Channel Power MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0631JPE Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJK0631JPE_13 Datasheet HTML 1Page - Renesas Technology Corp RJK0631JPE_13 Datasheet HTML 2Page - Renesas Technology Corp RJK0631JPE_13 Datasheet HTML 3Page - Renesas Technology Corp RJK0631JPE_13 Datasheet HTML 4Page - Renesas Technology Corp RJK0631JPE_13 Datasheet HTML 5Page - Renesas Technology Corp RJK0631JPE_13 Datasheet HTML 6Page - Renesas Technology Corp RJK0631JPE_13 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RJK0631JPE
Preliminary
R07DS0341EJ0300 Rev.3.00
Page 5 of 6
Jul 24, 2013
Pulse Width PW (s)
Normalized Transient Thermal Impedance vs. Pulse Width
D. U. T
Rg
IAP
Monitor
VDS
Monitor
VDD
50
Ω
Vin
15 V
0
ID
VDS
IAP
V (BR)DSS
L
VDD
EAR =
L
• IAP2 •
2
1
VDSS
VDSS – VDD
Avalanche Test CircuitAvalanche Waveform
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
90%
10%
tf
Switching Time Test Circuit
Switching Time Waveform
Vin Monitor
D.U.T.
Vin
10 V
RL
VDS
= 30 V
Vout
Monitor
Rg
D = 1
0.05
10
μ
100
μ
1 m10 m
100 m10
1
10
1
0.1
0.01
0.1
0.2
0.5
0.01
1sh
ot
p
uls
e
0.02
P
DM
PW
T
D =
PW
T
θch – c(t) = γs (t) • θch – c
θch – c = 2.5°C/W, Tc = 25°C


Similar Part No. - RJK0631JPE_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0631JPE RENESAS-RJK0631JPE_15 Datasheet
101Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - RJK0631JPE_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2026R RENESAS-HAT2026R_15 Datasheet
108Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R_15 Datasheet
249Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPE RENESAS-RJK0631JPE Datasheet
126Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R Datasheet
86Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT2025R HITACHI-HAT2025R Datasheet
51Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2033R HITACHI-HAT2033R Datasheet
56Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2049T HITACHI-HAT2049T Datasheet
52Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2050T HITACHI-HAT2050T Datasheet
57Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
RJK0631JPD RENESAS-RJK0631JPD_13 Datasheet
99Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2092R RENESAS-HAT2092R Datasheet
80Kb / 8P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com