Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F56107WNBG Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F56107WNBG
Description  RENESAS 32-Bit MCU
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56107WNBG Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F56107WNBG Datasheet HTML 2Page - Renesas Technology Corp R5F56107WNBG Datasheet HTML 3Page - Renesas Technology Corp R5F56107WNBG Datasheet HTML 4Page - Renesas Technology Corp R5F56107WNBG Datasheet HTML 5Page - Renesas Technology Corp R5F56107WNBG Datasheet HTML 6Page - Renesas Technology Corp R5F56107WNBG Datasheet HTML 7Page - Renesas Technology Corp R5F56107WNBG Datasheet HTML 8Page - Renesas Technology Corp R5F56107WNBG Datasheet HTML 9Page - Renesas Technology Corp R5F56107WNBG Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 86 page
background image
RX610 Group
1. Overview
R01DS0097EJ0120 Rev.1.20
Page 6 of 84
Feb 20, 2013
5
56
F
10 8 V N FP
Indicates the package.
FP: LQFP
BG: LFBGA
Indicates the characteristic code.
N: Regular specifications
D: Wide-range specifications
Indicates the number of pins.
V: 144 pins
W: 176 pins
Indicates a Renesas semiconductor product.
Indicates the type of memory.
F: Flash memory version
Indicates the RX600 Series.
Indicates the RX610 Group.
R
Indicates a Renesas MCU.
Indicates the ROM capacity, RAM capacity,
and data flash capacity.
8: 2 Mbytes/128 Kbytes/32 Kbytes
7: 1.5 Mbytes/128 Kbytes/32 Kbytes
6: 1 Mbyte/128 Kbytes/32 Kbytes
4: 768 Kbytes/128 Kbytes/32 Kbytes
Figure 1.1
How to Read the Product Part No.


Similar Part No. - R5F56107WNBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F56107WNBG RENESAS-R5F56107WNBG Datasheet
1Mb / 85P
   The RX610 Group is an MCU with the high-speed, high-performance RX CPU as its core.
R5F56107WNBG RENESAS-R5F56107WNBG Datasheet
1Mb / 8P
   32-Bit MCU
More results

Similar Description - R5F56107WNBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX610 RENESAS-RX610_15 Datasheet
1Mb / 86P
   RENESAS 32-Bit MCU
R01US0079ED0103 RENESAS-R01US0079ED0103 Datasheet
925Kb / 66P
   RENESAS 32-Bit MCU
RA6M2 RENESAS-RA6M2_V01 Datasheet
1Mb / 100P
   32-Bit MCU Renesas Advanced (RA) Family Renesas RA6 Series
May 14, 2021
RA2A1 RENESAS-RA2A1 Datasheet
1Mb / 100P
   32-Bit MCU Renesas Advanced (RA) Family Renesas RA2 Series
RA6M1 RENESAS-RA6M1_V01 Datasheet
1Mb / 92P
   32-bit MCU Renesas Advanced (RA) Family Renesas RA6 Series
RA6T1 RENESAS-RA6T1_V01 Datasheet
784Kb / 70P
   32-Bit MCU Renesas Advanced (RA) Family Renesas RA6 Series
Feb 24, 2022
RX610 RENESAS-RX610 Datasheet
1Mb / 8P
   32-Bit MCU
RA4W1 RENESAS-RA4W1 Datasheet
1Mb / 105P
   32-Bit MCU
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com