Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F56104WDBG Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F56104WDBG
Description  RENESAS 32-Bit MCU
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56104WDBG Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F56104WDBG Datasheet HTML 1Page - Renesas Technology Corp R5F56104WDBG Datasheet HTML 2Page - Renesas Technology Corp R5F56104WDBG Datasheet HTML 3Page - Renesas Technology Corp R5F56104WDBG Datasheet HTML 4Page - Renesas Technology Corp R5F56104WDBG Datasheet HTML 5Page - Renesas Technology Corp R5F56104WDBG Datasheet HTML 6Page - Renesas Technology Corp R5F56104WDBG Datasheet HTML 7Page - Renesas Technology Corp R5F56104WDBG Datasheet HTML 8Page - Renesas Technology Corp R5F56104WDBG Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 86 page
background image
RX610 Group
1. Overview
R01DS0097EJ0120 Rev.1.20
Page 2 of 84
Feb 20, 2013
1.1.2
Outline of Specifications
Table 1.1 lists the specifications of the RX610 Group in outline.
Table 1.1
Outline of Specifications
Classification
Module/Function
Description
CPU
CPU
Maximum operating frequency: 100 MHz
32-bit RX CPU
Minimum instruction execution time: One instruction in one state (in one system clock
cycle)
Address space: 4-Gbyte linear address
Register set of the CPU
General purpose: Sixteen 32-bit registers
Control: Nine 32-bit registers
Accumulator: One 64-bit register
Basic instructions: 73
Floating-point operation instructions: 8
DSP instructions: 9
Addressing modes: 10
Data arrangement
Instructions: Little endian
Data: Selectable as little endian or big endian
On-chip 32-bit multiplier: 32 x 32 → 64 bits
On-chip divider: 32 / 32 → 32 bits
Barrel shifter: 32 bits
FPU
Single precision (32-bit) floating point
Data types and floating-point exceptions conforming to the IEEE754 standard
Memory
Flash
Flash capacity: 2 Mbytes (max.)
Three types of on-board programming modes
SCI boot mode, user program mode, and user boot mode
RAM
RAM capacity: 128 Kbytes
Data flash
Data flash capacity: 32 Kbytes
MCU operating modes
Single-chip mode, on-chip ROM enabled extended mode, and on-chip ROM disabled
extended mode
Clock
Clock generation circuit One main clock oscillation circuit
Includes a PLL circuit and frequency divider, so the operating frequency is selectable
System clock, peripheral module clock, and external bus clock are independently
specifiable.
The CPU, DMAC, DTC, ROM, and RAM run in synchronization with the system
clock (ICLK): 8 to 100 MHz
Peripheral modules run in synchronization with the peripheral module
clock (PCLK): 8 to 50 MHz
Devices connected to the external bus run in synchronization with the external bus
clock (BCLK): 8 to 25 MHz
Power down
Power-down function
Module stop function
Four power-down modes
Sleep mode, all-module clock stop mode, software standby mode, and deep software
standby mode


Similar Part No. - R5F56104WDBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F56104WNBG RENESAS-R5F56104WNBG Datasheet
1Mb / 85P
   The RX610 Group is an MCU with the high-speed, high-performance RX CPU as its core.
R5F56104WNBG RENESAS-R5F56104WNBG Datasheet
1Mb / 8P
   32-Bit MCU
More results

Similar Description - R5F56104WDBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX610 RENESAS-RX610_15 Datasheet
1Mb / 86P
   RENESAS 32-Bit MCU
R01US0079ED0103 RENESAS-R01US0079ED0103 Datasheet
925Kb / 66P
   RENESAS 32-Bit MCU
RA6M2 RENESAS-RA6M2_V01 Datasheet
1Mb / 100P
   32-Bit MCU Renesas Advanced (RA) Family Renesas RA6 Series
May 14, 2021
RA2A1 RENESAS-RA2A1 Datasheet
1Mb / 100P
   32-Bit MCU Renesas Advanced (RA) Family Renesas RA2 Series
RA6M1 RENESAS-RA6M1_V01 Datasheet
1Mb / 92P
   32-bit MCU Renesas Advanced (RA) Family Renesas RA6 Series
RA6T1 RENESAS-RA6T1_V01 Datasheet
784Kb / 70P
   32-Bit MCU Renesas Advanced (RA) Family Renesas RA6 Series
Feb 24, 2022
RX610 RENESAS-RX610 Datasheet
1Mb / 8P
   32-Bit MCU
RA4W1 RENESAS-RA4W1 Datasheet
1Mb / 105P
   32-Bit MCU
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com