Electronic Components Datasheet Search |
|
FTSH-105-03-F-MT-EC-K Datasheet(PDF) 1 Page - Samtec, Inc |
|
FTSH-105-03-F-MT-EC-K Datasheet(HTML) 1 Page - Samtec, Inc |
1 / 2 page (1,27 mm) .050" FTSH SERIES FTSH–125–01–L–DV–EJ FTSH–120–01–F–DV FTSH–110–01–L–DV WWW.SAMTEC.COM Mates with: FFSD, FFTP, CLP, FLE, SFMC, SFMH F-213 For complete specifications and recommended PCB layouts see www.samtec.com?FTSH Insulator Material: Black Liquid Crystal Polymer Terminal Material: Phosphor Bronze Plating: Sn or Au over 50µ" (1,27 µm) Ni Current Rating: 1.75A per contact @ 80°C ambient Operating Temp Range: -55°C to +125°C RoHS Compliant: Yes Processing: Lead-Free Solderable: Yes SMT Lead Coplanarity: –MT & –DV Tail Option: (0,10 mm) .004" max (02-25) –MT & –DH Tail Option: (0,15 mm) .006" max (26-50) Note: Some sizes, styles and options are non-standard, non-returnable. Note: See SFM/TFM for positive alignment feature. LEAD STYLE NO. PINS PER ROW 1 02 thru 50 FTSH –DV –EX OPTION SHOWN –DH (Styles –01, –02, –04 only) –MT (Styles –01, –02 & –04 only) OPTIONS –TR OPTION –ES OPTION –EJ OPTION –EP OPTION –EC OPTION –P OPTION –EL OPTION HORIZONTAL APPLICATIONS CLP FTSH Ultra-low profile option available. End Shrouds available. Call for FTS Series specifications. ALSO AVAILABLE LEAD STYLE A –01 (3,05) .120 –02 (1,91) .075 –03 (1,65) .065 –04 (3,81) .150 –05 (4,32) .170 SPECIFICATIONS SMT MICRO HEADER –01 = (3,05 mm) .120" Post (Mates with FFSD, CLP–DH) –02 = (1,91 mm) .075" Post (Mates with FLE) –03 = (1,65 mm) .065" Post (Mates with CLP–D) –04 = (3,81 mm) .150" Post (Mates with SFMC, SFMH) –05 = (4,32 mm) .170" Post (Mates with CLP–BE) APPLICATION SPECIFIC OPTION Molded Pick & Place pads and latches available. Call Samtec. EXTENDED LIFE PRODUCT 10 year Mixed Flowing Gas with 30µ" Gold TM Call Samtec for maximum cycles (1,27) .050 (5,84) .230 A A (0,81) .032 (0,81) .032 (0,51) .020 (2,29) .090 (5,33) .210 (5,08) .200 (0,40) .016 SQ (1,27) .050 (2,29) .090 (2,51) .099 No. of positions x (1,27) .050 + Z No. of positions x (1,27) .050 + Z (4,78) .188 (5,64) .222 100 99 02 01 (1,27) .050 A (2,92) .115 (3,43) .135 01 02 99 100 (1,27) .050 No. of positions x (1,27) .050 OPTION Z –ES (2,57) .101 –EJ (15,77) .621 –EC (3,33) .131 –EP (5,87) .231 –EL (6,53) .257 –EJ OPTION SHOWN (1,27 mm) .050" |
Similar Part No. - FTSH-105-03-F-MT-EC-K |
|
Similar Description - FTSH-105-03-F-MT-EC-K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |