Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFU1206FF01000E100 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MFU1206FF01000E100
Description  Thin Film Chip Fuses
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MFU1206FF01000E100 Datasheet(HTML) 5 Page - Vishay Siliconix

  MFU1206FF01000E100 Datasheet HTML 1Page - Vishay Siliconix MFU1206FF01000E100 Datasheet HTML 2Page - Vishay Siliconix MFU1206FF01000E100 Datasheet HTML 3Page - Vishay Siliconix MFU1206FF01000E100 Datasheet HTML 4Page - Vishay Siliconix MFU1206FF01000E100 Datasheet HTML 5Page - Vishay Siliconix MFU1206FF01000E100 Datasheet HTML 6Page - Vishay Siliconix MFU1206FF01000E100 Datasheet HTML 7Page - Vishay Siliconix MFU1206FF01000E100 Datasheet HTML 8Page - Vishay Siliconix MFU1206FF01000E100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MFU Series
www.vishay.com
Vishay Beyschlag
Revision: 11-Mar-13
5
Document Number: 28747
For technical questions, contact: fuse@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Other values of rated current are available on request
(2) Typical values
(3) For packages with 1000 pieces, please use for packaging P1 instead of P5
(4) For packages with 20 000 pieces, please use for packaging PW instead of P5
Notes
(5) Other values of rated current are available on request
(6) Typical values
(7) For packages with 1000 pieces, please use for packaging P1 instead of P5
(8) For packages with 20 000 pieces, please use for packaging PW instead of P5
MFU 0805 RATING - Very quick acting (FF)
SIZE
FUSE
CHAR.
RATED
CURRENT (1)
RATED
VOLTAGE
PRE-ARCING (2)
I2t
at 10 x IR
VOLT.
DROP (2)
at
1 x IR
COLD
RESIS (2)
at
0.1 x IR
BREAKING
CAPACITY
DC
MARK. APPROVAL
PART NUMBER (3)(4)
0805
FF
500 mA
32 V
0.0009 A2s
374 mV
570 m
 50 A at 32 V
F
UL
MFU0805FF00500P500
630 mA
32 V
0.0014 A2s
347 mV
420 m
 50 A at 32 V
CT
UL
MFU0805FF00630P500
750 mA
32 V
0.0021 A2s
280 mV
285 m
 50 A at 32 V
G
UL
MFU0805FF00750P500
800 mA
32 V
0.0023 A2s
262 mV
250 m
 50 A at 32 V
CV
UL
MFU0805FF00800P500
1.0 A
32 V
0.0028 A2s
243 mV
185 m
 50 A at 32 V
H
UL
MFU0805FF01000P500
1.25 A
32 V
0.0040 A2s
205 mV
125 m
 50 A at 32 V
J
UL
MFU0805FF01250P500
1.5 A
32 V
0.0059 A2s
171 mV
87 m
 50 A at 32 V
K
UL
MFU0805FF01500P500
1.6 A
32 V
0.0065 A2s
164 mV
78 m
 50 A at 32 V
EF
UL
MFU0805FF01600P500
1.75 A
32 V
0.0077 A2s
161 mV
70 m
 50 A at 32 V
L
UL
MFU0805FF01750P500
2.0 A
32 V
0.0101 A2s
176 mV
67 m
 50 A at 32 V
N
UL
MFU0805FF02000P500
2.5 A
32 V
0.0157 A2s
131 mV
40 m
 50 A at 32 V
O
UL
MFU0805FF02500P500
3.0 A
32 V
0.0227 A2s
134 mV
34 m
 50 A at 32 V
P
UL
MFU0805FF03000P500
3.15 A
32 V
0.0250 A2s
128 mV
31 m
 50 A at 32 V
EL
UL
MFU0805FF03150P500
3.5 A
32 V
0.0308 A2s
119 mV
26 m
 50 A at 32 V
R
UL
MFU0805FF03500P500
4.0 A
32 V
0.0403 A2s
105 mV
20 m
 50 A at 32 V
S
UL
MFU0805FF04000P500
5.0 A
32 V
0.2275 A2s
98 mV
15 m
 50 A at 32 V
T
UL
MFU0805FF05000P500
MFU 1206 RATING - Very quick acting (FF)
SIZE
FUSE
CHAR.
RATED
CURRENT (5)
RATED
VOLTAGE
PRE-ARCING (6)
I2t
at 10 x IR
VOLT.
DROP (6)
at
1 x IR
COLD
RESIS (6)
at
0.1 x IR
BREAKING
CAPACITY
DC
MARK. APPROVAL
PART NUMBER (7)(8)
1206
FF
500 mA
63 V
0.0009 A2s
433 mV
660 m
 50 A at 63 V
F
UL/IEC
MFU1206FF00500P500
630 mA
63 V
0.0014 A2s
372 mV
450 m
 50 A at 63 V
CT
UL
MFU1206FF00630P500
750 mA
63 V
0.0022 A2s
325 mV
330 m
 50 A at 63 V
G
UL
MFU1206FF00750P500
800 mA
63 V
0.0023 A2s
273 mV
260 m
 50 A at 63 V
CV
UL
MFU1206FF00800P500
1.0 A
63 V
0.0028 A2s
262 mV
200 m
 50 A at 63 V
H
UL/IEC
MFU1206FF01000P500
1.25 A
63 V
0.0041 A2s
230 mV
140 m
 50 A at 63 V
J
UL
MFU1206FF01250P500
1.5 A
63 V
0.0059 A2s
207 mV
105 m
 50 A at 63 V
K
UL
MFU1206FF01500P500
1.6 A
63 V
0.0066 A2s
168 mV
80 m
 50 A at 63 V
EF
UL/IEC
MFU1206FF01600P500
1.75 A
63 V
0.0077 A2s
174 mV
76 m
 50 A at 63 V
L
UL
MFU1206FF01750P500
2.0 A
63 V
0.0102 A2s
181 mV
69 m
 50 A at 63 V
N
UL/IEC
MFU1206FF02000P500
2.5 A
63 V
0.0159 A2s
161 mV
49 m
 50 A at 63 V
O
UL
MFU1206FF02500P500
3.0 A
63 V
0.0229 A2s
173 mV
44 m
 50 A at 63 V
P
UL
MFU1206FF03000P500
3.15 A
63 V
0.0251 A2s
153 mV
37 m
 50 A at 63 V
EL
UL/IEC
MFU1206FF03150P500
3.5 A
63 V
0.0310 A2s
161 mV
35 m
 50 A at 63 V
R
UL
MFU1206FF03500P500
4.0 A
63 V
0.0404 A2s
147 mV
28 m
 50 A at 63 V
S
UL
MFU1206FF04000P500
5.0 A
63 V
0.2275 A2s
131 mV
20 m
 50 A at 63 V
T
UL
MFU1206FF05000P500
6.3 A
63 V
0.5160 A2s
116 mV
14 m
 50 A at 63 V
ET
UL
MFU1206FF06300P500


Similar Part No. - MFU1206FF01000E100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MFU1206FF01000E100 VISHAY-MFU1206FF01000E100 Datasheet
176Kb / 13P
   Thin Film Flat Chip Fuses
Revision: 25-Jun-08
MFU1206FF01000E100 VISHAY-MFU1206FF01000E100 Datasheet
179Kb / 13P
   Thin Film Chip Fuses
Revision: 06-May-10
More results

Similar Description - MFU1206FF01000E100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MFU VISHAY-MFU_10 Datasheet
179Kb / 13P
   Thin Film Chip Fuses
Revision: 06-May-10
MFU VISHAY-MFU Datasheet
176Kb / 13P
   Thin Film Flat Chip Fuses
Revision: 25-Jun-08
logo
AVX Corporation
F0603G0R05FNTR AVX-F0603G0R05FNTR_17 Datasheet
267Kb / 4P
   Miniature 0603 Size Thin-Film Fuses
logo
Littelfuse
431 LITTELFUSE-431 Datasheet
83Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
435 LITTELFUSE-435 Datasheet
84Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
429 LITTELFUSE-429 Datasheet
78Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
433 LITTELFUSE-433 Datasheet
51Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
434 LITTELFUSE-434 Datasheet
42Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
430 LITTELFUSE-430 Datasheet
37Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
466 LITTELFUSE-466 Datasheet
101Kb / 2P
   Surface Mount Fuses - Lead-Free Thin-Film
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com