Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFU1206FF01000E000 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MFU1206FF01000E000
Description  Thin Film Chip Fuses
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MFU1206FF01000E000 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MFU1206FF01000E000 Datasheet HTML 2Page - Vishay Siliconix MFU1206FF01000E000 Datasheet HTML 3Page - Vishay Siliconix MFU1206FF01000E000 Datasheet HTML 4Page - Vishay Siliconix MFU1206FF01000E000 Datasheet HTML 5Page - Vishay Siliconix MFU1206FF01000E000 Datasheet HTML 6Page - Vishay Siliconix MFU1206FF01000E000 Datasheet HTML 7Page - Vishay Siliconix MFU1206FF01000E000 Datasheet HTML 8Page - Vishay Siliconix MFU1206FF01000E000 Datasheet HTML 9Page - Vishay Siliconix MFU1206FF01000E000 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MFU Series
www.vishay.com
Vishay Beyschlag
Revision: 11-Mar-13
6
Document Number: 28747
For technical questions, contact: fuse@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DESCRIPTION
Production is strictly controlled and follows an extensive
set of instructions established for reproducibility.
A
homogeneous film of metal alloy is deposited on a high
grade ceramic body. The fuse elements are covered by a
protective coating designed for electrical, mechanical and
climatic protection. The terminations receive a final pure tin
on nickel plating.
The result of the determined production is verified by an
extensive testing procedure performed on 100 % of the
individual fuses. Only accepted products are laid directly
into the paper tape in accordance with IEC 60286-3.
APPROVALS
The fuses are tested in accordance with the following
standards:
• IEC 60127-1
• IEC 60127-4
• UL 248-14
• IEC 60068 series
Approval of conformity is indicated by the UMF Logo on the
package label. Recognition by Underwriter Laboratories Inc.
is indicated by the UL logo on the package label.
ASSEMBLY
The fuses are suitable for processing on automatic SMD
assembly systems. They are suitable for automatic
soldering using wave, reflow or vapour phase. The
encapsulation is resistant to all cleaning solvents commonly
used in the electronics industry, including alcohols, esters
and aqueous solutions. The fuses are RoHS compliant, the
pure tin plating provides compatibility with lead (Pb)-free
and lead-containing soldering processes. The immunity of
the plating against tin whisker growth has been proven
under extensive testing. Solderability is specified for 2 years
after production or re-qualification. The permitted storage
time is 20 years.
All products comply with the JIG 101 list of legal restrictions
on hazardous substances.
This includes full compliance with the following directives:
• 2000/53/EC End of Vehicle life Directive (ELV) and
Annex II (ELV II)
• 2011/65/EU
Restriction
of
the
use
of
Hazardous
Substances Directive (RoHS)
• 2002/96/EC Waste Electrical and Electronic Equipment
Directive (WEEE)
FUNCTIONAL PERFORMANCE
Note
(1) Current rating factor is in addition to the given permissible continuous current rating of 0.7
Current Rating Factor (1) vs. Ambient Temperature
amb
- 60
150
0
Ambient Temperature amb [°C]
50
60
70
80
90
100
110
120
MFU Series
75
90
105
120
135
ϑ
40
30
20
10
- 45
- 30
- 15
0
15
30
45
60


Similar Part No. - MFU1206FF01000E000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MFU1206FF01000E000 VISHAY-MFU1206FF01000E000 Datasheet
176Kb / 13P
   Thin Film Flat Chip Fuses
Revision: 25-Jun-08
MFU1206FF01000E000 VISHAY-MFU1206FF01000E000 Datasheet
179Kb / 13P
   Thin Film Chip Fuses
Revision: 06-May-10
More results

Similar Description - MFU1206FF01000E000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MFU VISHAY-MFU_10 Datasheet
179Kb / 13P
   Thin Film Chip Fuses
Revision: 06-May-10
MFU VISHAY-MFU Datasheet
176Kb / 13P
   Thin Film Flat Chip Fuses
Revision: 25-Jun-08
logo
AVX Corporation
F0603G0R05FNTR AVX-F0603G0R05FNTR_17 Datasheet
267Kb / 4P
   Miniature 0603 Size Thin-Film Fuses
logo
Littelfuse
431 LITTELFUSE-431 Datasheet
83Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
435 LITTELFUSE-435 Datasheet
84Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
429 LITTELFUSE-429 Datasheet
78Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
433 LITTELFUSE-433 Datasheet
51Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
434 LITTELFUSE-434 Datasheet
42Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
430 LITTELFUSE-430 Datasheet
37Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
466 LITTELFUSE-466 Datasheet
101Kb / 2P
   Surface Mount Fuses - Lead-Free Thin-Film
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com