Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD46185094BF1-E33Y-EQ1 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PD46185094BF1-E33Y-EQ1
Description  18M-BIT QDRTM II SRAM 4-WORD BURST OPERATION
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD46185094BF1-E33Y-EQ1 Datasheet(HTML) 1 Page - Renesas Technology Corp

  PD46185094BF1-E33Y-EQ1 Datasheet HTML 1Page - Renesas Technology Corp PD46185094BF1-E33Y-EQ1 Datasheet HTML 2Page - Renesas Technology Corp PD46185094BF1-E33Y-EQ1 Datasheet HTML 3Page - Renesas Technology Corp PD46185094BF1-E33Y-EQ1 Datasheet HTML 4Page - Renesas Technology Corp PD46185094BF1-E33Y-EQ1 Datasheet HTML 5Page - Renesas Technology Corp PD46185094BF1-E33Y-EQ1 Datasheet HTML 6Page - Renesas Technology Corp PD46185094BF1-E33Y-EQ1 Datasheet HTML 7Page - Renesas Technology Corp PD46185094BF1-E33Y-EQ1 Datasheet HTML 8Page - Renesas Technology Corp PD46185094BF1-E33Y-EQ1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
R10DS0113EJ0200 Rev.2.00
Page 1 of 38
Nov 09, 2012
Datasheet
μPD46185084B
μPD46185094B
μPD46185184B
μPD46185364B
18M-BIT QDRTM II SRAM
4-WORD BURST OPERATION
Description
The
μPD46185084B is a 2,097,152-word by 8-bit, the μPD46185094B is a 2,097,152-word by 9-bit, the
μPD46185184B is a 1,048,576-word by 18-bit and the μPD46185364B is a 524,288-word by 36-bit synchronous
quad data rate static RAM fabricated with advanced CMOS technology using full CMOS six-transistor memory
cell.
The
μPD46185084B, μPD46185094B, μPD46185184B and μPD46185364B integrate unique synchronous
peripheral circuitry and a burst counter. All input registers controlled by an input clock pair (K and K#) are
latched on the positive edge of K and K#. These products are suitable for application which require
synchronous operation, high speed, low voltage, high density and wide bit configuration.
These products are packaged in 165-pin PLASTIC BGA.
Features
• 1.8 ± 0.1 V power supply
• 165-pin PLASTIC BGA (13 x 15)
• HSTL interface
• PLL circuitry for wide output data valid window and future frequency scaling
• Separate independent read and write data ports with concurrent transactions
• 100% bus utilization DDR READ and WRITE operation
• Four-tick burst for reduced address frequency
• Two input clocks (K and K#) for precise DDR timing at clock rising edges only
• Two output clocks (C and C#) for precise flight time
and clock skew matching-clock and data delivered together to receiving device
• Internally self-timed write control
• Clock-stop capability. Normal operation is restored in 20
μs after clock is resumed.
• User programmable impedance output (35 to 70 Ω)
• Fast clock cycle time : 3.3 ns (300 MHz), 4.0 ns (250 MHz)
• Simple control logic for easy depth expansion
• JTAG 1149.1 compatible test access port
R10DS0113EJ0200
Rev.2.00
Nov 09, 2012


Similar Part No. - PD46185094BF1-E33Y-EQ1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD46185092B RENESAS-PD46185092B Datasheet
643Kb / 36P
   18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
PD46185092BF1-E33-EQ1 RENESAS-PD46185092BF1-E33-EQ1 Datasheet
643Kb / 36P
   18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
PD46185092BF1-E33-EQ1-A RENESAS-PD46185092BF1-E33-EQ1-A Datasheet
643Kb / 36P
   18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
PD46185092BF1-E33Y-EQ1 RENESAS-PD46185092BF1-E33Y-EQ1 Datasheet
643Kb / 36P
   18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
PD46185092BF1-E33Y-EQ1-A RENESAS-PD46185092BF1-E33Y-EQ1-A Datasheet
643Kb / 36P
   18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
More results

Similar Description - PD46185094BF1-E33Y-EQ1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD46185084B RENESAS-PD46185084B_15 Datasheet
598Kb / 39P
   18M-BIT QDRTM II SRAM 4-WORD BURST OPERATION
PD44165084B RENESAS-PD44165084B_15 Datasheet
503Kb / 40P
   18M-BIT QDRTM II SRAM 4-WORD BURST OPERATION
UPD44165084B RENESAS-UPD44165084B Datasheet
491Kb / 40P
   18M-BIT QDRTM II SRAM 4-WORD BURST OPERATION
October 6, 2011
UPD46185084B RENESAS-UPD46185084B Datasheet
597Kb / 39P
   18M-BIT QDRTM II SRAM 4-WORD BURST OPERATION
Nov 09, 2012
UPD46185092B RENESAS-UPD46185092B Datasheet
643Kb / 36P
   18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
Nov 09, 2012
PD44165092B RENESAS-PD44165092B_15 Datasheet
476Kb / 37P
   18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
UPD44165092B RENESAS-UPD44165092B Datasheet
464Kb / 37P
   18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
October 6, 2011
PD46185092B RENESAS-PD46185092B Datasheet
643Kb / 36P
   18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
PD46185092B RENESAS-PD46185092B_15 Datasheet
643Kb / 36P
   18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
PD46365084B RENESAS-PD46365084B_15 Datasheet
598Kb / 39P
   36M-BIT QDRTM II SRAM 4-WORD BURST OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com