Electronic Components Datasheet Search |
|
BLM15AX700SN1 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd. |
|
BLM15AX700SN1 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd. |
8 / 89 page !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. C31E.pdf Mar.28,2011 19 Continued on the following page. Part Number Impedance Rated Current at 100MHz/20 °C at 1GHz/20 °C BLM18PG300SN1 30ohm(Typ.) 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.6 0.6 0.6 0.6 0.6 0.8 0.8 0.8 0.8 0.5 0.5 0.5 0.5 0.5 For Power Lines Standard Type Low DC Resistance Type 1000mA BLM18PG330SN1 33ohm ±25% 3000mA BLM18PG600SN1 60ohm(Typ.) 500mA BLM18PG121SN1 120ohm ±25% 2000mA BLM18PG181SN1 180ohm ±25% 1500mA BLM18PG221SN1 220ohm ±25% 1400mA BLM18PG331SN1 330ohm ±25% 1200mA BLM18PG471SN1 470ohm ±25% 1000mA BLM18KG260TN1 BLM18KG300TN1 BLM18KG101TN1 26ohm ±25% 30ohm ±25% 6000mA 5000mA BLM18KG700TN1 70ohm ±25% 100ohm ±25% 3500mA 3000mA BLM18KG121TN1 120ohm ±25% 3000mA BLM18KG221SN1 220ohm ±25% 2200mA BLM18KG331SN1 330ohm ±25% 1700mA BLM18KG471SN1 470ohm ±25% 1500mA BLM18KG601SN1 600ohm ±25% 1300mA BLM18SG260TN1 26ohm ±25% 6000mA BLM18SG700TN1 70ohm ±25% 4000mA BLM18SG121TN1 120ohm ±25% 3000mA BLM18SG221TN1 220ohm ±25% 2500mA BLM18SG331TN1 330ohm ±25% 1500mA - - - - - - - - - - - - - - - - - - - - - - p34 p42 p44 Type Size Code (Inch) Thickness (mm) For Digital Interface Lines - - - - - BLM18RK121SN1 120ohm ±25% 200mA BLM18RK221SN1 220ohm ±25% 200mA BLM18RK471SN1 470ohm ±25% 200mA BLM18RK601SN1 600ohm ±25% 200mA BLM18RK102SN1 1000ohm ±25% 200mA p70 0603 For High Speed Signal Lines (Sharp Impedance Curve) - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - BLM18BB221SN1 220ohm ±25% 450mA BLM18BD221SN1 220ohm ±25% 200mA BLM18BB331SN1 330ohm ±25% 400mA BLM18BD331SN1 330ohm ±25% 200mA BLM18BD421SN1 420ohm ±25% 200mA BLM18BB471SN1 470ohm ±25% 300mA BLM18BD471SN1 470ohm ±25% 200mA BLM18BD601SN1 600ohm ±25% 200mA BLM18BD102SN1 1000ohm ±25% 100mA BLM18BD152SN1 1500ohm ±25% 50mA BLM18BD182SN1 1800ohm ±25% 50mA BLM18BD222SN1 2200ohm ±25% 50mA BLM18BD252SN1 2500ohm ±25% 50mA BLM18BA050SN1 5ohm ±25% 500mA BLM18BB050SN1 5ohm ±25% 700mA BLM18BA100SN1 10ohm ±25% 500mA BLM18BB100SN1 10ohm ±25% 700mA BLM18BA220SN1 22ohm ±25% 500mA BLM18BB220SN1 22ohm ±25% 600mA BLM18BA470SN1 47ohm ±25% 300mA BLM18BB470SN1 47ohm ±25% 550mA BLM18BD470SN1 47ohm ±25% 500mA BLM18BB600SN1 60ohm ±25% 550mA BLM18BA750SN1 75ohm ±25% 300mA BLM18BB750SN1 75ohm ±25% 500mA BLM18BA121SN1 120ohm ±25% 200mA BLM18BB121SN1 120ohm ±25% 500mA BLM18BD121SN1 120ohm ±25% 200mA BLM18BB141SN1 140ohm ±25% 450mA BLM18BB151SN1 150ohm ±25% 450mA BLM18BD151SN1 150ohm ±25% 200mA p63 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 BLp Chip Ferrite Bead Series Line Up |
Similar Part No. - BLM15AX700SN1 |
|
Similar Description - BLM15AX700SN1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |