Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM31CD80G107ME39 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # GRM31CD80G107ME39
Description  Chip Monolithic Ceramic Capacitors
Download  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM31CD80G107ME39 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button GRM31CD80G107ME39 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM31CD80G107ME39 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM31CD80G107ME39 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM31CD80G107ME39 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GRM31CD80G107ME39 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GRM31CD80G107ME39 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GRM31CD80G107ME39 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GRM31CD80G107ME39 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. GRM31CD80G107ME39 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 237 page
background image
C02E.pdf
Oct.1,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
separate volume 5
(
c GRM Series Temperature Compensating Type)
L×W (mm)
T max. (mm)
Rated Voltage (Vdc)
Cap. / TC Code
82pF
100pF
120pF
150pF
180pF
220pF
270pF
330pF
390pF
470pF
560pF
680pF
820pF
1000pF
1200pF
1500pF
1800pF
2200pF
2700pF
3300pF
3900pF
4700pF
5600pF
6800pF
8200pF
10000pF
12000pF
15000pF
18000pF
22000pF
27000pF
33000pF
39000pF
47000pF
56000pF
68000pF
82000pF
0.1μF
U2J
C0G
U2J
U2J
CH
C0G
SL
UJ
U2J
U2J
U2J
CH
C0G
U2J
U2J
U2J
U2J
U2J
U2J
U2J
U2J
U2J
1000
630
250
50
1000
630
50
2000
630
2000 1000
1000
630
1000
630
3.2×1.6
1.25
1.8
1
3.2×2.5
1.25
2
630
1.5
p139
p139
p139
p139 p137
p137
p137
p138
p138
p138
p138
p138
p63
p63
p63
p63
p63
p63
p63
p63
p63
p63
p63
p63
p63
p139
p139
p138
p138
p63
p63
p63
p63
p63
p63
p140
p140
p140
p140
p138
p138
p138
p138
p140
p140
p139
p138
p139
p138
p139
p139
p138
p139
Capacitance Table p00 Each number in the Part Number List refers to the page number printed at the bottom of the page.
CK
P2H
R2H
S2H
T2H
U2J
CJ
CH
SL
PK
PJ
PH
RK
RJ
RH
SK
SJ
SH
TK
TJ
TH
UK
UJ
C0G
p00
Part Number List
JIS:
EIA:


Similar Part No. - GRM31CD80G107ME39

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM31CD80G107M MURATA-GRM31CD80G107M Datasheet
37Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X6T 100關F 4V
More results

Similar Description - GRM31CD80G107ME39

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com