Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESRD680M08B Datasheet(PDF) 7 Page - Analog Devices

Part # ESRD680M08B
Description  Thermoelectric Cooler Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ESRD680M08B Datasheet(HTML) 7 Page - Analog Devices

Back Button ESRD680M08B Datasheet HTML 3Page - Analog Devices ESRD680M08B Datasheet HTML 4Page - Analog Devices ESRD680M08B Datasheet HTML 5Page - Analog Devices ESRD680M08B Datasheet HTML 6Page - Analog Devices ESRD680M08B Datasheet HTML 7Page - Analog Devices ESRD680M08B Datasheet HTML 8Page - Analog Devices ESRD680M08B Datasheet HTML 9Page - Analog Devices ESRD680M08B Datasheet HTML 10Page - Analog Devices ESRD680M08B Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
REV.
ADN8830
–7–
APPLICATION NOTES
Principle of Operation
The ADN8830 is a controller for a TEC and is used to set and
stabilize the temperature of the TEC. A voltage applied to the
input of the ADN8830 corresponds to a target temperature
setpoint. The appropriate current is then applied to the TEC
to pump heat either to or away from the object whose tem-
perature is being regulated. The temperature of the object is
measured by a thermistor and is fed back to the ADN8830 to
correct the loop and settle the TEC to the appropriate final
temperature. For best stability, the thermistor should be mounted
in close proximity to the object. In most laser diode modules,
the TEC and thermistor are already mounted in the unit and
are used to regulate the temperature of the laser diode.
A complete TEC controller solution requires:
• A precision input amplifier stage to accurately measure the
difference between the target and object temperatures.
• A compensation amplifier to optimize the stability and
temperature settling time.
• A high output current stage. Because of the high output
currents involved, a TEC controller should operate with
high efficiency to minimize the heat generated from
power dissipation.
In addition, an effective controller should operate down to 3.3 V
and have an indication of when the target temperature has been
reached. The ADN8830 accomplishes all of these requirements
with a minimum of external components. Figure 1 shows a
reference design for a typical application.
Temperature is monitored by connecting the measurement
thermistor to a precision amplifier, called the error amplifier,
with a simple resistor divider. This voltage is compared against
the temperature set input voltage, creating an error voltage that
is proportional to their difference. To maintain accurate wave-
length and power from the laser diode, this difference voltage
must be as accurate as possible. For this reason, self-correction
auto-zero amplifiers are used in the input stage of the ADN8830,
providing a maximum offset voltage of 250
μV over time and
temperature. This results in final temperature accuracy within
±0.01°C in typical applications, eliminating the ADN8830 as an
error source in the temperature control loop. A logic output is
provided at TEMPLOCK to indicate when the target temperature
has been reached.
The output of the error amplifier is then fed into a compensa-
tion amplifier. An external network consisting of a few resistors
and capacitors is connected around the compensation amplifier.
This network can be adjusted by the user to optimize the step
THERMFAULT
THERMIN
RTH
10k
@25 C
R2
7.68k
0.1%
VREF
C8
10 F
3.3V
VREF
TEMPLOCK
TEMPSET
R3
10k
0.1%
R4
7.68k
0.1%
VTEC
9
10
11
12
13
14
15
16
C9
10 F
R6
100k
R5
205k
C11
1 F
R7
1M
24
23
22
21
20
19
18
17
3.3V
ADN8830
C5
10nF
3.3V
TEC+
C7
10 F
Q3
FDW2520C-A
Q4
FDW2520C-B
C4
22 F
CDE ESRD
3.3V
Q2
FDW2520C-A
TEC–
C3
10 F
L1
4.7 H
COILCRAFT
DO3316-472
Q1
FDW2520C-B
32
31
30
29
28
27
26
25
C1
0.1 F
R1
150k
SYNCOUT
TEMPOUT
3.3V
C6
2.2nF
C10
330pF
3.3V
C12
3.3nF
C2
22 F
CDE ESRD
1
2
3
4
5
6
7
8
Figure 1. Typical Application Schematic
D


Similar Part No. - ESRD680M08B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESRD680M08R ETC2-ESRD680M08R Datasheet
95Kb / 6P
   SPA Capacitors Solid Polymer Aluminum Surface Mount Capacitors
logo
Cornell Dubilier Electr...
ESRD680M08R CDE-ESRD680M08R Datasheet
225Kb / 3P
   Solid Polymer Aluminum SMT Capacitors
ESRD680M08R CDE-ESRD680M08R Datasheet
310Kb / 4P
   Filtering power of 3 or more tantalum chips and 50 year life
More results

Similar Description - ESRD680M08B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8830 AD-ADN8830 Datasheet
416Kb / 24P
   Thermoelectric Cooler Controller
REV. C
ADN8830 AD-ADN8830_15 Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
ADN8831ACPZ-R2 AD-ADN8831ACPZ-R2 Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
ADN8831 AD-ADN8831 Datasheet
505Kb / 11P
   Thermoelectric Cooler (TEC) Controller
Rev. PrC
ADN8831ACP AD-ADN8831ACP Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
ADN8831 AD-ADN8831_15 Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
logo
Linear Technology
LTC1923 LINER-LTC1923_15 Datasheet
452Kb / 28P
   High Efficiency Thermoelectric Cooler Controller
LTC1923 LINER-LTC1923 Datasheet
452Kb / 28P
   High Efficiency Thermoelectric Cooler Controller
logo
Microsemi Corporation
LX1810 MICROSEMI-LX1810 Datasheet
133Kb / 6P
   ThermoElectric Cooler Drive Controller IC
logo
List of Unclassifed Man...
RC6-4 ETC2-RC6-4 Datasheet
475Kb / 2P
   Thermoelectric Cooler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com