Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG509ABQ Datasheet(PDF) 9 Page - Analog Devices

Part # ADG509ABQ
Description  CMOS 4-/8-Channel Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG509ABQ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG509ABQ Datasheet HTML 5Page - Analog Devices ADG509ABQ Datasheet HTML 6Page - Analog Devices ADG509ABQ Datasheet HTML 7Page - Analog Devices ADG509ABQ Datasheet HTML 8Page - Analog Devices ADG509ABQ Datasheet HTML 9Page - Analog Devices ADG509ABQ Datasheet HTML 10Page - Analog Devices ADG509ABQ Datasheet HTML 11Page - Analog Devices ADG509ABQ Datasheet HTML 12Page - Analog Devices ADG509ABQ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADG508A/ADG509A
Rev. D | Page 9 of 16
A0 1
EN 2
VSS 3
S1A 4
A1
16
GND
15
VDD
14
S1B
13
S2A 5
S3A 6
S4A 7
S2B
12
S3B
11
S4B
10
DA 8
DB
9
ADG509A
TOP VIEW
(Not to Scale)
Figure 6. ADG509A DIP, SOIC
120
19
2
3
4
5
6
7
8
18
17
16
15
14
9
10
11
12
13 NC = NO CONNECT
VSS
S1A
NC
S2A
S3A
VDD
S1B
NC
S2B
S3B
PIN 1
IDENTIFIER
ADG509A
TOP VIEW
(Not to Scale)
Figure 7. ADG509A PLCC
Table 6. ADG509A Pin Function Description
Pin Number
DIP/SOIC
PLCC/LCC
Mnemonic
Description
1
2
A0
Logic Control Input.
2
3
EN
Active High Digital Input. When low, the device is disabled and all switches are off.
When high, Ax logic inputs determine on switches.
3
4
VSS
Most Negative Power Supply Potential in Dual Supplies. In single-supply applications,
it can be connected to ground.
4
5
S1A
Source Terminal 1A. Can be an input or an output.
5
7
S2A
Source Terminal 2A. Can be an input or an output.
6
8
S3A
Source Terminal 3A. Can be an input or an output.
7
9
S4A
Source Terminal 4A. Can be an input or an output.
8
10
DA
Drain Terminal A. Can be an input or an output.
9
12
DB
Drain Terminal B. Can be an input or an output.
10
13
S4B
Source Terminal 4B. Can be an input or an output.
11
14
S3B
Source Terminal 3B. Can be an input or an output.
12
15
S2B
Source Terminal 2B. Can be an input or an output.
13
17
S1B
Source Terminal 1B. Can be an input or an output.
14
18
VDD
Most Positive Power Supply Potential.
15
19
GND
Ground (0 V) Reference.
16
20
A1
Logic Control Input.
N/A
1
NC
No Connect.
N/A
6
NC
No Connect.
N/A
11
NC
No Connect.
N/A
16
NC
No Connect.
Table 7. ADG509A Truth Table
A1
A0
EN
On Switch Pair
X1
X
X
1
0
None
0
0
1
1
0
1
1
2
1
0
1
3
1
1
1
4
1 X = don’t care.


Similar Part No. - ADG509ABQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG509ABQ AD-ADG509ABQ Datasheet
304Kb / 8P
   CMOS 4/8 CHAANNEL ANALOG MULTIPLEXERS
REV. B
More results

Similar Description - ADG509ABQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7501 AD-AD7501 Datasheet
199Kb / 4P
   CMOS 4/8 Channel Analog Multiplexers
REV. B
ADG509A AD-ADG509A_15 Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
AD7501JNZ AD-AD7501JNZ Datasheet
205Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
AD7501JNZ AD-AD7501JNZ Datasheet
181Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
ADG508A AD-ADG508A_15 Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
AD7503JNZ AD-AD7503JNZ Datasheet
205Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
AD7501SQ AD-AD7501SQ Datasheet
181Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
ADG508AKRZ AD-ADG508AKRZ Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
Rev. D
ADG529A AD-ADG529A_15 Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528A AD-ADG528A_15 Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com