Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1Q4A7236AB Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R1Q4A7236AB
Description  72-Mbit QDR SRAM 2-word Burst
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1Q4A7236AB Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R1Q4A7236AB Datasheet HTML 7Page - Renesas Technology Corp R1Q4A7236AB Datasheet HTML 8Page - Renesas Technology Corp R1Q4A7236AB Datasheet HTML 9Page - Renesas Technology Corp R1Q4A7236AB Datasheet HTML 10Page - Renesas Technology Corp R1Q4A7236AB Datasheet HTML 11Page - Renesas Technology Corp R1Q4A7236AB Datasheet HTML 12Page - Renesas Technology Corp R1Q4A7236AB Datasheet HTML 13Page - Renesas Technology Corp R1Q4A7236AB Datasheet HTML 14Page - Renesas Technology Corp R1Q4A7236AB Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Rev. 0.11 : 2013.01.15
R1Q2A7236ABB / R1Q2A7218ABB / R1Q2A7209ABB Series
PAGE:11
K Truth Table
Operation
K
/R
/W
D or Q
Write Cycle:
Load address, input write data
on consecutive K and /K rising
edges
×
L
Data in
Input
data
D(A+0)
D(A+1)
Input
clock
K(t)
/K(t)
Read Cycle:
Load address, output read data
on consecutive C and /C rising
edges
L
×
Data out
Output
data
Q(A+0)
Q(A+1)
Input
clock
for Q
RL*7=1.5
/C(t+1)
C(t+2)
RL=2.0
C(t+2)
/C(t+2)
RL=2.5
/C(t+2)
C(t+3)
NOP (No operation)
HH
D =
× or Q = High-Z
Standby (Clock stopped)
Stopped
×× Previous state
Notes:
1. H: high level, L: low level,
×: don’t care, : rising edge.
2. Data inputs are registered at K and /K rising edges. Data outputs are delivered at C and /C
rising edges, except if C and /C are high, then data outputs are delivered at K and /K rising
edges.
3. /R and /W must meet setup/hold times around the rising edges (low to high) of K and are
registered at the rising edge of K.
4. This device contains circuitry that will ensure the outputs will be in high-Z during power-up.
5. Refer to state diagram and timing diagrams for clarification.
6. When clocks are stopped, the following cases are recommended; the case of K = low, /K =
high, C = low and /C = high, or the case of K = high, /K = low, C = high and /C = low. This
condition is not essential, but permits most rapid restart by overcoming transmission line
charging symmetrically.
7. RL = Read Latency (unit = cycle).
R10DS0164EJ0011


Similar Part No. - R1Q4A7236AB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q4A7236AB RENESAS-R1Q4A7236AB Datasheet
828Kb / 36P
   72-Mbit QDR II SRAM 4-word Burst
R1Q4A7236AB RENESAS-R1Q4A7236AB Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1Q4A7236AB RENESAS-R1Q4A7236AB Datasheet
841Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1Q4A7236AB RENESAS-R1Q4A7236AB Datasheet
881Kb / 39P
   72-Mbit QDR II SRAM 4-word Burst
R1Q4A7236AB RENESAS-R1Q4A7236AB Datasheet
895Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
More results

Similar Description - R1Q4A7236AB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q2A7236ABB RENESAS-R1Q2A7236ABB_15 Datasheet
823Kb / 36P
   72-Mbit QDR?줚I SRAM 2-word Burst
R1Q2A7236ABG RENESAS-R1Q2A7236ABG_15 Datasheet
825Kb / 36P
   72-Mbit QDR?줚I SRAM 2-word Burst
logo
Cypress Semiconductor
CY7C1510KV18 CYPRESS-CY7C1510KV18_09 Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18_09 Datasheet
654Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1512KV18 CYPRESS-CY7C1512KV18 Datasheet
814Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18_07 Datasheet
646Kb / 28P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18_06 Datasheet
494Kb / 27P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18_09 Datasheet
711Kb / 28P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
logo
Renesas Technology Corp
R1Q2A7236ABG RENESAS-R1Q2A7236ABG Datasheet
824Kb / 36P
   72-Mbit QDR™II SRAM 2-word Burst
2013.01.15
logo
Cypress Semiconductor
CY7C1510V18 CYPRESS-CY7C1510V18 Datasheet
369Kb / 24P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com