Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1Q2A7209AB Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R1Q2A7209AB
Description  72-Mbit QDR II SRAM 4-word Burst
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1Q2A7209AB Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R1Q2A7209AB Datasheet HTML 5Page - Renesas Technology Corp R1Q2A7209AB Datasheet HTML 6Page - Renesas Technology Corp R1Q2A7209AB Datasheet HTML 7Page - Renesas Technology Corp R1Q2A7209AB Datasheet HTML 8Page - Renesas Technology Corp R1Q2A7209AB Datasheet HTML 9Page - Renesas Technology Corp R1Q2A7209AB Datasheet HTML 10Page - Renesas Technology Corp R1Q2A7209AB Datasheet HTML 11Page - Renesas Technology Corp R1Q2A7209AB Datasheet HTML 12Page - Renesas Technology Corp R1Q2A7209AB Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
R1QAA72 / R1QDA72 Series
Rev. 0.11 : 2013.01.15
PAGE:9
hinS=11111.1111.1111.1111.1111---
11111.1111.1111.1111.1111---00000.0000.0000.0000.0000---
72M_36M
Status
Power Up &
Unstable Stage
NOP &
Set-up Stage
Normal
Operation
V
DD
SET-UP Cycle
V
DDQ
V
REF
/DOFF
2. Double clock mode
K, /K
Fix High (=Vddq)
C, /C
Status
Power Up &
Unstable Stage
NOP &
Set-up Stage
Normal
Operation
V
DD
SET-UP Cycle
V
DDQ
V
REF
/DOFF
1. Single clock mode (C and /C pins fixed High)
K, /K
Fix High (=Vddq)
General Description
Power-up and Initialization Sequence
-V
DD must be stable before K, /K clocks are applied.
- Recommended voltage application sequence : V
SS
V
DD
V
DDQ & VREF
V
IN. (0 V to VDD, VDDQ < 200 ms)
- Apply V
REF after VDDQ or at the same time as VDDQ.
- Then execute either one of the following three sequences.
1. Single Clock Mode (C and /C tied high)
- Drive /DOFF high (/DOFF can be tied high from the start).
- Then provide stable clocks (K, /K) for at least 1024 cycles (II series) or 20 us (II+ series).
These meet the QDR common specification of 20 us.
When the operating frequency is less than 180 MHz, 2048 cycles are required (II series).
2. Double Clock Mode (C and /C control outputs) (II series only)
- Drive /DOFF high (/DOFF can be tied high from the start)
- Then provide stable clocks (K, /K , C, /C) for at least 1024 cycles (II series).
This meets the QDR common specification of 20 us.
When the operating frequency is less than 180 MHz, 2048 cycles are required (II series).
3. DLL/PLL Off Mode (/DOFF tied low)
- In the "NOP and setup stage", provide stable clocks (K, /K) for at least 1024 cycles (II series) or 20 us (II+
series). These meet the QDR common specification of 20 us.
R10DS0169EJ0011


Similar Part No. - R1Q2A7209AB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q2A7209AB RENESAS-R1Q2A7209AB Datasheet
827Kb / 36P
   72-Mbit QDR SRAM 2-word Burst
R1Q2A7209AB RENESAS-R1Q2A7209AB Datasheet
828Kb / 36P
   72-Mbit QDR II SRAM 4-word Burst
R1Q2A7209AB RENESAS-R1Q2A7209AB Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1Q2A7209AB RENESAS-R1Q2A7209AB Datasheet
841Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1Q2A7209AB RENESAS-R1Q2A7209AB Datasheet
895Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
More results

Similar Description - R1Q2A7209AB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q3A7236ABG RENESAS-R1Q3A7236ABG Datasheet
828Kb / 36P
   72-Mbit QDR II SRAM 4-word Burst
logo
Cypress Semiconductor
CY7C1511KV18 CYPRESS-CY7C1511KV18_09 Datasheet
837Kb / 31P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1561KV18 CYPRESS-CY7C1561KV18 Datasheet
833Kb / 28P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
logo
Renesas Technology Corp
R1Q3A7236ABB RENESAS-R1Q3A7236ABB Datasheet
686Kb / 34P
   72-Mbit QDR™II SRAM 4-word Burst
Feb 01, 2019
logo
Cypress Semiconductor
CY7C1511V18 CYPRESS-CY7C1511V18 Datasheet
381Kb / 23P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1511JV18 CYPRESS-CY7C1511JV18 Datasheet
703Kb / 29P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C2561KV18 CYPRESS-CY7C2561KV18 Datasheet
845Kb / 29P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511KV18 CYPRESS-CY7C1511KV18_11 Datasheet
807Kb / 33P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1511AV18 CYPRESS-CY7C1511AV18 Datasheet
709Kb / 31P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1513KV18 CYPRESS-CY7C1513KV18 Datasheet
831Kb / 31P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com