Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1QAA7218AB Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R1QAA7218AB
Description  72-Mbit DDRII SRAM 2-word Burst
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QAA7218AB Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R1QAA7218AB Datasheet HTML 3Page - Renesas Technology Corp R1QAA7218AB Datasheet HTML 4Page - Renesas Technology Corp R1QAA7218AB Datasheet HTML 5Page - Renesas Technology Corp R1QAA7218AB Datasheet HTML 6Page - Renesas Technology Corp R1QAA7218AB Datasheet HTML 7Page - Renesas Technology Corp R1QAA7218AB Datasheet HTML 8Page - Renesas Technology Corp R1QAA7218AB Datasheet HTML 9Page - Renesas Technology Corp R1QAA7218AB Datasheet HTML 10Page - Renesas Technology Corp R1QAA7218AB Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
R1Q4A7236ABB / R1Q4A7218ABB Series
Rev. 0.11 : 2013.01.15
PAGE:7
Name
I/O type
Descriptions
Notes
ZQ
Input
Output impedance matching input: This input is used to tune the device
outputs to the system data bus impedance. DQ and CQ output
impedance are set to 0.2
× RQ, where RQ is a resistor from this ball to
ground. This ball can be connected directly to V
DDQ, which enables the
minimum impedance mode. This ball cannot be connected directly to
V
SS or left unconnected.
In ODT (On Die Termination) enable devices, the ODT termination
values tracks the value of RQ. The ODT range is selected by ODT
control input.
ODT
(II+ only)
Input
ODT control: When low;
[Option 1] Low range mode is selected. The impedance range is
between 52
Ω and 105 Ω (Thevenin equivalent), which follows 0.3
× RQ
for 175
Ω RQ 350 Ω.
[Option 2] ODT is disabled.
When high; High range mode is selected. The impedance range is
between 105
Ω and 150 Ω (Thevenin equivalent), which follows 0.6
× RQ
for 175
Ω RQ 250 Ω.
When floating; [Option 1] High range mode is selected.
[Option 2] ODT is disabled.
1
DQ
0 to
DQ
n
Input
/
output
Synchronous data I/Os: Input data must meet setup and hold times
around the rising edges of K and /K. Output data is synchronized to the
respective C and /C, or to the respective K and /K if C and /C are tied
high.
The
×9 device uses DQ0~DQ8.
DQ9~DQ35 should be treated as NC pin.
The
×18 device uses DQ0~DQ17.
DQ18~DQ35 should be treated as NC pin.
The
×36 device uses DQ0~DQ35.
CQ, /CQ
Output
Synchronous echo clock outputs: The edges of these outputs are tightly
matched to the synchronous data outputs and can be used as a data
valid indication. These signals run freely and do not stop when DQ tri-
states.
TDO
Output IEEE 1149.1 test output: 1.8 V I/O level.
QVLD
(II+ only)
Output
Valid output indicator: The Q Valid indicates valid output data. QVLD is
edge aligned with CQ and /CQ.
V
DD
Supply
Power supply: 1.8 V nominal. See DC Characteristics and Operating
Conditions for range.
2
V
DDQ
Supply
Power supply: Isolated output buffer supply. Nominally 1.5 V. See DC
Characteristics and Operating Conditions for range.
2
V
SS
Supply Power supply: Ground.
2
V
REF
HSTL input reference voltage: Nominally V
DDQ/2, but may be adjusted to
improve system noise margin. Provides a reference voltage for the
HSTL input buffers.
NC
No connect: These pins can be left floating or connected to 0V
V
DDQ.
Notes:
1. Renesas status: Option 1 = Available, Option 2 = Possible.
2. All power supply and ground balls must be connected for proper operation of the device.
R10DS0166EJ0011


Similar Part No. - R1QAA7218AB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QAA7218AB RENESAS-R1QAA7218AB Datasheet
827Kb / 36P
   72-Mbit QDR SRAM 2-word Burst
R1QAA7218AB RENESAS-R1QAA7218AB Datasheet
828Kb / 36P
   72-Mbit QDR II SRAM 4-word Burst
R1QAA7218AB RENESAS-R1QAA7218AB Datasheet
841Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QAA7218AB RENESAS-R1QAA7218AB Datasheet
881Kb / 39P
   72-Mbit QDR II SRAM 4-word Burst
R1QAA7218AB RENESAS-R1QAA7218AB Datasheet
895Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
More results

Similar Description - R1QAA7218AB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q4A7236ABB RENESAS-R1Q4A7236ABB_15 Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABB RENESAS-R1QBA7236ABB_15 Datasheet
895Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABG RENESAS-R1QBA7236ABG_15 Datasheet
892Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QHA7236ABG RENESAS-R1QHA7236ABG_15 Datasheet
893Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABB RENESAS-R1QBA7236ABB Datasheet
895Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1Q4A7236ABG RENESAS-R1Q4A7236ABG Datasheet
840Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
2013.01.15
R1QBA7236ABG RENESAS-R1QBA7236ABG Datasheet
892Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QHA7236ABB RENESAS-R1QHA7236ABB_15 Datasheet
893Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QHA7236ABG RENESAS-R1QHA7236ABG Datasheet
892Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
2013.01.15
R1Q6A7236ABG RENESAS-R1Q6A7236ABG Datasheet
841Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com