Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1Q3A7236AB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R1Q3A7236AB
Description  72-Mbit DDRII SRAM 2-word Burst
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1Q3A7236AB Datasheet(HTML) 1 Page - Renesas Technology Corp

  R1Q3A7236AB Datasheet HTML 1Page - Renesas Technology Corp R1Q3A7236AB Datasheet HTML 2Page - Renesas Technology Corp R1Q3A7236AB Datasheet HTML 3Page - Renesas Technology Corp R1Q3A7236AB Datasheet HTML 4Page - Renesas Technology Corp R1Q3A7236AB Datasheet HTML 5Page - Renesas Technology Corp R1Q3A7236AB Datasheet HTML 6Page - Renesas Technology Corp R1Q3A7236AB Datasheet HTML 7Page - Renesas Technology Corp R1Q3A7236AB Datasheet HTML 8Page - Renesas Technology Corp R1Q3A7236AB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
R1QBA72 / R1QEA72 Series
Rev. 0.11 : 2013.01.15
Rev. 0.11
2013.01.15
Features
Power Supply
• 1.8 V for core (V
DD), 1.4 V to VDD for I/O (VDDQ)
Clock
• Fast clock cycle time for high bandwidth
• Two input clocks (K and /K) for precise DDR timing at clock rising edges only
• Two output echo clocks (CQ and /CQ) simplify data capture in high-speed systems
• Clock-stop capability with
μs restart
I/O
• Common data input/output bus
• Pipelined double data rate operation
• HSTL I/O
• User programmable output impedance
• DLL/PLL circuitry for wide output data valid window and future frequency scaling
• Data valid pin (QVLD) to indicate valid data on the output
Function
• Two-tick burst for low DDR transaction size
• Internally self-timed write control
• Simple control logic for easy depth expansion
• JTAG 1149.1 compatible test access port
Package
• 165 FBGA package (13 x 15 x 1.4 mm)
Description
The R1Q#A7236 is a 2,097,152-word by 36-bit and the R1Q#A7218 is a 4,194,304-word by 18-bit synchronous
double data rate static RAM fabricated with advanced CMOS technology using full CMOS six-transistor
memory cell. It integrates unique synchronous peripheral circuitry and a burst counter. All input registers are
controlled by an input clock pair (K and /K) and are latched on the positive edge of K and /K. These products
are suitable for applications which require synchronous operation, high speed, low voltage, high density and
wide bit configuration. These products are packaged in 165-pin plastic FBGA package.
# = B: Latency =2.5, w/o ODT
# = H: Latency =2.0, w/o ODT
# = E: Latency =2.5, w/ ODT
# = L: Latency =2.0, w/ ODT
R1QBA7236ABB / R1QBA7218ABB
R1QEA7236ABB / R1QEA7218ABB
72-Mbit DDRII+ SRAM
2-word Burst
Notes: 1. QDR RAMs and Quad Data Rate RAMs comprise a new family of products developed by Cypress
Semiconductor, IDT, Samsung, and Renesas Electronics Corp. (QDR Co-Development Team)
2. The specifications of this device are subject to change without notice. Please contact your nearest
Renesas Electronics Sales Office regarding specifications.
3. Refer to
"http://www.renesas.com/products/memory/fast_sram/qdr_sram/index.jsp"
for the latest and detailed information.
4. Descriptions about x9 parts in this datasheet are just for reference.
R10DS0170EJ0011
R10DS0170EJ0011


Similar Part No. - R1Q3A7236AB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q3A7236AB RENESAS-R1Q3A7236AB Datasheet
827Kb / 36P
   72-Mbit QDR SRAM 2-word Burst
R1Q3A7236AB RENESAS-R1Q3A7236AB Datasheet
828Kb / 36P
   72-Mbit QDR II SRAM 4-word Burst
R1Q3A7236AB RENESAS-R1Q3A7236AB Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1Q3A7236AB RENESAS-R1Q3A7236AB Datasheet
841Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1Q3A7236AB RENESAS-R1Q3A7236AB Datasheet
881Kb / 39P
   72-Mbit QDR II SRAM 4-word Burst
More results

Similar Description - R1Q3A7236AB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q4A7236ABB RENESAS-R1Q4A7236ABB_15 Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABB RENESAS-R1QBA7236ABB_15 Datasheet
895Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABG RENESAS-R1QBA7236ABG_15 Datasheet
892Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QHA7236ABG RENESAS-R1QHA7236ABG_15 Datasheet
893Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1Q4A7236ABB RENESAS-R1Q4A7236ABB Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1Q4A7236ABG RENESAS-R1Q4A7236ABG Datasheet
840Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
2013.01.15
R1QBA7236ABG RENESAS-R1QBA7236ABG Datasheet
892Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QHA7236ABB RENESAS-R1QHA7236ABB_15 Datasheet
893Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QHA7236ABG RENESAS-R1QHA7236ABG Datasheet
892Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
2013.01.15
R1Q6A7236ABG RENESAS-R1Q6A7236ABG Datasheet
841Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com