Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1QEA7218ABG Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R1QEA7218ABG
Description  72-Mbit DDRII SRAM 2-word Burst
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QEA7218ABG Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R1QEA7218ABG Datasheet HTML 7Page - Renesas Technology Corp R1QEA7218ABG Datasheet HTML 8Page - Renesas Technology Corp R1QEA7218ABG Datasheet HTML 9Page - Renesas Technology Corp R1QEA7218ABG Datasheet HTML 10Page - Renesas Technology Corp R1QEA7218ABG Datasheet HTML 11Page - Renesas Technology Corp R1QEA7218ABG Datasheet HTML 12Page - Renesas Technology Corp R1QEA7218ABG Datasheet HTML 13Page - Renesas Technology Corp R1QEA7218ABG Datasheet HTML 14Page - Renesas Technology Corp R1QEA7218ABG Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
R1QBA72 / R1QEA72 Series
Rev. 0.11 : 2013.01.15
PAGE:11
IIP
QVLD (Valid data indicator)
(R1QA, R1QB, R1QC, R1QD, R1QE, R1QF, R1QG, R1QH, R1QJ, R1QK, R1QL, R1QM
R1QN, R1QP series)
1. QVLD is provided on the QDR-II+ and DDR-II+ to simplify data capture on high speed systems. The Q
Valid indicates valid output data. QVLD is activated half cycle before the read data for the receiver to be
ready for capturing the data. QVLD is inactivated half cycle before the read finish for the receiver to stop
capturing the data. QVLD is edge aligned with CQ and /CQ.
ODT range
ODT control pin
Thevenin equivalent resistance (R
THEV)
Unit
Notes
Option 1
Option 2
-
6
Low
0.3
× RQ
(ODT disable)
Ω
1, 4
High
0.6
× RQ
0.6
× RQ
Ω
2, 5
Floating
0.6
× RQ
(ODT disable)
Ω
3
Notes:
1. Allowable range of RQ for Option 1 to guarantee impedance matching a tolerance of
± 20 % is
175
Ω RQ 350 Ω.
2. Allowable range of RQ to guarantee impedance matching a tolerance of
± 20 % is
175
Ω RQ 250 Ω.
3. Allowable range of RQ for Option 1 to guarantee impedance matching a tolerance of
± 20 % is
175
Ω RQ 250 Ω.
4. At option 1, ODT control pin is connected to V
DDQ through 3.5 kΩ. Therefore it is recommended
to connect it to V
SS through less than 100 Ω to make it low.
5. At option 2, ODT control pin is connected to V
SS through 3.5 kΩ. Therefore it is recommended to
connect it to
V
DDQ through less than 100 Ω to make it high.
6. Renesas status: Option 1 = Available, Option 2 = Possible. If you need devices with option 2,
please contact Renesas sales office.
ODT (On Die Termination)
(R1QD, R1QE, R1QF, R1QK, R1QL, R1QM, R1QP series)
1. To reduce reflection which produces noise and lowers signal quality, the signals should be terminated,
especially at high frequency. Renesas offers ODT on the input signals to QDR-II+ and DDR-II+ family of
devices. (See the ODT pin table)
2. In ODT enable devices, the ODT termination values tracks the value of RQ. The ODT range is selected by
ODT control input. (See the ODT range table)
3. In DDR-II+ devices having common I/O bus, ODT is automatically enabled when the device inputs data
and disabled when the device outputs data.
4. There is no difference in AC timing characteristics between the SRAMs with ODT and SRAMs without
ODT.
5. There is no increase in the I
DD of SRAMs with ODT, however, there is an increase in the IDDQ (current
consumption from the I/O voltage supply) with ODT.
R10DS0181EJ0011


Similar Part No. - R1QEA7218ABG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QEA7218AB RENESAS-R1QEA7218AB Datasheet
827Kb / 36P
   72-Mbit QDR SRAM 2-word Burst
R1QEA7218AB RENESAS-R1QEA7218AB Datasheet
828Kb / 36P
   72-Mbit QDR II SRAM 4-word Burst
R1QEA7218AB RENESAS-R1QEA7218AB Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QEA7218AB RENESAS-R1QEA7218AB Datasheet
841Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QEA7218AB RENESAS-R1QEA7218AB Datasheet
881Kb / 39P
   72-Mbit QDR II SRAM 4-word Burst
More results

Similar Description - R1QEA7218ABG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q4A7236ABB RENESAS-R1Q4A7236ABB_15 Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABB RENESAS-R1QBA7236ABB_15 Datasheet
895Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABG RENESAS-R1QBA7236ABG_15 Datasheet
892Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QHA7236ABG RENESAS-R1QHA7236ABG_15 Datasheet
893Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1Q4A7236ABB RENESAS-R1Q4A7236ABB Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABB RENESAS-R1QBA7236ABB Datasheet
895Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1Q4A7236ABG RENESAS-R1Q4A7236ABG Datasheet
840Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
2013.01.15
R1QHA7236ABB RENESAS-R1QHA7236ABB_15 Datasheet
893Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QHA7236ABG RENESAS-R1QHA7236ABG Datasheet
892Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
2013.01.15
R1Q6A7236ABG RENESAS-R1Q6A7236ABG Datasheet
841Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com