Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1QKA3618CB Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R1QKA3618CB
Description  36-Mbit DDRII SRAM 2-word Burst
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QKA3618CB Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R1QKA3618CB Datasheet HTML 5Page - Renesas Technology Corp R1QKA3618CB Datasheet HTML 6Page - Renesas Technology Corp R1QKA3618CB Datasheet HTML 7Page - Renesas Technology Corp R1QKA3618CB Datasheet HTML 8Page - Renesas Technology Corp R1QKA3618CB Datasheet HTML 9Page - Renesas Technology Corp R1QKA3618CB Datasheet HTML 10Page - Renesas Technology Corp R1QKA3618CB Datasheet HTML 11Page - Renesas Technology Corp R1QKA3618CB Datasheet HTML 12Page - Renesas Technology Corp R1QKA3618CB Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
PAGE : 9
Rev. 0.09a : 2011.09.14
R1QBA36**CB* / R1QEA36**CB* Series
hinS=11111.1111.1111.1111.1111---
11111.1111.1111.1111.1111---00000.0000.0000.0000.0000---
72M_36M
Status
Power Up &
Unstable Stage
NOP &
Set-up Stage
Normal
Operation
V
DD
SET-UP Cycle
V
DDQ
V
REF
/DOFF
2. Double clock mode
K, /K
Fix High (=Vddq)
C, /C
Status
Power Up &
Unstable Stage
NOP &
Set-up Stage
Normal
Operation
V
DD
SET-UP Cycle
V
DDQ
V
REF
/DOFF
1. Single clock mode (C and /C pins fixed High)
K, /K
Fix High (=Vddq)
General Description
Power-up and Initialization Sequence
-V
DD must be stable before K, /K clocks are applied.
- Recommended voltage application sequence : V
SS
V
DD
V
DDQ & VREF
V
IN. (0 V to VDD, VDDQ < 200 ms)
-Apply V
REF after VDDQ or at the same time as VDDQ.
- Then execute either one of the following three sequences.
1. Single Clock Mode (C and /C tied high)
- Drive /DOFF high (/DOFF can be tied high from the start).
- Then provide stable clocks (K, /K) for at least 1024 cycles (II series) or 20 us (II+ series).
These meet the QDR common specification of 20 us.
When the operating frequency is less than 180 MHz, 2048 cycles are required (II series).
2. Double Clock Mode (C and /C control outputs) (II series only)
- Drive /DOFF high (/DOFF can be tied high from the start)
- Then provide stable clocks (K, /K , C, /C) for at least 1024 cycles (II series).
This meets the QDR common specification of 20 us.
When the operating frequency is less than 180 MHz, 2048 cycles are required (II series).
3. DLL/PLL Off Mode (/DOFF tied low)
- In the "NOP and setup stage", provide stable clocks (K, /K) for at least 1024 cycles (II series) or 20 us (II+
series). These meet the QDR common specification of 20 us.
R10DS0159EJ0009


Similar Part No. - R1QKA3618CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
308Kb / 38P
   36-Mbit QDRII SRAM 4-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
310Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
R1QKA3618CB RENESAS-R1QKA3618CB Datasheet
308Kb / 38P
   36-Mbit QDRII SRAM 4-word Burst
More results

Similar Description - R1QKA3618CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q4A3636B RENESAS-R1Q4A3636B Datasheet
222Kb / 26P
   36-Mbit DDRII SRAM 2-word Burst
R1QHA3636CBG RENESAS-R1QHA3636CBG Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QBA3636CBB RENESAS-R1QBA3636CBB Datasheet
310Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QHA3636CBB RENESAS-R1QHA3636CBB Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QBA3636CBB RENESAS-R1QBA3636CBB_15 Datasheet
310Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QHA3636CBB RENESAS-R1QHA3636CBB_15 Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1Q5A3636B RENESAS-R1Q5A3636B Datasheet
334Kb / 25P
   36-Mbit DDRII SRAM 4-word Burst
R1Q4A7236ABB RENESAS-R1Q4A7236ABB_15 Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABB RENESAS-R1QBA7236ABB_15 Datasheet
895Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABG RENESAS-R1QBA7236ABG_15 Datasheet
892Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com