Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1QBA3618CB Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R1QBA3618CB
Description  36-Mbit QDR II SRAM 4-word Burst
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QBA3618CB Datasheet(HTML) 3 Page - Renesas Technology Corp

  R1QBA3618CB Datasheet HTML 1Page - Renesas Technology Corp R1QBA3618CB Datasheet HTML 2Page - Renesas Technology Corp R1QBA3618CB Datasheet HTML 3Page - Renesas Technology Corp R1QBA3618CB Datasheet HTML 4Page - Renesas Technology Corp R1QBA3618CB Datasheet HTML 5Page - Renesas Technology Corp R1QBA3618CB Datasheet HTML 6Page - Renesas Technology Corp R1QBA3618CB Datasheet HTML 7Page - Renesas Technology Corp R1QBA3618CB Datasheet HTML 8Page - Renesas Technology Corp R1QBA3618CB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
PAGE : 3
Rev. 0.10b : 2012.03.12
R1QGA36**C / R1QKA36**C Series
hinS=00000.0000.0000.0000.0000---
00000.
1111.1111.1111.1111---
00000.0000.0000.0000.0000---
036M-II+
533
500
450
400
375
333
333
300
250
200
1.875 2.00
2.22
2.50
2.66
3.00
3.00
3.30
4.00
5.00
yy
-19-20
-22-25
-27-30
-30
-33
-40-50
17
x18 R1Q A A36 18 C Bv- yy
18
x36 R1Q A A36 36 C Bv- yy
20
x18 R1Q B A36 18 C Bv- yy
21
x36 R1Q B A36 36 C Bv- yy
23
x18 R1Q C A36 18 C Bv- yy
24
x36 R1Q C A36 36 C Bv- yy
26
x18 R1Q D A36 18 C Bv- yy
27
x36 R1Q D A36 36 C Bv- yy
29
x18 R1Q E A36 18 C Bv- yy
30
x36 R1Q E A36 36 C Bv- yy
32
x18 R1Q F A36 18 C Bv- yy
33
x36 R1Q F A36 36 C Bv- yy
35
x18 R1Q G A36 18 C Bv- yy
36
x36 R1Q G A36 36 C Bv- yy
38
x18 R1Q H A36 18 C Bv- yy
39
x36 R1Q H A36 36 C Bv- yy
41
x18 R1Q J A36 18 C Bv- yy
42
x36 R1Q J A36 36 C Bv- yy
44
x18 R1Q K A36 18 C Bv- yy
45
x36 R1Q K A36 36 C Bv- yy
47
x18 R1Q L A36 18 C Bv- yy
48
x36 R1Q L A36 36 C Bv- yy
50
x18 R1Q M A36 18 C Bv- yy
51
x36 R1Q M A36 36 C Bv- yy
-25
-25
-25
-25
-25
-25
-20
-20
-22
-22
-20
-20
-20
-20
No
B4
DDRII+
QDRII+ B4
DDRII+
B2
B4
QDRII+ B4
QDRII+ B4
DDRII+
B2
B4
B4
B2
DDRII+
B4
QDRII+
-19
-19
B2
-19
-19
-19
-19
-22
-22
-22
-22
Frequency (max)
(MHz)
Cycle Time (min)
(ns)
Part Number
QDR II+ / DDR II+
QDR II / DDR II
36M QDR II+ / DDR II+ SRAM Lineup
- Renesas supports or plans to support the parts listed below.
Notes:
1. "v" represents the package size. If "v" = "G" then size is 15 x 17 mm, and if "v" = "B" then 13 x 15 mm.
2. "yy" represents the speed bin. "R1QAA3636CBG-20" can operate at 500 MHz(max) of frequency, for example.
3. The part which is not listed above is not supported, as of the day when this datasheet was issued,
in spite of the existence of the part number or datasheet.
R10DS0195EJ0010


Similar Part No. - R1QBA3618CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QBA3618CB RENESAS-R1QBA3618CB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
R1QBA3618CB RENESAS-R1QBA3618CB Datasheet
308Kb / 38P
   36-Mbit QDRII SRAM 4-word Burst
R1QBA3618CB RENESAS-R1QBA3618CB Datasheet
310Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QBA3618CB RENESAS-R1QBA3618CB Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QBA3618CB RENESAS-R1QBA3618CB Datasheet
308Kb / 38P
   36-Mbit QDRII SRAM 4-word Burst
More results

Similar Description - R1QBA3618CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMQS3A3636DGBA RENESAS-RMQS3A3636DGBA_15 Datasheet
860Kb / 30P
   36-Mbit QDR??II SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
logo
Cypress Semiconductor
CY7C1411BV18 CYPRESS-CY7C1411BV18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1411AV18 CYPRESS-CY7C1411AV18_09 Datasheet
735Kb / 31P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411BV18_0709 CYPRESS-CY7C1411BV18_0709 Datasheet
705Kb / 30P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1411JV18 CYPRESS-CY7C1411JV18_09 Datasheet
698Kb / 28P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
logo
Renesas Technology Corp
R1Q3A3636 RENESAS-R1Q3A3636 Datasheet
1Mb / 26P
   36-Mbit QDR™II SRAM 4-word Burst
RMQS3A3636DGBA RENESAS-RMQS3A3636DGBA Datasheet
860Kb / 30P
   36-Mbit QDR™ II SRAM 4-word Burst
Jan. 13, 2015
logo
Cypress Semiconductor
CY7C1411BV18 CYPRESS-CY7C1411BV18_09 Datasheet
732Kb / 30P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411AV18 CYPRESS-CY7C1411AV18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com