Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1QHA7218AB Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R1QHA7218AB
Description  72-Mbit QDR II SRAM 4-word Burst
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QHA7218AB Datasheet(HTML) 5 Page - Renesas Technology Corp

  R1QHA7218AB Datasheet HTML 1Page - Renesas Technology Corp R1QHA7218AB Datasheet HTML 2Page - Renesas Technology Corp R1QHA7218AB Datasheet HTML 3Page - Renesas Technology Corp R1QHA7218AB Datasheet HTML 4Page - Renesas Technology Corp R1QHA7218AB Datasheet HTML 5Page - Renesas Technology Corp R1QHA7218AB Datasheet HTML 6Page - Renesas Technology Corp R1QHA7218AB Datasheet HTML 7Page - Renesas Technology Corp R1QHA7218AB Datasheet HTML 8Page - Renesas Technology Corp R1QHA7218AB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
R1QAA72 / R1QDA72 Series
Rev. 0.11 : 2013.01.15
PAGE:5
R1Q3A7209 (Top) / R1QA(G)A7209 (Mid) / R1QD(K)A7209 (Bottom)
123456789
10
11
A
/CQ
SA
SA
/W
NC
/K
NC
/R
SA
SA
CQ
B
NCNCNC
SA
NC
K
/BW
SA
NCNC
Q4
C
NCNCNC
V
SS
SA
NC
SA
V
SS
NC
NC
D4
DNC
D5
NC
V
SS
V
SS
V
SS
V
SS
V
SS
NC
NC
NC
ENC
NC
Q5
V
DDQ
V
SS
V
SS
V
SS
V
DDQ
NC
D3
Q3
F
NCNCNC
V
DDQ
V
DD
V
SS
V
DD
V
DDQ
NC
NC
NC
GNC
D6
Q6
V
DDQ
V
DD
V
SS
V
DD
V
DDQ
NC
NC
NC
H/DOFF
V
REF
V
DDQ
V
DDQ
V
DD
V
SS
V
DD
V
DDQ
V
DDQ
V
REF
ZQ
J
NCNCNC
V
DDQ
V
DD
V
SS
V
DD
V
DDQ
NC
Q2
D2
K
NCNCNC
V
DDQ
V
DD
V
SS
V
DD
V
DDQ
NC
NC
NC
LNC
Q7
D7
V
DDQ
V
SS
V
SS
V
SS
V
DDQ
NC
NC
Q1
M
NCNCNC
V
SS
V
SS
V
SS
V
SS
V
SS
NC
NC
D1
NNC
D8
NC
V
SS
SA
SA
SA
V
SS
NC
NC
NC
PNC
NC
Q8
SA
SA
C
QVLD
QVLD
SA
SA
NC
D0
Q0
R
TDO
TCK
SASASA
/C
NC
ODT
SA
SA
SA
TMS
TDI
(Top View)
Notes: 1. Address expansion order for future higher density SRAMs: 10A
2A
7A
5B.
2. NC pins can be left floating or connected to 0V
V
DDQ.
Pin Arrangement
72---
Just Reference
R10DS0169EJ0011


Similar Part No. - R1QHA7218AB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QHA7218AB RENESAS-R1QHA7218AB Datasheet
827Kb / 36P
   72-Mbit QDR SRAM 2-word Burst
R1QHA7218AB RENESAS-R1QHA7218AB Datasheet
828Kb / 36P
   72-Mbit QDR II SRAM 4-word Burst
R1QHA7218AB RENESAS-R1QHA7218AB Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QHA7218AB RENESAS-R1QHA7218AB Datasheet
841Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QHA7218AB RENESAS-R1QHA7218AB Datasheet
895Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
More results

Similar Description - R1QHA7218AB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q3A7236ABG RENESAS-R1Q3A7236ABG Datasheet
828Kb / 36P
   72-Mbit QDR II SRAM 4-word Burst
logo
Cypress Semiconductor
CY7C1511KV18 CYPRESS-CY7C1511KV18_09 Datasheet
837Kb / 31P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1561KV18 CYPRESS-CY7C1561KV18 Datasheet
833Kb / 28P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
logo
Renesas Technology Corp
R1Q3A7236ABB RENESAS-R1Q3A7236ABB Datasheet
686Kb / 34P
   72-Mbit QDR™II SRAM 4-word Burst
Feb 01, 2019
logo
Cypress Semiconductor
CY7C1511V18 CYPRESS-CY7C1511V18 Datasheet
381Kb / 23P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1511JV18 CYPRESS-CY7C1511JV18 Datasheet
703Kb / 29P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C2561KV18 CYPRESS-CY7C2561KV18 Datasheet
845Kb / 29P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511KV18 CYPRESS-CY7C1511KV18_11 Datasheet
807Kb / 33P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1511AV18 CYPRESS-CY7C1511AV18 Datasheet
709Kb / 31P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1513KV18 CYPRESS-CY7C1513KV18 Datasheet
831Kb / 31P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com