Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1QHA7218AB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R1QHA7218AB
Description  72-Mbit QDR II SRAM 4-word Burst
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QHA7218AB Datasheet(HTML) 2 Page - Renesas Technology Corp

  R1QHA7218AB Datasheet HTML 1Page - Renesas Technology Corp R1QHA7218AB Datasheet HTML 2Page - Renesas Technology Corp R1QHA7218AB Datasheet HTML 3Page - Renesas Technology Corp R1QHA7218AB Datasheet HTML 4Page - Renesas Technology Corp R1QHA7218AB Datasheet HTML 5Page - Renesas Technology Corp R1QHA7218AB Datasheet HTML 6Page - Renesas Technology Corp R1QHA7218AB Datasheet HTML 7Page - Renesas Technology Corp R1QHA7218AB Datasheet HTML 8Page - Renesas Technology Corp R1QHA7218AB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
R1QAA72 / R1QDA72 Series
Rev. 0.11 : 2013.01.15
PAGE:2
Part Number Definition
Common
Part Number Definition Table
Column No.
0
1
2
3
4
5
6
7
8
9 10 11 - 12 13 14 15 16
Example
R1 Q A A7
2
1
8A B B
-
1
9R B0
The above part number is just example for 72M QDRII+ B4 x18 533MHz, 13x15mm PKG, Pb-free part.
No.
-
Comments
No.
-
Comments
No.
-
Comments
0-1
R1
Renesas Memory Prefix
4
A
Vdd = 1.8 V
60
Frequency = 167MHz
Q2
QDR II B2
[*1]
(L15)
[*2]
36
Density = 36Mb
50
Frequency = 200MHz
Q3
QDR II B4
(L15)
72
Density = 72Mb
40
Frequency = 250MHz
Q4
DDR II B2
(L15)
44
Density = 144Mb
36
Frequency = 275MHz
Q5
DDR II B4
(L15)
88
Density = 288Mb
33
Frequency = 300MHz
Q6
DDR II B2 SIO
[*3]
(L15)
09
Data width = 9bit
30
Frequency = 333MHz
QA
QDR II+ B4 L25
[*2]
18
Data width = 18bit
27
Frequency = 375MHz
QB
DDR II+ B2 L25
36
Data width = 36bit
25
Frequency = 400MHz
QC
DDR II+ B4 L25
R
1st Generation
22
Frequency = 450MHz
QD
QDR II+ B4 L25 w/ODT
[*4]
A
2nd Generation
20
Frequency = 500MHz
QE
DDR II+ B2 L25 w/ODT
B
3rd Generation
19
Frequency = 533MHz
QF
DDR II+ B4 L25 w/ODT
C
4th Generation
18
Frequency = 550MHz
QG
QDR II+ B4 L20
D
5th Generation
QH
DDR II+ B2 L20
E
6th Generation
QJ
DDR II+ B4 L20
F
7th Generation
QK
QDR II+ B4 L20 w/ODT
BG
PKG= BGA 15x17 mm
QL
DDR II+ B2 L20 w/ODT
BB
PKG= BGA 13x15 mm
A
Pb-and Tray
QM
DDR II+ B4 L20 w/ODT
B
Pb-free and Tray
QN
QDR II+ B2 L20
TPb-and Tape&Reel
QP
QDR II+ B2 L20 w/ODT
S
Pb-free and Tape&Reel
Note1:
[*1] B=Burst length (B2: Burst length=2, B4: Burst length=4)
[*2] L=Read Latency (L15: Read Latency = 1.5 cycle, L20: 2.0 cycle, L25: 2.5 cycle)
[*3] SIO=Separate I/O
[*4] ODT=On die termination
Note2:
Package Marking Name
Pb-parts: Marking Name = Part Number(0-14)
Pb-free parts: Marking Name = Part Number(0-14) + "PB-F"
(Example) R1QAA4436RBG-20R Pb-F
----- Pb-parts
(Example) R1QAA4436RBG-20R PB-F
----- Pb-free parts
Note3:
Pb-free: RoHS Compliance Level = 5/6
Pb-free: RoHS Compliance Level = 6/6
Note4:
R1Q*A series support both "Commercial" and "Industrial" temperatures
by "Industrial" temperature parts.
R
Commercial temp.
Ta range = 0
to 70
12-13
14
2-3
5-6
7-8
9
-
16
0 to 9,
A to Z
or None
Renesas internal use
10-11
--
-
-
Industrial temp.
Ta range = -40
to 85
I
15
R10DS0169EJ0011


Similar Part No. - R1QHA7218AB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QHA7218AB RENESAS-R1QHA7218AB Datasheet
827Kb / 36P
   72-Mbit QDR SRAM 2-word Burst
R1QHA7218AB RENESAS-R1QHA7218AB Datasheet
828Kb / 36P
   72-Mbit QDR II SRAM 4-word Burst
R1QHA7218AB RENESAS-R1QHA7218AB Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QHA7218AB RENESAS-R1QHA7218AB Datasheet
841Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QHA7218AB RENESAS-R1QHA7218AB Datasheet
895Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
More results

Similar Description - R1QHA7218AB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q3A7236ABG RENESAS-R1Q3A7236ABG Datasheet
828Kb / 36P
   72-Mbit QDR II SRAM 4-word Burst
logo
Cypress Semiconductor
CY7C1511KV18 CYPRESS-CY7C1511KV18_09 Datasheet
837Kb / 31P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1561KV18 CYPRESS-CY7C1561KV18 Datasheet
833Kb / 28P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
logo
Renesas Technology Corp
R1Q3A7236ABB RENESAS-R1Q3A7236ABB Datasheet
686Kb / 34P
   72-Mbit QDR™II SRAM 4-word Burst
Feb 01, 2019
logo
Cypress Semiconductor
CY7C1511V18 CYPRESS-CY7C1511V18 Datasheet
381Kb / 23P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1511JV18 CYPRESS-CY7C1511JV18 Datasheet
703Kb / 29P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C2561KV18 CYPRESS-CY7C2561KV18 Datasheet
845Kb / 29P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511KV18 CYPRESS-CY7C1511KV18_11 Datasheet
807Kb / 33P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1511AV18 CYPRESS-CY7C1511AV18 Datasheet
709Kb / 31P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1513KV18 CYPRESS-CY7C1513KV18 Datasheet
831Kb / 31P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com